Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX25L512EMI-10G Datasheet(PDF) 8 Page - Macronix International

Part # MX25L512EMI-10G
Description  512K-BIT [x 1/x 2] CMOS SERIAL FLASH
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L512EMI-10G Datasheet(HTML) 8 Page - Macronix International

Back Button MX25L512EMI-10G Datasheet HTML 4Page - Macronix International MX25L512EMI-10G Datasheet HTML 5Page - Macronix International MX25L512EMI-10G Datasheet HTML 6Page - Macronix International MX25L512EMI-10G Datasheet HTML 7Page - Macronix International MX25L512EMI-10G Datasheet HTML 8Page - Macronix International MX25L512EMI-10G Datasheet HTML 9Page - Macronix International MX25L512EMI-10G Datasheet HTML 10Page - Macronix International MX25L512EMI-10G Datasheet HTML 11Page - Macronix International MX25L512EMI-10G Datasheet HTML 12Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
8
P/N: PM1669
REV. 1.1, FEB. 10, 2012
MX25L512E
DATA PROTECTION
MX25L512E is designed to offer protection against accidental erasure or programming caused by spurious system
level signals that may exist during power transition. During power up the device automatically resets the state ma-
chine in the standby mode. In addition, with its control register architecture, alteration of the memory contents only
occurs after successful completion of specific command sequences. The device also incorporates several features
to prevent inadvertent write cycles resulting from VCC power-up and power-down transition or system noise.
Valid command length checking: The command length will be checked whether it is at byte base and com-
pleted on byte boundary.
Write Enable (WREN) command: WREN command is required to set the Write Enable Latch bit (WEL) before
other command to change data. The WEL bit will return to reset stage under following situation:
- Power-up
- Write Disable (WRDI) command completion
- Write Status Register (WRSR) command completion
- Page Program (PP) command completion
- Sector Erase (SE) command completion
- Block Erase (BE) command completion
- Chip Erase (CE) command completion
Software Protection Mode (SPM): by using BP0-BP1 bits to set the part of Flash protected from data change.
Hardware Protection Mode (HPM): by using WP# going low to protect the BP0-BP1 bits and SRWD bit from
data change.
Deep Power Down Mode: By entering deep power down mode, the flash device also is under protected from
writing all commands except Release from Deep Power-down mode command (RDP) and Read Electronic Sig-
nature command (RES).


Similar Part No. - MX25L512EMI-10G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L512EMI-10G MCNIX-MX25L512EMI-10G Datasheet
1Mb / 91P
   512K-BIT [x 1/x 2] CMOS SERIAL NOR FLASH MEMORY
More results

Similar Description - MX25L512EMI-10G

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPR25L005E GENERALPLUS-GPR25L005E Datasheet
855Kb / 38P
   512K-Bit [x 1/x 2] CMOS Serial Flash
logo
Macronix International
MX25V512E MCNIX-MX25V512E Datasheet
929Kb / 43P
   512K-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25L512 MCNIX-MX25L512 Datasheet
1Mb / 39P
   512K-BIT [x 1] CMOS SERIAL FLASH
MX25L512EZUI-10G MCNIX-MX25L512EZUI-10G Datasheet
1Mb / 91P
   512K-BIT [x 1/x 2] CMOS SERIAL NOR FLASH MEMORY
MX25V512C MCNIX-MX25V512C Datasheet
2Mb / 44P
   512K-BIT [x 1] 2.5V CMOS SERIAL FLASH
MX25V512 MCNIX-MX25V512 Datasheet
449Kb / 38P
   512K-BIT [x 1] 2.5V CMOS SERIAL FLASH
MX25U1001E MCNIX-MX25U1001E Datasheet
951Kb / 42P
   512K-BIT [x 1/x 4] CMOS MXSMIO??SERIAL FLASH MEMORY
MX25L6406E MCNIX-MX25L6406E Datasheet
1Mb / 60P
   64M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3206EM2 MCNIX-MX25L3206EM2 Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3206EZUI-12G MCNIX-MX25L3206EZUI-12G Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com