Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC125 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # HC125
Description  Quad Buffer with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HC125 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  HC125 Datasheet HTML 1Page - Fairchild Semiconductor HC125 Datasheet HTML 2Page - Fairchild Semiconductor HC125 Datasheet HTML 3Page - Fairchild Semiconductor HC125 Datasheet HTML 4Page - Fairchild Semiconductor HC125 Datasheet HTML 5Page - Fairchild Semiconductor HC125 Datasheet HTML 6Page - Fairchild Semiconductor HC125 Datasheet HTML 7Page - Fairchild Semiconductor HC125 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2005 Fairchild Semiconductor Corporation
DS011632
www.fairchildsemi.com
August 1993
Revised February 2005
74VHC125
Quad Buffer with 3-STATE Outputs
General Description
The VHC125 contains four independent non-inverting buff-
ers with 3-STATE outputs. It is an advanced high-speed
CMOS device fabricated with silicon gate CMOS technol-
ogy and achieves the high-speed operation similar to
equivalent Bipolar Schottky TTL while maintaining the
CMOS low power dissipation.
An input protection circuit insures that 0V to 7V can be
applied to the input pins without regard to the supply volt-
age. This device can be used to interface 5V to 3V systems
and two supply systems such as battery backup. This cir-
cuit prevents device destruction due to mismatched supply
and input voltages.
Features
s High Speed: tPD 3.8 ns (typ) at VCC 5V
s Lower power dissipation: ICC 4 PA (max) at TA 25qC
s High noise immunity: VNIH VNIL 28% VCC (min)
s Power down protection is provided on all inputs
s Low noise: VOLP 0.8V (max)
s Pin and function compatible with 74HC125
Ordering Code:
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Pb-Free package per JEDED J-STD-020B.
Note 1: “_NL” indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Order Number
Package
Package Description
Number
74VHC125M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74VHC125MX_NL
(Note 1)
M14A
Pb-Free 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74VHC125SJ
M14D
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHC125MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74VHC125MTCX_NL
(Note 1)
MTC14
Pb-Free 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
74VHC125N
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


Similar Part No. - HC125

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HC125 PHILIPS-HC125 Datasheet
78Kb / 16P
   Quad buffer/line driver; 3-state
1999 Sep 27
logo
STMicroelectronics
HC125 STMICROELECTRONICS-HC125 Datasheet
61Kb / 8P
   QUAD BUS BUFFERS 3-STATE
June 1999
logo
Texas Instruments
HC125 TI-HC125 Datasheet
36Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Quad Buffer, Three-State
logo
Toshiba Semiconductor
HC125 TOSHIBA-HC125 Datasheet
243Kb / 7P
   QUAD BUS BUFFER
logo
System Logic Semiconduc...
HC125 SLS-HC125 Datasheet
45Kb / 5P
   Quad 3-State Noninverting Buffers
More results

Similar Description - HC125

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC125 FAIRCHILD-74VHC125_07 Datasheet
198Kb / 9P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74VHC125 ONSEMI-74VHC125 Datasheet
225Kb / 9P
   Quad Buffer with 3-STATE Outputs
December 2007 Rev. 1.4.0
logo
Fairchild Semiconductor
74ABT125CSCX FAIRCHILD-74ABT125CSCX Datasheet
284Kb / 8P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
MC74AC125 ONSEMI-MC74AC125 Datasheet
92Kb / 8P
   Quad Buffer with 3-State Outputs
May, 2001 ??Rev. 5
logo
Fairchild Semiconductor
74AC125MTCX FAIRCHILD-74AC125MTCX Datasheet
310Kb / 10P
   Quad Buffer with 3-STATE Outputs
74AC125 FAIRCHILD-74AC125_08 Datasheet
309Kb / 10P
   Quad Buffer with 3-STATE Outputs
logo
Unisonic Technologies
U74ACT125 UTC-U74ACT125 Datasheet
174Kb / 6P
   QUAD BUFFER WITH 3-STATE OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT125 AVG-DV74ACT125 Datasheet
279Kb / 4P
   Quad Buffer with 3-State Outputs
logo
Fairchild Semiconductor
74ABT125 FAIRCHILD-74ABT125 Datasheet
69Kb / 6P
   Quad Buffer with 3-STATE Outputs
logo
Unisonic Technologies
U74ACT125 UTC-U74ACT125_15 Datasheet
174Kb / 6P
   QUAD BUFFER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC74AC126 MOTOROLA-MC74AC126 Datasheet
150Kb / 5P
   Quad Buffer With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com