Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC161N Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74VHC161N
Description  4-Bit Binary Counter with Asynchronous Clear
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC161N Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 74VHC161N Datasheet HTML 2Page - Fairchild Semiconductor 74VHC161N Datasheet HTML 3Page - Fairchild Semiconductor 74VHC161N Datasheet HTML 4Page - Fairchild Semiconductor 74VHC161N Datasheet HTML 5Page - Fairchild Semiconductor 74VHC161N Datasheet HTML 6Page - Fairchild Semiconductor 74VHC161N Datasheet HTML 7Page - Fairchild Semiconductor 74VHC161N Datasheet HTML 8Page - Fairchild Semiconductor 74VHC161N Datasheet HTML 9Page - Fairchild Semiconductor 74VHC161N Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.fairchildsemi.com
6
AC Operating Requirements
Note 5: VCC is 3.3 ± 0.3V or 5.0 ± 0.5V
Symbol
Parameter
VCC
(Note 5)
(V)
TA = 25°CTA = −40°C to +85°C
Units
Typ
Guaranteed Minimum
tS
Minimum Setup Time
3.3
5.5
6.5
ns
(Pn–CP)
5.0
4.5
4.5
tS
Minimum Setup Time
3.3
8.0
9.5
ns
(PE –CP)
5.0
5.0
6.0
tS
Minimum Setup Time
3.3
7.5
9.0
ns
(CEP or CET–CP)
5.0
5.0
6.0
tH
Minimum Hold Time
3.3
1.0
1.0
ns
(Pn–CP)
5.0
1.0
1.0
tH
Minimum Hold Time
3.3
1.0
1.0
ns
(PE –CP)
5.0
1.0
1.0
tH
Minimum Hold Time
3.3
1.0
1.0
ns
(CEP or CET–CP)
5.0
1.0
1.0
tW(L)
Minimum Pulse Width
3.3
5.0
5.0
ns
tW(H)
CP (Count)
5.0
5.0
5.0
tW(L)
Minimum Pulse Width
3.3
5.0
5.0
ns
(MR)5.0
5.0
5.0
tREC
Minimum Removal
3.3
2.5
2.5
ns
Time
5.0
1.5
1.5


Similar Part No. - 74VHC161N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC161284 FAIRCHILD-74VHC161284 Datasheet
205Kb / 11P
   IEEE 1284 Transceiver
74VHC161284MEA FAIRCHILD-74VHC161284MEA Datasheet
205Kb / 11P
   IEEE 1284 Transceiver
74VHC161284MEAX FAIRCHILD-74VHC161284MEAX Datasheet
205Kb / 11P
   IEEE 1284 Transceiver
74VHC161284MTD FAIRCHILD-74VHC161284MTD Datasheet
205Kb / 11P
   IEEE 1284 Transceiver
74VHC161284MTDX FAIRCHILD-74VHC161284MTDX Datasheet
205Kb / 11P
   IEEE 1284 Transceiver
More results

Similar Description - 74VHC161N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF40161B STMICROELECTRONICS-HCF40161B Datasheet
288Kb / 14P
   SYNCHRONOUS PROGRAMMABLE 4-BIT BINARY COUNTER WITH ASYNCHRONOUS CLEAR
logo
Fairchild Semiconductor
MM74HC161 FAIRCHILD-MM74HC161_03 Datasheet
108Kb / 9P
   Synchronous Binary Counter with Asynchronous Clear Synchronous Binary Counter with Synchronous Clear
MM74HC161 FAIRCHILD-MM74HC161 Datasheet
85Kb / 8P
   Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
logo
Texas Instruments
74ACT11867 TI1-74ACT11867 Datasheet
188Kb / 11P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN BINARY COUNTER WITH ASYNCHRONOUS CLEAR
logo
Fairchild Semiconductor
74VHC163 FAIRCHILD-74VHC163 Datasheet
123Kb / 10P
   4-Bit Binary Counter with Synchronous Clear
DM74AS161 FAIRCHILD-DM74AS161 Datasheet
72Kb / 7P
   Synchronous 4-Bit Counter with Asynchronous Clear . Synchronous 4-Bit Counter
logo
Texas Instruments
74ACT11867 TI1-74ACT11867_13 Datasheet
188Kb / 11P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN BINARY COUNTER WITH ASYNCHRONOUS CLEAR
logo
NXP Semiconductors
HEF40161B PHILIPS-HEF40161B Datasheet
152Kb / 10P
   4-bit synchronous binary counter with asynchronous reset
January 1995
logo
Hitachi Semiconductor
HD74LV163A HITACHI-HD74LV163A Datasheet
77Kb / 19P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Renesas Technology Corp
HD74LV163A RENESAS-HD74LV163A_15 Datasheet
131Kb / 17P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com