Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC2106ASG66 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MPC2106ASG66
Description  512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC2106ASG66 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MPC2106ASG66 Datasheet HTML 3Page - Motorola, Inc MPC2106ASG66 Datasheet HTML 4Page - Motorola, Inc MPC2106ASG66 Datasheet HTML 5Page - Motorola, Inc MPC2106ASG66 Datasheet HTML 6Page - Motorola, Inc MPC2106ASG66 Datasheet HTML 7Page - Motorola, Inc MPC2106ASG66 Datasheet HTML 8Page - Motorola, Inc MPC2106ASG66 Datasheet HTML 9Page - Motorola, Inc MPC2106ASG66 Datasheet HTML 10Page - Motorola, Inc MPC2106ASG66 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MPC2105A
•MPC2106A•MPC2105B•MPC2106B
7
MOTOROLA FAST SRAM
DC OPERATING CONDITIONS AND CHARACTERISTICS
(VCC = 5.0 V ± 5%, VDD = 3.3 V ± 10%, TA = 0 to + 70°C, Unless Otherwise Noted)
RECOMMENDED OPERATING CONDITIONS (Voltages referenced to VSS = 0 V)
Parameter
Symbol
Min
Max
Unit
Supply Voltage (Operating Voltage Range)
VCC
VDD
4.75
3.00
5.25
3.60
V
Input High Voltage
VIH
2.2
VDD + 0.3**
V
Input Low Voltage
VIL
– 0.5*
0.8
V
*VIL (min) = – 0.5 V dc; VIL (min) = – 2.0 V ac (pulse width ≤ 20 ns) for I ≤ 20.0 mA.
** VIH (max) = VDD + 0.3 V dc; VIH (max) = VDD + 2.0 V ac (pulse width ≤ 20 ns) for I ≤ 20.0 mA.
DC CHARACTERISTICS
Parameter
Symbol
Min
Max
Unit
Input Leakage Current (All Inputs, Vin = 0 to VDD)
Data RAM
Tag
Ilkg(I)
± 1.0
± 5.0
µA
Output Leakage Current (CG = VIH, Vout = 0 to VDD)
Data RAM
Tag
Ilkg(O)
± 1.0
± 5.0
µA
TTL Output Low Voltage (IOL = + 8.0 mA)
VOL
0.4
V
TTL Output High Voltage (IOH = – 4.0 mA)
VOH
2.4
V
POWER SUPPLY CURRENTS
Parameter
Symbol
Max
Unit
AC Supply Current (CG = VIH, E = VIL, Iout = 0 mA, All Inputs = VIL and VIH,
VIL = 0.0 V and VIH ≥ 3.0 V, Cycle Time ≥ 20 ns)
MPC2105A/B
MPC2106A/B
IDDA
900
1800
mA
MPC2105A/B
MPC2106A/B
ICCA
320
640
mA
AC Standby Current (E = VIH, Iout = 0 mA, All Inputs = VIL or VIH
VIL = 0.0 V and VIH ≥ 3.0 V, Cycle Time ≥ 20 ns)
MPC2105A/B
MPC2106A/B
ISB1(VDD)
440
880
mA
MPC2105A/B
MPC2106A/B
ISB1(VCC)
320
640
mA
CAPACITANCE (f = 1.0 MHz, dV = 3.0 V, TA = 25°C, Periodically Sampled Rather Than 100% Tested)
Parameter
Symbol
Typ
Max
Unit
Input Capacitance
(A13 – A28)
(Data RAM Control Pins)
(CLK0 – CLK4)
(Tag Control Pins)
Cin
16
8
15
20
10
5
pF
Tag Output Capacitance
(MATCH, DIRTYOUT)
Cout
7
pF
Data RAM Input/Output Capacitance
(DH0 – DH31, DL0 – DL31)
CI/O
6
8
pF
Tag Input/Output Capacitance
(A0 – A11)
CI/O
7
pF


Similar Part No. - MPC2106ASG66

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC2106CDG66 MOTOROLA-MPC2106CDG66 Datasheet
229Kb / 18P
   512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2106SG66 MOTOROLA-MPC2106SG66 Datasheet
228Kb / 24P
   256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
More results

Similar Description - MPC2106ASG66

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC2105C MOTOROLA-MPC2105C Datasheet
229Kb / 18P
   512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104P MOTOROLA-MPC2104P Datasheet
158Kb / 16P
   256KB/512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2004 MOTOROLA-MPC2004 Datasheet
84Kb / 6P
   256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104 MOTOROLA-MPC2104 Datasheet
228Kb / 24P
   256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2002 MOTOROLA-MPC2002 Datasheet
234Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BB32 MOTOROLA-MCM72BB32 Datasheet
252Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CF32 MOTOROLA-MCM72CF32 Datasheet
259Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BF32 MOTOROLA-MCM72BF32 Datasheet
253Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB32 MOTOROLA-MCM72CB32 Datasheet
260Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com