Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C9041A Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C9041A
Description  3C 16 AWG 19/.0117 TC PVC / PVC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C9041A Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C9041A Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Revision Date:
A.
B.
C.
D.
3
WHITE
1
BLACK
2
RED
Mutual Capacitance:
27.4 pF/ft. @ 1 kHz Nom
COLOR CODE
ITEM
COLOR
ELECTRICAL PROPERTIES
Temperature:
CM/CMG: 105C, AWM: 80C
Suggested Working Voltage:
300V
Conductor DCR:
4.19 Ohms/M' @ 20°C
UL Standard 444
Type CM
UL Standard 758
AWM Style 2464
CSA International
Type CMG
Print Legend:
CAROL® EXZEL™ -- C9041A -- 3C 16 AWG
E105765-H (UL) TYPE CM 105C OR AWM 2464 80C 300V
VW-1 --- LL69381 CSA TYPE CMG 105C FT4 -- CE --
-- ROHS -- MADE IN USA
(DATE CODE) (TRUMARK SEQUENTIAL FOOTAGE)
INDUSTRY APPROVALS
National Electrical Code
Article 800
Cable Core:
Cable 3/C @ 3.00`" LHL w/ clear polyester wrap, 100% coverage
.194" Nom
Jacket:
".032"" Polyvinyl Chloride (PVC) jacket
Ripcord under Jacket"
.258" Nom
CONSTRUCTION
DIAMETERS
Conductor:
#16 AWG 19/.0117 Tinned Copper
.056" Nom
Insulation:
.016" Polyvinyl Chloride (PVC)
.088" Nom
Product Data Sheet
Part Number:
C9041
9/4/2012
3C 16 AWG 19/.0117 TC PVC / PVC
Note: Data subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - C9041A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C9042A GENERAL-C9042A Datasheet
71Kb / 1P
   4C 16 AWG 19/.0117 TC PVC / PVC
C9043A GENERAL-C9043A Datasheet
71Kb / 1P
   6C 16 AWG 19/.0117 TC PVC / PVC
C9044A GENERAL-C9044A Datasheet
71Kb / 1P
   8C 16 AWG 19/.0117 TC PVC / PVC
C9045A GENERAL-C9045A Datasheet
71Kb / 1P
   10C 16 AWG 19/.0117 TC PVC / PVC
logo
Hamamatsu Corporation
C9047 HAMAMATSU-C9047 Datasheet
157Kb / 4P
   Designed for back-thinned CCD area image sensors
More results

Similar Description - C9041A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C9140A GENERAL-C9140A Datasheet
71Kb / 1P
   3C 16 AWG 19/.0117 TC PVC / OAS / PVC
C9039A GENERAL-C9039A Datasheet
71Kb / 1P
   2C 16 AWG 19/.0117 TC PVC / PVC
C9044A GENERAL-C9044A Datasheet
71Kb / 1P
   8C 16 AWG 19/.0117 TC PVC / PVC
C9042A GENERAL-C9042A Datasheet
71Kb / 1P
   4C 16 AWG 19/.0117 TC PVC / PVC
C9043A GENERAL-C9043A Datasheet
71Kb / 1P
   6C 16 AWG 19/.0117 TC PVC / PVC
C9045A GENERAL-C9045A Datasheet
71Kb / 1P
   10C 16 AWG 19/.0117 TC PVC / PVC
C9138A GENERAL-C9138A Datasheet
71Kb / 1P
   2C 16 AWG 19/.0117 TC PVC / OAS / PVC
C9144A GENERAL-C9144A Datasheet
71Kb / 1P
   8C 16 AWG 19/.0117 TC PVC / OAS / PVC
C9145A GENERAL-C9145A Datasheet
71Kb / 1P
   10C 16 AWG 19/.0117 TC PVC / OAS / PVC
C9143A GENERAL-C9143A Datasheet
71Kb / 1P
   6C 16 AWG 19/.0117 TC PVC / OAS / PVC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com