Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC221AM Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74VHC221AM
Description  Dual Non-Retriggerable Monostable Multivibrator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC221AM Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74VHC221AM Datasheet HTML 1Page - Fairchild Semiconductor 74VHC221AM Datasheet HTML 2Page - Fairchild Semiconductor 74VHC221AM Datasheet HTML 3Page - Fairchild Semiconductor 74VHC221AM Datasheet HTML 4Page - Fairchild Semiconductor 74VHC221AM Datasheet HTML 5Page - Fairchild Semiconductor 74VHC221AM Datasheet HTML 6Page - Fairchild Semiconductor 74VHC221AM Datasheet HTML 7Page - Fairchild Semiconductor 74VHC221AM Datasheet HTML 8Page - Fairchild Semiconductor 74VHC221AM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 2)
Note 1: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. The databook specifica-
tions should be met, without exception, to ensure that the system design is
reliable over its power supply, temperature, and output/input loading vari-
ables. Fairchild does not recommended operation outside data book speci-
fications.
Note 2: Unused inputs must be used HIGH or LOW. They may not float.
Note 3: The maximum allowable values of Cx and Rx are a function of the
leakage of capacitor Cx, the leakage of the device, and leakage due to
board layout and surface resistance.
Susceptibility to externally induced noise signals may occur for Rx
> 1MΩ.
DC Electrical Characteristics
Note 4: Per Circuit
Supply Voltage (VCC)
−0.5V to +7.0V
DC Input Voltage (VIN)
−0.5V to +7.0V
DC Output Voltage (VOUT)
−0.5 to V
CC +0.5V
Input Diode Current (IIK)
−20 mA
Output Diode Current (IOK)
±20 mA
DC Output Current (IOUT)
±25 mA
DC VCC/Current (ICC)
±50 mA
Storage Temperature (TSTG)
−65°C to 150°C
Lead Temperature (TL)
Soldering, 10 seconds
260
°C
Supply Voltage (VCC)2.0V to +5.5V
Input Voltage (VIN)0V to +5.5V
Output Voltage (VOUT)0V to VCC
Operating Temperature
(Topr)
−40° to +85°C
Input Rise and Fall Time
(tr, tf) (CLR only)
VCC = 3.3V ±0.3V
0
∼ 100 ns/V
VCC = 5.0V ±0.5V
0
∼ 20 ns/V
External Capacitor - Cx
No Limitation (Note 3) F
External Resistor - Rx
>5 kΩ (Note 3) (V
CC = 2.0V)
>1 kΩ (Note 3) (V
CC > 3.0V)
Symbol
Parameter
VCC
(V)
TA = 25°CTA = −40° to 85°C
Units
Conditions
Min
Typ
Max
Min
Max
VIH
HIGH Level
2.0
1.50
1.50
V
Input Voltage
3.0
− 5.5
0.7 VCC
0.7 VCC
VIL
LOW Level
2.0
0.50
0.50
V
Input Voltage
3.0
− 5.5
0.3 VCC
0.3 VCC
VOH
HIGH Level
2.0
1.9
2.0
1.9
VIN = VIH IOH = −50 µA
Output Voltage
3.0
2.9
3.0
2.9
V
or VIL
4.5
4.4
4.5
4.4
3.0
2.58
2.48
V
IOH = −4 mA
4.5
3.94
3.80
IOH = −8 mA
VOL
LOW Level
2.0
0.0
0.1
0.1
V
VIN = VIH IOL = 50 µA
Output Voltage
3.0
0.0
0.1
0.1
or VIL
4.5
0.0
0.1
0.1
3.0
0.36
0.44
IOL = 4 mA
4.5
0.36
0.44
IOL = 8 mA
IIN
Input Leakage Current
0
− 5.5
±0.1
±1.0
µAV
IN = 5.5V or GND
IIN
Rx/Cx Terminal
5.5
±0.25
±2.50
µAV
IN = VCC or GND
Off-State Current
ICC
Quiescent Supply Current
5.5
4.0
40.0
µAV
IN = VCC or GND
ICC
Active—State (Note 4)
3.0
160
250
280
VIN = VCC or GND
Supply Current
4.5
380
500
650
µA
Rx/Cx
= 0.5 V
CC
5.5
560
750
975


Similar Part No. - 74VHC221AM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC221AM FAIRCHILD-74VHC221AM Datasheet
464Kb / 12P
   Dual Non-Retriggerable Monostable Multivibrator
74VHC221AMTC FAIRCHILD-74VHC221AMTC Datasheet
464Kb / 12P
   Dual Non-Retriggerable Monostable Multivibrator
74VHC221AMTC FAIRCHILD-74VHC221AMTC_07 Datasheet
464Kb / 12P
   Dual Non-Retriggerable Monostable Multivibrator
74VHC221AMX FAIRCHILD-74VHC221AMX Datasheet
464Kb / 12P
   Dual Non-Retriggerable Monostable Multivibrator
74VHC221AM FAIRCHILD-74VHC221AM_07 Datasheet
464Kb / 12P
   Dual Non-Retriggerable Monostable Multivibrator
More results

Similar Description - 74VHC221AM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC221AMX FAIRCHILD-74VHC221AMX Datasheet
464Kb / 12P
   Dual Non-Retriggerable Monostable Multivibrator
MM74HC221A FAIRCHILD-MM74HC221A_04 Datasheet
120Kb / 9P
   Dual Non-Retriggerable Monostable Multivibrator
74VHC221A FAIRCHILD-74VHC221A_07 Datasheet
464Kb / 12P
   Dual Non-Retriggerable Monostable Multivibrator
MM74HC221A FAIRCHILD-MM74HC221A Datasheet
108Kb / 9P
   Dual Non-Retriggerable Monostable Multivibrator
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
   Dual Retriggerable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com