Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9540 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9540
Description  Computer Cable for EIA RS-232 Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9540 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9540 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9540 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9540 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
9540 Non-Paired - Computer Cable for EIA RS-232 Applications
For more information please
call
1-800-Belden1
See Put-ups and Colors
Related Documents : No. 1.pdf
Description:
24 AWG stranded (7x32) tinned copper conductors, conductors cabled, semi-rigid PVC insulation, overall Beldfoil® shield (100%
coverage), 24 AWG stranded tinned copper drain wire, PVC jacket.
PHYSICAL CHARACTERISTICS:
CONDUCTOR:
Number of Conductors
10
Total Number of Conductors
10
AWG
24
Stranding
7x32
Conductor Material
TC - Tinned Copper
INSULATION:
Insulation Material
PVC - Polyvinyl Chloride
Nom. Insulation Wall Thickness
.010 in.
OVERALL CABLING:
Overall Cabling Lay Length
2.125 in.
Overall Cabling Color Code Chart :
Number
Color
1
Black
2
White
3
Red
4
Green
5
Brown
Number
Color
6
Blue
7
Orange
8
Yellow
9
Purple
10
Gray
OUTER SHIELD:
Outer Shield Material Trade Name
Beldfoil®
Outer Shield Material
Aluminum Foil-Polyester Tape
Outer Shield %Coverage
100 %
Outer Shield Drain Wire AWG
24
Outer Shield Drain Wire Stranding
7x32
Outer Shield Drain Wire Conductor Material
TC - Tinned Copper
Page 1 of 3


Similar Part No. - 9540

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9540 BELDEN-9540 Datasheet
253Kb / 2P
   RS232, #24-10c, SR-PVC, O/A Foil, PVC Jkt, CMG
logo
Keystone Electronics Co...
9540 KEYSTONE-9540 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
More results

Similar Description - 9540

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9541 ETC1-9541 Datasheet
33Kb / 3P
   Computer Cable for EIA RS-232 Applications
9507 ETC1-9507 Datasheet
33Kb / 3P
   Computer Cable for EIA RS-232 Applications
9508 ETC1-9508 Datasheet
33Kb / 3P
   Computer Cable for EIA RS-232 Applications
9505 ETC2-9505 Datasheet
33Kb / 3P
   Computer Cable for EIA RS-232 Applications
9509 ETC2-9509 Datasheet
38Kb / 3P
   Computer Cable for EIA RS-232 Applications
9502 ETC2-9502 Datasheet
33Kb / 3P
   Computer Cable for EIA RS-232 Applications
9501 ETC2-9501 Datasheet
32Kb / 3P
   Computer Cable for EIA RS-232 Applications
9515 ETC1-9515 Datasheet
33Kb / 3P
   Computer Cable for EIA RS-232 Applications
9536 ETC2-9536 Datasheet
33Kb / 3P
   Computer Cable for EIA RS-232 Applications
9537 ETC1-9537 Datasheet
33Kb / 3P
   Computer Cable for EIA RS-232 Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com