Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDJ33A Datasheet(PDF) 3 Page - Protek Devices

Part # SMDJ33A
Description  3000 Watt TVS Comp onent
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SMDJ33A Datasheet(HTML) 3 Page - Protek Devices

  SMDJ33A Datasheet HTML 1Page - Protek Devices SMDJ33A Datasheet HTML 2Page - Protek Devices SMDJ33A Datasheet HTML 3Page - Protek Devices SMDJ33A Datasheet HTML 4Page - Protek Devices SMDJ33A Datasheet HTML 5Page - Protek Devices SMDJ33A Datasheet HTML 6Page - Protek Devices SMDJ33A Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05413.R0 5/13
Page 3
SMDJ14A - SMDJ33CA
tyPiCAl DeViCe ChARACteRiStiCS
FiGuRe 1
PeAk PulSe PoWeR VS PulSe tiMe
t
d - Pulse Duration - µs
3kW, 10/1000µs
Waveform
0.1
1
10
100
1,000
10,000
100,000
0.1
1
10
100
Peak Pulse Power
10/1000µs
FiGuRe 3
PoWeR DeRAtinG CuRVe
t
A - Ambient temperature - °C
0
25
50
75
100
125
150
0
20
40
60
80
100
FiGuRe 2
PulSe WAVeFoRM
t
f
Peak Value I
PP
TEST
WAVEFORM
PARAMETERS
t
f = 10µs
t
d = 1000µs
t
d = t/(IPP/2)
e-t
0
1
2
3
t - time - ms
0
50
100


Similar Part No. - SMDJ33A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMDJ33A ETC1-SMDJ33A Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
First Silicon Co., Ltd
SMDJ33A FS-SMDJ33A Datasheet
593Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 440V
logo
Nanjing International G...
SMDJ33A DGNJDZ-SMDJ33A Datasheet
102Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Microdiode Electronics ...
SMDJ33A CHENDA-SMDJ33A Datasheet
3Mb / 5P
   5.0-170 Volts Peak pulse power: 3000 Watts
logo
MDE Semiconductor, Inc.
SMDJ33A MDE-SMDJ33A Datasheet
118Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMDJ33A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM25DF25K33 PROTEC-PAM25DF25K33 Datasheet
515Kb / 6P
   5000 watt TVS Comp onent
SM3KW08A PROTEC-SM3KW08A Datasheet
482Kb / 6P
   3000 WATT TVS COMPONENT
SM3KW24A PROTEC-SM3KW24A Datasheet
505Kb / 6P
   3000 WATT TVS COMPONENT
PAM07DF23K24 PROTEC-PAM07DF23K24 Datasheet
507Kb / 6P
   3000 WATT TVS COMPONENT
logo
Shanghai Leiditech Elec...
3KP6.5A LEIDITECH-3KP6.5A Datasheet
344Kb / 3P
   3000 Watt Peak Power
3KP10A LEIDITECH-3KP10A Datasheet
344Kb / 3P
   3000 Watt Peak Power
logo
Bel Fuse Inc.
PFE3000-12-069RA BEL-PFE3000-12-069RA Datasheet
2Mb / 27P
   3000 Watt AC/DC
logo
Shanghai Leiditech Elec...
3KP6.0A LEIDITECH-3KP6.0A Datasheet
344Kb / 3P
   3000 Watt Peak Power
3KP5.0A LEIDITECH-3KP5.0A Datasheet
344Kb / 3P
   3000 Watt Peak Power
logo
Nanjing International G...
3KP5.0CA DGNJDZ-3KP5.0CA Datasheet
77Kb / 3P
   3000 Watt Peak Power
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com