Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCMR020.TXP Datasheet(PDF) 6 Page - Littelfuse

Part # CCMR020.TXP
Description  Class CC/CD CCMR Series FUSES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CCMR020.TXP Datasheet(HTML) 6 Page - Littelfuse

  CCMR020.TXP Datasheet HTML 1Page - Littelfuse CCMR020.TXP Datasheet HTML 2Page - Littelfuse CCMR020.TXP Datasheet HTML 3Page - Littelfuse CCMR020.TXP Datasheet HTML 4Page - Littelfuse CCMR020.TXP Datasheet HTML 5Page - Littelfuse CCMR020.TXP Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
POWR-GARD® Fuse Datasheet
Littelfuse.com
© 2013 Littelfuse POWR-GARD® Products
Rev: 032113
6 of 6
Time Current Curves
- THIS DATA IS GENERATED IN EXCEL -
1000
900
800
700
600
500
400
300
200
100
90
80
70
60
50
40
30
20
10
9
8
7
6
5
4
3
2
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
1000
900
800
700
600
500
400
300
200
100
90
80
70
60
50
40
30
20
10
9
8
7
6
5
4
3
2
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
- 6-1/4A
- 7-1/2A
- 5A
CURRENT IN AMPERES
BASIS FOR DATA:
TEST VOLTAGE: 600V
TIME CONSTANT/POWER FACTOR:
FUSE CATALOG NUMBER:
DRAWN BY:
DATE:
REVISION:
DRAWING NO.:
SHEET
TIME CURRENT CHARACTERISTIC CURVES
LITTELFUSE, INC.
CHICAGO, IL. USA
LLL
12/21/12
B
6 OF 8
FCC01-CCMRP
CCMRP 2/10A - 30A
- THIS DATA IS GENERATED IN EXCEL -
1000
900
800
700
600
500
400
300
200
100
90
80
70
60
50
40
30
20
10
9
8
7
6
5
4
3
2
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
1000
900
800
700
600
500
400
300
200
100
90
80
70
60
50
40
30
20
10
9
8
7
6
5
4
3
2
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
- 20A
- 25A
- 30A
CURRENT IN AMPERES
BASIS FOR DATA:
TEST VOLTAGE: 600V
TIME CONSTANT/POWER FACTOR:
FUSE CATALOG NUMBER:
DRAWN BY:
DATE:
REVISION:
DRAWING NO.:
SHEET
TIME CURRENT CHARACTERISTIC CURVES
LITTELFUSE, INC.
CHICAGO, IL. USA
LLL
12/21/12
B
8 OF 8
FCC01-CCMRP
CCMRP 2/10A - 30A
- THIS DATA IS GENERATED IN EXCEL -
1000
900
800
700
600
500
400
300
200
100
90
80
70
60
50
40
30
20
10
9
8
7
6
5
4
3
2
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
1000
900
800
700
600
500
400
300
200
100
90
80
70
60
50
40
30
20
10
9
8
7
6
5
4
3
2
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
- 15A
- 10A
- 8A
CURRENT IN AMPERES
BASIS FOR DATA:
TEST VOLTAGE: 600V
TIME CONSTANT/POWER FACTOR:
FUSE CATALOG NUMBER:
DRAWN BY:
DATE:
REVISION:
DRAWING NO.:
SHEET
TIME CURRENT CHARACTERISTIC CURVES
LITTELFUSE, INC.
CHICAGO, IL. USA
LLL
12/21/12
B
7 OF 8
FCC01-CCMRP
CCMRP 2/10A - 30A
1000
900
800
700
600
500
1000
900
800
700
600
500
500
400
300
200
100
90
80
70
500
400
300
200
100
90
80
70
- 35A
- 40A
- 45A
- 50A
- 60A
70
60
50
40
30
20
10
70
60
50
40
30
20
10
60A
10
9
8
7
6
5
4
3
2
10
9
8
7
6
5
4
3
2
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
02
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
02
0.2
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.2
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0.02
0.01
CURRENT IN AMPERES
BASIS FOR DATA:
TEST VOLTAGE:
TIME CONSTANT/POWER FACTOR:
FUSE CATALOG NUMBER:
DRAWN BY:
DATE:
REVISION:
DRAWING NO.:
SHEET
TIME CURRENT CHARACTERISTIC CURVES
LITTELFUSE, INC.
CHICAGO, IL. USA
LLL
8/25/2008
A
9 OF 9
FCC01-CCMR
CCMR 2/10A - 30A
- THIS DATA IS GENERATED IN EXCEL -
TIME CURRENT CHARACTERISTIC CURVES
FCC01 CCMR


Similar Part No. - CCMR020.TXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CCMR020.TXP LITTELFUSE-CCMR020.TXP Datasheet
670Kb / 7P
   600 Vac
More results

Similar Description - CCMR020.TXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CCMR LITTELFUSE-CCMR_V01 Datasheet
657Kb / 8P
   CLASS CC/CD CCMR SERIES FUSES
Rev: 110321
CCMR LITTELFUSE-CCMR Datasheet
111Kb / 2P
   CCMR Series POWR-PRO CC Fuses
KLKR LITTELFUSE-KLKR_V01 Datasheet
208Kb / 2P
   CLASS CC KLKR SERIES FUSES
Rev: 062218
KLDR LITTELFUSE-KLDR Datasheet
780Kb / 5P
   CLASS CC KLDR SERIES FUSES
KLDR LITTELFUSE-KLDR_V01 Datasheet
447Kb / 10P
   Class CC Fuses KLDR Series
Rev: 092821
L60030C LITTELFUSE-L60030C Datasheet
129Kb / 2P
   Class CC/CD and Midget Fuse Blocks
L60030M2SQ LITTELFUSE-L60030M2SQ Datasheet
167Kb / 2P
   Class CC/CD and Midget Fuse Blocks
KLKR LITTELFUSE-KLKR Datasheet
444Kb / 4P
   CLASS CC/CD DIMENSIONS AND CURRENT-LIMITING EFFECTS
L60030M3SQ LITTELFUSE-L60030M3SQ Datasheet
641Kb / 3P
   LF SERIES CLASS CC/CD AND MIDGET (10x38 mm) FUSE BLOCKS
Rev: 020421
logo
Cooper Bussmann, Inc.
LP-CC-1 COOPER-LP-CC-1_16 Datasheet
639Kb / 4P
   Low-Peak??LP-CC Class CC 600Vac/300Vdc, 1??-30A time-delay fuses
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com