Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Current Datasheet(PDF) 6 Page - Vectron International, Inc

Part # Current
Description  Single Frequency HPLL VCXO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

Current Datasheet(HTML) 6 Page - Vectron International, Inc

  Current Datasheet HTML 1Page - Vectron International, Inc Current Datasheet HTML 2Page - Vectron International, Inc Current Datasheet HTML 3Page - Vectron International, Inc Current Datasheet HTML 4Page - Vectron International, Inc Current Datasheet HTML 5Page - Vectron International, Inc Current Datasheet HTML 6Page - Vectron International, Inc Current Datasheet HTML 7Page - Vectron International, Inc Current Datasheet HTML 8Page - Vectron International, Inc Current Datasheet HTML 9Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Vectron Interna onal • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • h p://www.vectron.com
Page 6 of 9
Reliability
VI qualification includes aging at various extreme temperatures, shock and vibration, temperature cycling, and IR reflow
simulation. The VX-721 family is capable of meeting the following qualification tests:
Environmental Compliance
Parameter
Conditions
Mechanical Shock
MIL-STD-883, Method 2002
Mechanical Vibration
MIL-STD-883, Method 2007
Solderability
MIL-STD-883, Method 2003
Gross and Fine Leak
MIL-STD-883, Method 1014
Resistance to Solvents
MIL-STD-883, Method 2016
Moisture Sensitivity Level
IPC/JEDEC J-STD-020, MSL1
Handling Precautions
ESD Ratings
Model
Minimum
Conditions
Human Body Model
1000V
MIL-STD-883, Method 3015
Charged Device Model
900V
JEDEC, JESD22-C101
Machine Model
200 V
JEDEC, JESD22-A115-A
Reflow Profile (IPC/JEDEC J-STD-020)
Parameter
Symbol
Value
PreHeat Time
t
S
60 sec Min, 180 sec Max
Ramp Up
R
UP
3 °C/sec Max
Time Above 217 °C
t
L
60 sec Min, 150 sec Max
Time To Peak Temperature
T
AMB-P
480 sec Max
Time at 260 °C
t
P
20 sec Min, 40 sec Max
Ramp Down
R
DN
6 °C/sec Max
Although ESD protection circuitry has been designed into the VX-721 proper precautions should be taken when handling and
mounting. VI employs a human body model (HBM) and a charged-device model (CDM) for ESD susceptibility testing and design
protection evaluation.
The device has been qualified to meet the JEDEC standard
for Pb-Free assembly. The temperatures and time intervals
listed are based on the Pb-Free small body requirements.
The temperatures refer to the topside of the package,
measured on the package body surface. The VX-721 device is
hermetically sealed so an aqueous wash is not an issue.
Terminal Plating: Electrolytic Ni > 1.9μm
Electrolytic Au > 0.7μm
VX-721 Single Frequency HPLL VCXO
Rev2: 14 November 2012


Similar Part No. - Current

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
Current VECTRON-Current Datasheet
727Kb / 9P
   Dual Frequency HPLL VCXO
Current VECTRON-Current Datasheet
726Kb / 9P
   Quad Frequency HPLL VCXO
More results

Similar Description - Current

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VX-722 VECTRON-VX-722 Datasheet
727Kb / 9P
   Dual Frequency HPLL VCXO
VX-724 VECTRON-VX-724 Datasheet
726Kb / 9P
   Quad Frequency HPLL VCXO
logo
Raltron Electronics Cor...
SY02-HPLL RALTRON-SY02-HPLL Datasheet
339Kb / 6P
   HIGH FREQUENCY CLOCK/SYNCHRONIZER - SY02-HPLL
logo
List of Unclassifed Man...
FVO10AAH3 ETC2-FVO10AAH3 Datasheet
194Kb / 1P
   LOW FREQUENCY VCXO
logo
Connor-Winfield Corpora...
HV41-100 CONNOR-WINFIELD-HV41-100 Datasheet
91Kb / 2P
   HIGH FREQUENCY VCXO
logo
List of Unclassifed Man...
FVO11AAH3 ETC2-FVO11AAH3 Datasheet
193Kb / 1P
   HIGH FREQUENCY VCXO
logo
Renesas Technology Corp
IDT8CA3V76-0137 RENESAS-IDT8CA3V76-0137 Datasheet
438Kb / 16P
   LVPECL Frequency VCXO
MARCH 22, 2012
logo
Connor-Winfield Corpora...
VXHF-300 CONNOR-WINFIELD-VXHF-300 Datasheet
65Kb / 1P
   VCXO USING FREQUENCY MULTIPLICATION
logo
Golledge Electronics Lt...
GVXO36 GOLLEDGE-GVXO36 Datasheet
68Kb / 1P
   5V VCXO High Frequency
GV93 GOLLEDGE-GV93 Datasheet
64Kb / 1P
   HIGH FREQUENCY PECL VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com