Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VX-722 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # VX-722
Description  Dual Frequency HPLL VCXO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VX-722 Datasheet(HTML) 4 Page - Vectron International, Inc

  VX-722 Datasheet HTML 1Page - Vectron International, Inc VX-722 Datasheet HTML 2Page - Vectron International, Inc VX-722 Datasheet HTML 3Page - Vectron International, Inc VX-722 Datasheet HTML 4Page - Vectron International, Inc VX-722 Datasheet HTML 5Page - Vectron International, Inc VX-722 Datasheet HTML 6Page - Vectron International, Inc VX-722 Datasheet HTML 7Page - Vectron International, Inc VX-722 Datasheet HTML 8Page - Vectron International, Inc VX-722 Datasheet HTML 9Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Vectron Interna onal • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • h p://www.vectron.com
Page 4 of 9
VX-722 Dual Frequency HPLL VCXO
LVPECL Applica on Diagrams
LVDS Applica on Diagrams
Figure 6 - Single Resistor Termina on Scheme
Figure 7 - Pull Up Pull Down Termina on
Resistor values are typically 120 to 240 ohms for 3.3V opera on and 82 to 120 ohms for 2.5V
opera on.
Resistor values are typically for 3.3V opera on
For 2.5V opera on, the resistor to ground is 62 ohms and the resistor to supply is 240 ohms
There are numerous applica on notes on termina ng and interfacing PECL logic and the two most common methods are a single resistor to ground, Figure 6,
and a pull-up/pull-down scheme as shown in Figure 7. An AC coupling capacitor is oponal, depending on the applica on and the input logic requirements of
the next stage.
One of the most important considera ons is termina ng the Output and Complementary Outputs equally. An unused output should not be le un-
terminated, and if one of the two outputs is le open it will result in excessive ji er on both. PC board layout must take this and 50 ohm impedance matching
into account. Load matching and power supply noise are the main contributors to ji er related problems.
Some LVDS structures have an internal 100 ohm resistor on the
input and do not need addional components.
One of the most important considera ons is termina ng the Output and Complementary Outputs equally. An unused output should not be le un-
terminated, and if one of the two outputs is le open it will result in excessive ji er on both. PC board layout must take this and 50 ohm impedance matching
into account. Load matching and power supply noise are the main contributors to ji er related problems.
Figure 8 - LVDS to LVDS, internal 100Ω
Figure 9 - LVDS to LVDS, External 100Ω and AC block ing caps
240
240
VC
FS
1
2
3
4
5
6
+3.3V
10nF
1nF
10nF
10nF
130
VC
FS
1
2
3
4
5
6
130
+3.3V
82
82
+3.3V
10nF
1nF
10nF
10nF
100
Receiver
VC
FS
1
2
3
4
5
6
+3.3V
10nF
1nF
100
Receiver
VC
FS
1
2
3
4
5
6
+3.3V
10nF
1nF
10nF
10nF
Rev2: 14 November 2012


Similar Part No. - VX-722

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VX-721 VECTRON-VX-721 Datasheet
716Kb / 9P
   Single Frequency HPLL VCXO
VX-724 VECTRON-VX-724 Datasheet
726Kb / 9P
   Quad Frequency HPLL VCXO
More results

Similar Description - VX-722

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VX-724 VECTRON-VX-724 Datasheet
726Kb / 9P
   Quad Frequency HPLL VCXO
VX-721 VECTRON-VX-721 Datasheet
716Kb / 9P
   Single Frequency HPLL VCXO
logo
Renesas Technology Corp
IDT8N3DV85 RENESAS-IDT8N3DV85 Datasheet
651Kb / 21P
   LVPECL Dual-Frequency Programmable VCXO
OCTOBER 30, 2013
IDT8N4DV85 RENESAS-IDT8N4DV85 Datasheet
932Kb / 19P
   LVDS Dual-Frequency Programmable VCXO
2019
logo
Raltron Electronics Cor...
SY02-HPLL RALTRON-SY02-HPLL Datasheet
339Kb / 6P
   HIGH FREQUENCY CLOCK/SYNCHRONIZER - SY02-HPLL
logo
List of Unclassifed Man...
FVO10AAH3 ETC2-FVO10AAH3 Datasheet
194Kb / 1P
   LOW FREQUENCY VCXO
logo
Connor-Winfield Corpora...
HV41-100 CONNOR-WINFIELD-HV41-100 Datasheet
91Kb / 2P
   HIGH FREQUENCY VCXO
logo
List of Unclassifed Man...
FVO11AAH3 ETC2-FVO11AAH3 Datasheet
193Kb / 1P
   HIGH FREQUENCY VCXO
logo
Renesas Technology Corp
IDT8CA3V76-0137 RENESAS-IDT8CA3V76-0137 Datasheet
438Kb / 16P
   LVPECL Frequency VCXO
MARCH 22, 2012
logo
Silicon Laboratories
SI552 SILABS-SI552 Datasheet
186Kb / 8P
   DUAL FREQUENCY VCXO (10 MHZ TO 1.4 GHZ)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com