Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Voltage1 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # Voltage1
Description  Dual Frequency HPLL VCXO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

Voltage1 Datasheet(HTML) 1 Page - Vectron International, Inc

  Voltage1 Datasheet HTML 1Page - Vectron International, Inc Voltage1 Datasheet HTML 2Page - Vectron International, Inc Voltage1 Datasheet HTML 3Page - Vectron International, Inc Voltage1 Datasheet HTML 4Page - Vectron International, Inc Voltage1 Datasheet HTML 5Page - Vectron International, Inc Voltage1 Datasheet HTML 6Page - Vectron International, Inc Voltage1 Datasheet HTML 7Page - Vectron International, Inc Voltage1 Datasheet HTML 8Page - Vectron International, Inc Voltage1 Datasheet HTML 9Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Vectron Interna onal • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • h p://www.vectron.com
Page 1 of 9
Features
Applications
VX-722
Features
Applications
Description
VX-722
Dual Frequency HPLL VCXO
The VX-722 is a dual frequency voltage controlled crystal oscillator, VCXO, based upon Vectron’s HPLL high performance phase locked loop
frequency multiplier ASIC that combines key digital synthesis techniques with VI’s proven core analog technology blocks. A standard low
frequency crystal provides the reference to the fractional-n synthesizer so that virtually any frequency between 10MHz and 1200 MHz can
be factory programmed allowing quick turn manufacturing.
Industry Standard Package, 5.0 x 7.0 x 1.8 mm
HPLL High Performance PLL ASIC
Jitter < 500 fs-rms (12 kHz to 20 MHz)
Output Frequencies from 10 MHz to 1200 MHz
Spurious Suppression, 70 dBc Typical
2.5V or 3.3V Supply Voltage
LVCMOS, LVPECL or LVDS Output Configurations
Output Enable
Compliant to EC RoHS Directive
PLL circuits for clock smoothing and frequency translation
Description
Standard
1-2-4 Gigabit Fibre Channel
10 Gigabit Fibre Channel
10GbE LAN / WAN
Synchronous Ethernet
OC-192
SONET / SDH
INCITS 352-2002
INCITS 364-2003
IEEE 802.3ae
ITU-T G.8262
ITU-T G.709
GR-253-CORE Issue4
Block Diagram
V
DD
COutput
Output
Vc
FS
Gnd
XTAL
LVCMOS
LVPECL
LVDS
HPLL
Figure 1 - Block Diagram
Rev2: 14 November 2012


Similar Part No. - Voltage1

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
Voltage1 VECTRON-Voltage1 Datasheet
716Kb / 9P
   Single Frequency HPLL VCXO
Voltage1 VECTRON-Voltage1 Datasheet
726Kb / 9P
   Quad Frequency HPLL VCXO
More results

Similar Description - Voltage1

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VX-724 VECTRON-VX-724 Datasheet
726Kb / 9P
   Quad Frequency HPLL VCXO
VX-721 VECTRON-VX-721 Datasheet
716Kb / 9P
   Single Frequency HPLL VCXO
logo
Renesas Technology Corp
IDT8N3DV85 RENESAS-IDT8N3DV85 Datasheet
651Kb / 21P
   LVPECL Dual-Frequency Programmable VCXO
OCTOBER 30, 2013
IDT8N4DV85 RENESAS-IDT8N4DV85 Datasheet
932Kb / 19P
   LVDS Dual-Frequency Programmable VCXO
2019
logo
Raltron Electronics Cor...
SY02-HPLL RALTRON-SY02-HPLL Datasheet
339Kb / 6P
   HIGH FREQUENCY CLOCK/SYNCHRONIZER - SY02-HPLL
logo
List of Unclassifed Man...
FVO10AAH3 ETC2-FVO10AAH3 Datasheet
194Kb / 1P
   LOW FREQUENCY VCXO
logo
Connor-Winfield Corpora...
HV41-100 CONNOR-WINFIELD-HV41-100 Datasheet
91Kb / 2P
   HIGH FREQUENCY VCXO
logo
List of Unclassifed Man...
FVO11AAH3 ETC2-FVO11AAH3 Datasheet
193Kb / 1P
   HIGH FREQUENCY VCXO
logo
Renesas Technology Corp
IDT8CA3V76-0137 RENESAS-IDT8CA3V76-0137 Datasheet
438Kb / 16P
   LVPECL Frequency VCXO
MARCH 22, 2012
logo
Silicon Laboratories
SI552 SILABS-SI552 Datasheet
186Kb / 8P
   DUAL FREQUENCY VCXO (10 MHZ TO 1.4 GHZ)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com