Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YGV639 Datasheet(PDF) 7 Page - YAMAHA CORPORATION

Part # YGV639
Description  Video Controller 1 with Enhanced Functions
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YGV639 Datasheet(HTML) 7 Page - YAMAHA CORPORATION

Back Button YGV639 Datasheet HTML 3Page - YAMAHA CORPORATION YGV639 Datasheet HTML 4Page - YAMAHA CORPORATION YGV639 Datasheet HTML 5Page - YAMAHA CORPORATION YGV639 Datasheet HTML 6Page - YAMAHA CORPORATION YGV639 Datasheet HTML 7Page - YAMAHA CORPORATION YGV639 Datasheet HTML 8Page - YAMAHA CORPORATION YGV639 Datasheet HTML 9Page - YAMAHA CORPORATION YGV639 Datasheet HTML 10Page - YAMAHA CORPORATION YGV639 Datasheet HTML 11Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
YGV639
7
Monitor Interface (29)
Pin Name
Num.
I/O
Function
Power
Supply
Group
Level
Drive
DR5-0
6
O
Digital Video: R Output
VD3
LVCMOS 2mA
DG5-0
6
O
Digital Video: G Output
VD3
LVCMOS 2mA
DB5-0
6
O
Digital Video: B Output
VD3
LVCMOS 2mA
VSYNC_N
1
O
Vertical synchronization signal output (dual-purpose pin)
VD3
LVCMOS 2mA
HCSYNC_N
1
O
Horizontal / Composite synchronization signal output
(dual-purpose pin)
VD3
LVCMOS 2mA
BLANK_N
1
O
Blank signal output pin (dual-purpose pin)
VD3
LVCMOS 2mA
DOTCLK
1
O
Dot clock output
VD3
LVCMOS 2mA
CLKV
1
O
Vertical clock output (dual-purpose pin)
VD3
LVCMOS 2mA
STARTH
1
I/O
Horizontal start signal output (dual-purpose pin)
VD3
LVCMOS 2mA
STARTV
1
O
Vertical start signal output (dual-purpose pin)
VD3
LVCMOS 2mA
LOADH
1
O
Horizontal load signal output (dual-purpose pin)
VD3
LVCMOS 2mA
POL
1
O
Polarity inversion output (dual-purpose pin)
VD3
LVCMOS 2mA
OUTENV
1
O
Output enable signal (dual-purpose pin)
VD3
LVCMOS 2mA
TCONE
1
I
Timing controller select pin (with a pull-down resistor)
VD3
LVCMOS
Clock (8)
Pin Name
Num.
I/O
Function
Power
Supply
Group
Level
Drive
XIN
1
I
Reference clock input pin
VD3
XOUT
1
O
Crystal connection pin
VD3
DTCKIN
1
I
Dot clock input pin
VD3
LVCMOS
DTCKS_N
1
I
Dot clock input selection pin
VD3
LVCMOS
PLLCTL3-1
3
I/O
PLL multiplication ratio setting pin (dual-purpose pin)
VD3
LVCMOS 2mA
PLLCTL0
1
I
PLL multiplication ratio setting pin
VD3
LVCMOS
For Device (43)
Pin Name
Num.
I/O
Function
Attribute
Power
Supply
Group
Level
Drive
XTEST2-0
3
I
Test pin
-
VD3
LVCMOS
VDD33
11
-
Digital power supply pin
-
-
VDD5
1
-
CPU interface power supply pin
-
-
VSS
14
-
Digital VSS pin
-
-
PLLVDD
1
-
PLL power supply pin
-
-
AVDD1, AVDD2
2
-
Analog Front End power supply pin
-
-
AVSS
2
-
Analog Front End VSS pin
-
-
OCPEN
1
I
Reset of the over-current protection
circuit
Over-current protection circuit
Enable/Disable switching pin
5V tolerant
VD5
CMOS
TEST_REG
1
I
Over-current protection circuit
Enable/Disable control
5V tolerant
VD5
CMOS
OCP_N
1
O
Over-current detection output
-
VD5
CMOS
4mA
VDDCORE
3
-
Capacitor connection pin for core power
supply
-
VDDIN
VOUT18
1
-
1.8V digital power supply output
-
VDDIN
VDDIN
2
-
3.3V input for core power supply (1.8V)
-
-
Note: VC1E has no pull-up resistors. Pull up a pin externally as necessary.
The meaning of a sign of [I/O] column is as follows:
I: Input pin
I$: Schmitt trigger input pin
O: Output pin
OT: 3-state output pin
OD: Open-drain output pin


Similar Part No. - YGV639

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YGV638 YAMAHA-YGV638 Datasheet
860Kb / 26P
   a pattern graphic controller with an on-chip VRAM and the ample drawing performance enables high-resolution animated GUIs on WVGA display panels.
More results

Similar Description - YGV639

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
RX-3 SILAN-RX-3 Datasheet
67Kb / 4P
   REMOTE CONTROLLER WITH TWO FUNCTIONS
logo
Unisonic Technologies
RCT6 UTC-RCT6_15 Datasheet
224Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
logo
SHENZHEN FUMAN ELECTRON...
SCTX5A FUMAN-SCTX5A Datasheet
224Kb / 7P
   REMOTE CONTROLLER WITH NINE FUNCTIONS
logo
Unisonic Technologies
RCT6 UTC-RCT6 Datasheet
251Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
logo
List of Unclassifed Man...
RX-5 ETC-RX-5 Datasheet
145Kb / 10P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
logo
Silan Microelectronics ...
TX-2B SILAN-TX-2B Datasheet
133Kb / 10P
   REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
SHENZHEN FUMAN ELECTRON...
SCTX6A FUMAN-SCTX6A Datasheet
246Kb / 7P
   REMOTE CONTROLLER WITH SECEN FUNCTIONS
logo
Unisonic Technologies
RCR6C UTC-RCR6C_15 Datasheet
253Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
RCR5 UTC-RCR5 Datasheet
326Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
RCR6C UTC-RCR6C Datasheet
220Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com