Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YGV639 Datasheet(PDF) 8 Page - YAMAHA CORPORATION

Part # YGV639
Description  Video Controller 1 with Enhanced Functions
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YGV639 Datasheet(HTML) 8 Page - YAMAHA CORPORATION

Back Button YGV639 Datasheet HTML 4Page - YAMAHA CORPORATION YGV639 Datasheet HTML 5Page - YAMAHA CORPORATION YGV639 Datasheet HTML 6Page - YAMAHA CORPORATION YGV639 Datasheet HTML 7Page - YAMAHA CORPORATION YGV639 Datasheet HTML 8Page - YAMAHA CORPORATION YGV639 Datasheet HTML 9Page - YAMAHA CORPORATION YGV639 Datasheet HTML 10Page - YAMAHA CORPORATION YGV639 Datasheet HTML 11Page - YAMAHA CORPORATION YGV639 Datasheet HTML 12Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
YGV639
8
The meaning of [Attribute] column is as follows:
■ Analog: analog pin
■ tolerant: tolerant attribute represents that current does not flow to a power supply pin from the
voltage-applied pin, when voltage higher than supply voltage is applied to the pin.
However, since this pin cannot withstand 5V, it is necessary to make the voltage difference between the
pin and the power supply voltage less than 3.6V. Therefore, voltage exceeding 3.6V (maximum of
recommended operation voltage) cannot be applied to it without the supply of power (supply voltage =
0V).
■ 5V tolerant: 5V tolerant attribute means the pin has a withstand voltage of 5V. That is, 5V can be applied
to this pin when supply voltage is 0V.
Dual-purpose Pin
Sharing CPU Interface Pins
VC1E supports the two types of CPU interfaces: serial and parallel interfaces. Pins are shared by the
interfaces as follows:
Pin Name
Parallel Interface
(SER_N=H)
Serial Interface Chip Select
(SER_N=L)
D7-0
D7-0
Unused
PS2-0
PS2-0
Unused
CS_N
CS_N
SCS_N
RD_N
RD_N
SDIN
WR_N
WR_N
SCLK
WAIT_N
WAIT_N
SDOUT
READY_N
READY_N
Unused
INT_N
INT_N
INT_N
Sharing Timing-Controller Pins
VC1E has a built-in LCD timing controller and this function can be enabled by TCONE pin setting. The
following pins are shared depending on whether the timing controller is enabled or disabled.
Pin Name
Timing controller disabled
(TCONE=L)
Timing controller enabled
(TCONE=H)
DR5-0
DR5-0
DR5-0
DG5-0
DG5-0
DG5-0
DB5-0
DB5-0
DB5-0
DOTCLK
DOTCLK
DOTCLK
HCSYNC_N
HCSYNC_N
CLKV
VSYNC_N
VSYNC_N
POL
BLANK_N
BLANK_N
STARTV
PLLCTL3
PLLCTL3
LOADH
PLLCTL2
PLLCTL2
STARTH
PLLCTL1
PLLCTL1
OUTENV


Similar Part No. - YGV639

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YGV638 YAMAHA-YGV638 Datasheet
860Kb / 26P
   a pattern graphic controller with an on-chip VRAM and the ample drawing performance enables high-resolution animated GUIs on WVGA display panels.
More results

Similar Description - YGV639

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
RX-3 SILAN-RX-3 Datasheet
67Kb / 4P
   REMOTE CONTROLLER WITH TWO FUNCTIONS
logo
Unisonic Technologies
RCT6 UTC-RCT6_15 Datasheet
224Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
logo
SHENZHEN FUMAN ELECTRON...
SCTX5A FUMAN-SCTX5A Datasheet
224Kb / 7P
   REMOTE CONTROLLER WITH NINE FUNCTIONS
logo
Unisonic Technologies
RCT6 UTC-RCT6 Datasheet
251Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
logo
List of Unclassifed Man...
RX-5 ETC-RX-5 Datasheet
145Kb / 10P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
logo
Silan Microelectronics ...
TX-2B SILAN-TX-2B Datasheet
133Kb / 10P
   REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
SHENZHEN FUMAN ELECTRON...
SCTX6A FUMAN-SCTX6A Datasheet
246Kb / 7P
   REMOTE CONTROLLER WITH SECEN FUNCTIONS
logo
Unisonic Technologies
RCR6C UTC-RCR6C_15 Datasheet
253Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
RCR5 UTC-RCR5 Datasheet
326Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
RCR6C UTC-RCR6C Datasheet
220Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com