Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC374MTC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74VHC374MTC
Description  Octal D-Type Flip-Flop with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC374MTC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74VHC374MTC Datasheet HTML 1Page - Fairchild Semiconductor 74VHC374MTC Datasheet HTML 2Page - Fairchild Semiconductor 74VHC374MTC Datasheet HTML 3Page - Fairchild Semiconductor 74VHC374MTC Datasheet HTML 4Page - Fairchild Semiconductor 74VHC374MTC Datasheet HTML 5Page - Fairchild Semiconductor 74VHC374MTC Datasheet HTML 6Page - Fairchild Semiconductor 74VHC374MTC Datasheet HTML 7Page - Fairchild Semiconductor 74VHC374MTC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
tm
April 2007
©1992 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC374 Rev. 1.3
74VHC374
Octal D-Type Flip-Flop with 3-STATE Outputs
Features
High Speed: tPD = 5.4ns (typ) at VCC = 5V
High noise immunity: VNIH = VNIL = 28% VCC (Min.)
Power down protection is provided on all inputs
Low power dissipation: ICC = 4µA (Max) @ TA = 25°C
Pin and function compatible with 74HC374
General Description
The VHC374 is an advanced high speed CMOS octal
flip-flop with 3-STATE output fabricated with silicon gate
CMOS technology. It achieves the high speed operation
similar to equivalent Bipolar Schottky TTL while main-
taining the CMOS low power dissipation. This 8-bit
D-type flip-flop is controlled by a clock input (CP) and an
output enable input (OE). When the OE input is HIGH,
the eight outputs are in a HIGH impedance state.
An input protection circuit ensures that 0V to 7V can be
applied to the input pins without regard to the supply
voltage. This device can be used to interface 5V to 3V
systems and two supply systems such as battery back
up. This circuit prevents device destruction due to mis-
matched supply and input voltages.
Ordering Information
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the
ordering number. Pb-Free package per JEDEC J-STD-020B.
Connection Diagram
Pin Descriptions
Order
Number
Package
Number
Package Description
74VHC374M
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74VHC374SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHC374MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
Pin Names
Description
D0–D7
Data Inputs
CP
Clock Pulse Input
OE
3-STATE Output Enable Input
O0–O7
3-STATE Outputs


Similar Part No. - 74VHC374MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC374MTC FAIRCHILD-74VHC374MTC Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374MTC FAIRCHILD-74VHC374MTC Datasheet
210Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74VHC374MTC ONSEMI-74VHC374MTC Datasheet
280Kb / 11P
   Octal D-Type Flip-Flop with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74VHC374MTCX FAIRCHILD-74VHC374MTCX Datasheet
210Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Similar Description - 74VHC374MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com