Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US10D10A00 Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # US10D10A00
Description  Basic Switches
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

US10D10A00 Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  US10D10A00 Datasheet HTML 1Page - Honeywell Solid State Electronics Center US10D10A00 Datasheet HTML 2Page - Honeywell Solid State Electronics Center US10D10A00 Datasheet HTML 3Page - Honeywell Solid State Electronics Center US10D10A00 Datasheet HTML 4Page - Honeywell Solid State Electronics Center US10D10A00 Datasheet HTML 5Page - Honeywell Solid State Electronics Center US10D10A00 Datasheet HTML 6Page - Honeywell Solid State Electronics Center US10D10A00 Datasheet HTML 7Page - Honeywell Solid State Electronics Center US10D10A00 Datasheet HTML 8Page - Honeywell Solid State Electronics Center US10D10A00 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 94 page
background image
Basic Switches
Standard
46
Honeywell Sensing and Control
For application help: call 1-800-537-6945.
ELECTRICAL DATA AND UL CODES STANDARD BASIC
SWITCHES
Most of the switches in this section are UL recognized and CSA
certified. The current and voltage values shown are based on
test conditions specified by these agencies. Electrical life of the
switch is influenced by each application condition as well as by
voltage and current. For application assistance contact the 800
number.
Electrical Data and
Circuitry
UL Codes
Single-pole
double-throw
unless
otherwise noted
in order guide
A 15 amps, 125, 250 or 480 vac;
1
8 hp, 125 vac; 14 hp, 250 vac;
1
2 amp, 125 vdc; 14 amp,
250 vdc.
UL Code L96
Single-pole
double-throw
unless
otherwise noted
in order guide
B 5 amps, 125, 250 or 480 vac;
1
2 amp, 125 vdc; 14 amp, 250 vdc.
UL Code L35
Single-pole
double-throw
unless
otherwise noted
in order guide
C 10 amps, 125, 250 or 480 vac;
UL Code L8
Single-pole
double-throw
unless
otherwise noted
in order guide
D 15 amps, 125, 250 or 480 vac;
1
8 hp, 125 vac; 14 hp, 250 vac.
UL Code L103
Single-pole
double-throw
unless
otherwise noted
in order guide
E 15 amps, 125, 250 or 480 vac;
1
4 hp, 125 vac, 12 hp, 250 vac;
1
2 amp, 125 vdc; 14 amp, 250 vdc.
UL Code L67
Single-pole
double-throw
unless
otherwise noted
in order guide
F 22 amps, 125, 250 or 480 vac;
1
2 hp, 125 vac, 1 hp, 250 vac.
UL Code L161
Single-pole
double-throw
unless
otherwise noted
in order guide
G 20 amps, 125, 250 or 480 vac;
10 amps, 125 vac ‘‘L’’ (tungsten
lamp load);
1 hp, 125 vac; 2 hp, 250 vac;
1
2 amp, 125 vdc; 14 amp,
250 vdc.
UL Code L23
Single-pole
double-throw
unless
otherwise noted
in order guide
H Motor Control
25 amps, 125, 250 or 480 vac;
1 hp, 125 vac; 2 hp, 250 vac;
Pilot Duty—750 VA, 125, 250,
or 277 vac.
Single-pole
double-throw
unless
otherwise noted
in order guide
I
10 amps, 125, 250 or 480 vac;
1
8 hp, 125 vac; 14 hp, 250 vac;
UL Code L95
Electrical Data and
Circuitry
UL Codes
Double-pole
double-throw
J 10 amps, 125 or 250 vac;
0.3 amp, 125 vdc; 0.15 amp,
250 vdc.
UL Code L59
Single-pole
double-throw
unless
otherwise noted
in order guide
K Rating established with
switch non-polarized
10 amps, 125 vac or vdc;
1
4 hp, 125 vac or vdc.
UL Code L 168
Non-polarized:
10 amps res. or 14 hp, 125 vdc;
3 amps max. res. 250 vdc.
Polarized*:
10 amps res. or 12 hp, 125 vdc;
3 amps max. res., 250 vdc.
*To polarize, connect negative side of line to common terminal. To
achieve the same effect, mount switch with brass screws, using a
non-magnetic barrier (at least 14 thick) between the switch and
mounting surface.
Two-circuit
double-break
M 25 amps, 125, 250 or 480 vac;
3
4 hp, 125 vac; 114 amp, 250 vac.
1 amp, 125 vdc; 12 amp, 250 vdc.
UL Code L58
Single-pole
double-throw
P 1 amp, 125 VAC
UL Code L22
Single-pole
double-throw
R 10 amps, 125 or 250 vac;
1
3 hp, 125 vac; 34 hp, 250 vac;
1
2 amp, 125 vdc; 14 amp,
250 vdc.
UL Code L115
Single-pole
double-throw
S 10 amps, 125 or 250 vac;
1
3 hp, 125 or 250 vac.
UL Code L93
Two-circuit
double-break
T 15 amps, 125, 250 or 480 vac;
1 amp, 125 vdc; 12 amp, 250 vdc;
1
4 hp, 125 vac; 12 hp, 250 vac
UL Code L73
Single-pole
double-throw
U 5 amps, 250 vac.
UL Code L4
Two-circuit
double-break
V Motor Control
15 amps, 120, 240, 480 or 600
vac;
1
2 hp, 120 vac; 1 hp, 240 vac;
0.8 amp, 115 vdc; 0.4 amp,
230 vdc.
Single-pole
single-throw
(N.C.)
W 20 amps, 125, 250 or 277 vac;
3
4 hp, 125 vac; 12 hp, 250 vac
UL Code L178B
Single-pole
double-throw
X 15 amps, 125, 250 or 480 vac;
2 amps, 600 vac;
1
8 hp, 125 vac; 14 hp, 250 vac;
1
2 amp, 125 vdc; 14 amp,
250 vdc.
UL Code L74
Single-pole
double-throw
Y 20 amps, 125, 250 or 480 vac;
3
4 hp, 125 vac; 112 hp, 250 vac; UL
Code L17


Similar Part No. - US10D10A00

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
US1000FL YENYO-US1000FL Datasheet
250Kb / 2P
   1.0A Ultra Fast Recovery Rectifier
logo
Zibo Seno Electronic En...
US1000FL ZSELEC-US1000FL Datasheet
150Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST RECOVERY DIODE
logo
DAESAN ELECTRONIC CORP.
US1000FL DAESAN-US1000FL Datasheet
486Kb / 2P
   ULTRAFAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
US1001DS YFWDIODE-US1001DS Datasheet
473Kb / 3P
   Surface Mount Ultrafast Recovery Rectifier
logo
Pan Jit International I...
US1001FL PANJIT-US1001FL Datasheet
126Kb / 3P
   SMALL SURFACE MOUNT ULTRA FAST DIODES
More results

Similar Description - US10D10A00

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
311SM6 HONEYWELL-ACC-311SM6 Datasheet
375Kb / 7P
   Basic Switches Subminiature
BZ-2RD-T4-J HONEYWELL-ACC-BZ-2RD-T4-J Datasheet
810Kb / 16P
   Basic Switches Standard
logo
OTTO Engineering, Inc
MS24547-1 OTTO-MS24547-1 Datasheet
841Kb / 3P
   SUBMINIATURE BASIC SWITCHES
logo
Honeywell Accelerometer...
23SX39-T HONEYWELL-ACC-23SX39-T Datasheet
328Kb / 6P
   Basic Switches Subminiature
ZM10B70E01 HONEYWELL-ACC-ZM10B70E01 Datasheet
356Kb / 7P
   MICRO SWITCH Basic Switches Line Guide
logo
Honeywell Solid State E...
ZW50F90DW1 HONEYWELL-ZW50F90DW1 Datasheet
2Mb / 9P
   MICRO SWITCH??Sealed Subminiature Basic Switches
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
3SX1-T HONEYWELL-3SX1-T Datasheet
356Kb / 7P
   MICRO SWITCH??Basic Switches Line Guide
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
HS-SERIES HONEYWELL-HS-SERIES Datasheet
609Kb / 6P
   Hermetically Sealed Premium Large Basic Switches
July 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com