Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US10D10A00 Datasheet(PDF) 10 Page - Honeywell Solid State Electronics Center

Part # US10D10A00
Description  Basic Switches
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

US10D10A00 Datasheet(HTML) 10 Page - Honeywell Solid State Electronics Center

Back Button US10D10A00 Datasheet HTML 6Page - Honeywell Solid State Electronics Center US10D10A00 Datasheet HTML 7Page - Honeywell Solid State Electronics Center US10D10A00 Datasheet HTML 8Page - Honeywell Solid State Electronics Center US10D10A00 Datasheet HTML 9Page - Honeywell Solid State Electronics Center US10D10A00 Datasheet HTML 10Page - Honeywell Solid State Electronics Center US10D10A00 Datasheet HTML 11Page - Honeywell Solid State Electronics Center US10D10A00 Datasheet HTML 12Page - Honeywell Solid State Electronics Center US10D10A00 Datasheet HTML 13Page - Honeywell Solid State Electronics Center US10D10A00 Datasheet HTML 14Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 94 page
background image
Basic Switches
US Series
Subminiature
For application help: call 1-800-537-6945.
Honeywell Sensing and Control
9
MOUNTING DIMENSIONS mm (for reference only)
in.
Solder Terminal Switches (with mounting holes)
Pin plunger (Type A)
Flat lever (Type C)
Simulated roller (Type E)
PC Board Terminals Switches
Pin plunger (Type A)
Right angle terminal (Type 50)
Left angle terminal (Type 60)
Flat lever (Type C)
Simulated roller (Type E)
Mounting screw size is m 1,4.
Maximum tightening torque is 1 kg-cm.


Similar Part No. - US10D10A00

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
US1000FL YENYO-US1000FL Datasheet
250Kb / 2P
   1.0A Ultra Fast Recovery Rectifier
logo
Zibo Seno Electronic En...
US1000FL ZSELEC-US1000FL Datasheet
150Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST RECOVERY DIODE
logo
DAESAN ELECTRONIC CORP.
US1000FL DAESAN-US1000FL Datasheet
486Kb / 2P
   ULTRAFAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
US1001DS YFWDIODE-US1001DS Datasheet
473Kb / 3P
   Surface Mount Ultrafast Recovery Rectifier
logo
Pan Jit International I...
US1001FL PANJIT-US1001FL Datasheet
126Kb / 3P
   SMALL SURFACE MOUNT ULTRA FAST DIODES
More results

Similar Description - US10D10A00

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
311SM6 HONEYWELL-ACC-311SM6 Datasheet
375Kb / 7P
   Basic Switches Subminiature
BZ-2RD-T4-J HONEYWELL-ACC-BZ-2RD-T4-J Datasheet
810Kb / 16P
   Basic Switches Standard
logo
OTTO Engineering, Inc
MS24547-1 OTTO-MS24547-1 Datasheet
841Kb / 3P
   SUBMINIATURE BASIC SWITCHES
logo
Honeywell Accelerometer...
23SX39-T HONEYWELL-ACC-23SX39-T Datasheet
328Kb / 6P
   Basic Switches Subminiature
ZM10B70E01 HONEYWELL-ACC-ZM10B70E01 Datasheet
356Kb / 7P
   MICRO SWITCH Basic Switches Line Guide
logo
Honeywell Solid State E...
ZW50F90DW1 HONEYWELL-ZW50F90DW1 Datasheet
2Mb / 9P
   MICRO SWITCH??Sealed Subminiature Basic Switches
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
3SX1-T HONEYWELL-3SX1-T Datasheet
356Kb / 7P
   MICRO SWITCH??Basic Switches Line Guide
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
HS-SERIES HONEYWELL-HS-SERIES Datasheet
609Kb / 6P
   Hermetically Sealed Premium Large Basic Switches
July 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com