Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US10D20E00 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # US10D20E00
Description  Basic Switches
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

US10D20E00 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  US10D20E00 Datasheet HTML 1Page - Honeywell Solid State Electronics Center US10D20E00 Datasheet HTML 2Page - Honeywell Solid State Electronics Center US10D20E00 Datasheet HTML 3Page - Honeywell Solid State Electronics Center US10D20E00 Datasheet HTML 4Page - Honeywell Solid State Electronics Center US10D20E00 Datasheet HTML 5Page - Honeywell Solid State Electronics Center US10D20E00 Datasheet HTML 6Page - Honeywell Solid State Electronics Center US10D20E00 Datasheet HTML 7Page - Honeywell Solid State Electronics Center US10D20E00 Datasheet HTML 8Page - Honeywell Solid State Electronics Center US10D20E00 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 94 page
background image
Basic Switches
Subminiature/Miniature
20
Honeywell Sensing and Control
For application help: call 1-800-537-6945.
ELECTRICAL DATA AND UL CODES
MINIATURE/SUBMINIATURE BASIC SWITCHES
Most of the switches in this section are UL recognized and CSA
certified. The current and voltage values shown are based on
test conditions specified by these agencies. Electrical life of the
switch is influenced by each application condition as well as by
voltage and current.
Circuitry
Electrical Data
Single-pole
double-throw
A 5 amps res., 3 amps ind., (sea level),
4 amps res., 2 amps ind., (50,000
feet), 28 vdc
5 amps res. or ind. 115 vac, 60 Hz.
UL/CSA rating: 5 amps, 250 vac.
Single-pole
double-throw
B 7 amps res., 4 amps ind., (sea level),
7 amps res., 2.5 amps ind., (50,000
feet), 28 vdc.
UL/CSA rating: 7 amps, 250 vac.
Single-pole
double-throw
C 3.5 amps res., 2 amps ind., (sea level),
3.5 amps res., 1.5 amps ind., (50,000
feet), 28 vdc.
UL rating: 7 amps, 250 vac.
Single-pole
double-throw
D 1 amp res., 0.5 amp ind., (sea level
and 50,000 feet), 28 vdc.
UL/CSA rating: 1 amp, 125 vac.
Single-pole
double-throw
E 3 amps res., 2 amps ind., (sea level),
28 vdc.
UL rating: 3 amps, 250 vac.
Single-pole
double-throw
F 7 amps res., 4 amps ind., 2.5 amps
lamp load, (sea level),
4 amps res., 2.5 amps ind., 2.5 amps
lamp load, (50,000 feet), 28 vdc.
7 amps res., 7 amps ind., 2 amps lamp
load, 115 vac, 60 Hz (sea level).
Single-pole
double-throw
G 2 amps res., lamp ind., (sea level)
28 vdc.
Single-pole
double-throw
H .010 amp res. and ind., (sea level).
28 vdc.
UL/CSA rating: 1 amp, 125 vac.
Single-pole
double-throw
I 7 amps res., 4 amps ind., (sea level),
28 vdc.
Single-pole
double-throw
J 5 amps res., 3 amps ind., (sea level),
5 amps res., 2.5 amps ind.,
(50,000 feet), 28 vdc.
UL rating: 5 amps, 250 vac.
Single-pole
double-throw
K UL rating:
5 amps, 125 or 250 vac.
Single-pole
double-throw
L 1 amp res., 1/2 amp ind.,
(sea level) 28 vdc.
Single-pole
double-throw
M UL rating:
11 amps and 1/4 hp, 125 or 250 vac.
Single-pole
double-throw
N 1 amp res., 0.5 amp ind., 30 vdc.
UL rating: 1 amp, 125 vac.
Single-pole
double-throw
P 1 amp res., 30 vdc.
UL rating: .1 amp, 125 vac.
Single-pole
double-throw
R 5 amps res., 3 amps ind., 2.4 amps
lamp load (sea level),
5 amps res., 2.5 amps ind., 2.4 amps
lamp load, (50,000 feet), 28 vdc.
5 amps res., 5 amps ind., 1.5 amps
lamp load, 115 vac. 60 Hz (sea level)
Circuitry
Electrical Data
Single-pole
double-throw
S UL rating:
4 amps, 250 vac.
Single-pole
double-throw
T UL/CSA rating:
11 amps and 1/3 hp, 125, 250, or 277
vac;
1/2 amp, 125 vdc; 1/4 amp, 250 vdc;
4 amps, 125 vac ‘‘L’’ (lamp load).
TT UL/CSA rating:
10 amps and 1/3 hp, 125 or 250 vac;
1/2 amp, 125 vdc; 1/4 amp, 250 vdc;
4 amps, 125 vac ‘‘L’’ (lamp load).
Single-pole
double-throw
unless
otherwise
noted in
order guide
UU 10 amps res., 10 amps ind., (sea
level),
6 amps ind. (50,000 feet), 6 amps
motor load, 30 vdc.
U UL/CSA rating:
15.1 amps and 1/2 hp, 125 or 250 vac.
1/2 amp, 125 vdc; 1/4 amp, 250 vdc;
5 amps, 120 vac ‘‘L’’ (lamp load).
Single-pole
double-throw
VV UL/CSA rating:
3 amps-125, 250, 277 vac;
1/10 hp-250 vac
Single-pole
double-throw
V UL/CSA rating:
10 amps and 1/4 hp, 125 or 250 vac;
1/2 amp, 125 vdc; 1/4 amp, 250 vdc;
3 amps, 125 vac ‘‘L’’ (lamp load).
Single-pole
double-throw
W 10 amps, 250 vac or 28 vdc;
1/2 amp, 125 vdc; 1/4 amp, 250 vdc.
Single-pole
double-throw
X UL rating:
1 amp, 125 vac.
Single-pole
double-throw
Y 10 amps and 1/3 hp, 125 or 250 vac;
4 amps, 125 vac ‘‘L’’ (lamp load).
Single-pole
double-throw
YY UL/CSA rating:
5 amps-125, 250, 277 vac
1/10 hp-250 vac
Two-circuit
double-break
Z 10 amps, 125 or 250 vac, or 30 vdc.
UL/CSA rating:
10 amps, 125 or 250 vac; 1/2 hp, 125
vac.
Four-circuit
double-break
Single-pole
double-throw
ZZ UL rating:
5 amps and 1/10 hp.
125 or 250 vac.
Single-pole
double-throw
AA UL rating:
20 amps, 277 vac.
1 hp, 125 vac; 2 hp, 250 vac.
Single-pole
double-throw
BB UL rating:
25 amps, 277 vac.
1 hp, 125 vac; 2 hp, 250 vac.


Similar Part No. - US10D20E00

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
US1000FL YENYO-US1000FL Datasheet
250Kb / 2P
   1.0A Ultra Fast Recovery Rectifier
logo
Zibo Seno Electronic En...
US1000FL ZSELEC-US1000FL Datasheet
150Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST RECOVERY DIODE
logo
DAESAN ELECTRONIC CORP.
US1000FL DAESAN-US1000FL Datasheet
486Kb / 2P
   ULTRAFAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
US1001DS YFWDIODE-US1001DS Datasheet
473Kb / 3P
   Surface Mount Ultrafast Recovery Rectifier
logo
Pan Jit International I...
US1001FL PANJIT-US1001FL Datasheet
126Kb / 3P
   SMALL SURFACE MOUNT ULTRA FAST DIODES
More results

Similar Description - US10D20E00

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
311SM6 HONEYWELL-ACC-311SM6 Datasheet
375Kb / 7P
   Basic Switches Subminiature
BZ-2RD-T4-J HONEYWELL-ACC-BZ-2RD-T4-J Datasheet
810Kb / 16P
   Basic Switches Standard
logo
OTTO Engineering, Inc
MS24547-1 OTTO-MS24547-1 Datasheet
841Kb / 3P
   SUBMINIATURE BASIC SWITCHES
logo
Honeywell Accelerometer...
23SX39-T HONEYWELL-ACC-23SX39-T Datasheet
328Kb / 6P
   Basic Switches Subminiature
ZM10B70E01 HONEYWELL-ACC-ZM10B70E01 Datasheet
356Kb / 7P
   MICRO SWITCH Basic Switches Line Guide
logo
Honeywell Solid State E...
ZW50F90DW1 HONEYWELL-ZW50F90DW1 Datasheet
2Mb / 9P
   MICRO SWITCH??Sealed Subminiature Basic Switches
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
3SX1-T HONEYWELL-3SX1-T Datasheet
356Kb / 7P
   MICRO SWITCH??Basic Switches Line Guide
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
HS-SERIES HONEYWELL-HS-SERIES Datasheet
609Kb / 6P
   Hermetically Sealed Premium Large Basic Switches
July 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com