Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM10A10B01 Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # UM10A10B01
Description  Basic Switches
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

UM10A10B01 Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  UM10A10B01 Datasheet HTML 1Page - Honeywell Solid State Electronics Center UM10A10B01 Datasheet HTML 2Page - Honeywell Solid State Electronics Center UM10A10B01 Datasheet HTML 3Page - Honeywell Solid State Electronics Center UM10A10B01 Datasheet HTML 4Page - Honeywell Solid State Electronics Center UM10A10B01 Datasheet HTML 5Page - Honeywell Solid State Electronics Center UM10A10B01 Datasheet HTML 6Page - Honeywell Solid State Electronics Center UM10A10B01 Datasheet HTML 7Page - Honeywell Solid State Electronics Center UM10A10B01 Datasheet HTML 8Page - Honeywell Solid State Electronics Center UM10A10B01 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 94 page
background image
Basic Switches
Operating Characteristics
94
Honeywell Sensing and Control
For application help: call 1-800-537-6945.
ELECTROMECHANICAL SWITCHES
Definitions below explain the meaning of
operating characteristics. Characteristics
shown in tables throughout catalog were
chosen as most significant. They are tak-
en at normal room temperature and hu-
midity. These may vary as temperature
and humidity conditions differ. Sketches
show how characteristics are measured
for in-line plunger actuation.
Linear dimensions for in-line actuation
are from top of plunger to a reference line,
usually the center of the mounting holes.
Differential Travel (D.T.)—Plunger or ac-
tuator travel from point where contacts
‘‘snap-over’’ to point where they ‘‘snap-
back.’’
Free Position (F.P.)—Position of switch
plunger or actuator when no external
force is applied (other than gravity).
Full Overtravel Force—Force required
to attain full overtravel of actuator.
Operating Position (O.P.)—Position of
switch plunger or actuator at which point
contacts snap from normal to operated
position. Note that in the case of flexible or
adjustable actuators, the operating posi-
tion is measured from the end of the lever
or its maximum length. Location of oper-
ating position measurement shown on
mounting dimension drawings.
Operating Force (O.F.)—Amount of
force applied to switch plunger or actua-
tor to cause contact ‘‘snap-over.’’ Note in
the case of adjustable actuators, the force
is measured from the maximum length
position of the lever.
Overtravel (O.T.)—Plunger or actuator
travel safely available beyond operating
position.
Pretravel (P.T.)—Distance or angle trav-
eled in moving plunger or actuator from
free position to operating position.
Release Force (R.F.)—Amount of force
still applied to switch plunger or actuator
at moment contacts snap from operated
position to unoperated position.
Total Travel (T.T.)—Distance from actua-
tor free position to overtravel limit posi-
tion.
IN-LINE PLUNGER ACTUATION


Similar Part No. - UM10A10B01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UM1001 ETC2-UM1001 Datasheet
286Kb / 2P
   3 Watt DC-DC Converters
logo
Microchip Technology
UM10016 MICROCHIP-UM10016 Datasheet
2Mb / 221P
   Product Change Notification
03-Jul-2020
logo
Union Semiconductor, In...
UM1002 UNIONSEMI-UM1002 Datasheet
257Kb / 6P
   Dual Channel ESD Protection Device
logo
List of Unclassifed Man...
UM1002 ETC2-UM1002 Datasheet
286Kb / 2P
   3 Watt DC-DC Converters
logo
Microchip Technology
UM10024 MICROCHIP-UM10024 Datasheet
2Mb / 221P
   Product Change Notification
03-Jul-2020
More results

Similar Description - UM10A10B01

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
311SM6 HONEYWELL-ACC-311SM6 Datasheet
375Kb / 7P
   Basic Switches Subminiature
BZ-2RD-T4-J HONEYWELL-ACC-BZ-2RD-T4-J Datasheet
810Kb / 16P
   Basic Switches Standard
logo
OTTO Engineering, Inc
MS24547-1 OTTO-MS24547-1 Datasheet
841Kb / 3P
   SUBMINIATURE BASIC SWITCHES
logo
Honeywell Accelerometer...
23SX39-T HONEYWELL-ACC-23SX39-T Datasheet
328Kb / 6P
   Basic Switches Subminiature
ZM10B70E01 HONEYWELL-ACC-ZM10B70E01 Datasheet
356Kb / 7P
   MICRO SWITCH Basic Switches Line Guide
logo
Honeywell Solid State E...
ZW50F90DW1 HONEYWELL-ZW50F90DW1 Datasheet
2Mb / 9P
   MICRO SWITCH??Sealed Subminiature Basic Switches
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
3SX1-T HONEYWELL-3SX1-T Datasheet
356Kb / 7P
   MICRO SWITCH??Basic Switches Line Guide
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
HS-SERIES HONEYWELL-HS-SERIES Datasheet
609Kb / 6P
   Hermetically Sealed Premium Large Basic Switches
July 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com