Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM10B10B01 Datasheet(PDF) 7 Page - Honeywell Solid State Electronics Center

Part # UM10B10B01
Description  Basic Switches
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

UM10B10B01 Datasheet(HTML) 7 Page - Honeywell Solid State Electronics Center

Back Button UM10B10B01 Datasheet HTML 3Page - Honeywell Solid State Electronics Center UM10B10B01 Datasheet HTML 4Page - Honeywell Solid State Electronics Center UM10B10B01 Datasheet HTML 5Page - Honeywell Solid State Electronics Center UM10B10B01 Datasheet HTML 6Page - Honeywell Solid State Electronics Center UM10B10B01 Datasheet HTML 7Page - Honeywell Solid State Electronics Center UM10B10B01 Datasheet HTML 8Page - Honeywell Solid State Electronics Center UM10B10B01 Datasheet HTML 9Page - Honeywell Solid State Electronics Center UM10B10B01 Datasheet HTML 10Page - Honeywell Solid State Electronics Center UM10B10B01 Datasheet HTML 11Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 94 page
background image
Basic Switches
B Type Switches Performance Information
For application help: call 1-800-537-6945.
Honeywell Sensing and Control
97
ELECTRICAL DATA CHART, cont.
Amperes
Inrush
Motor
Lamp
Inductive2
N.C.
N.O.
N.C.
N.O.
N.C.
N.O.
Sea
50,000
Catalog
Listing
(contact
gap)
Voltage
Current
Carrying
Capacity
Max.1
Resistive Ckt.
Ckt.
Ckt.
Ckt.
Ckt.
Ckt.
Level
Feet
VDC
BZ-2R
8
15
15
30
15
5
2.5
3
1.5
15
15
.020 in.
14
15
15
30
15
5
2.5
3
1.5
10
8
0.50 mm
30
15
6
30
15
5
2.5
3
1.5
5
2
125
15
0.4
4
4
0.8
0.8
0.4
0.4
0.05
0.03
230
15
0.2
2
2
0.4
0.4
0.2
0.2
0.03
0.02
VAC
BZ-2R
125
15
15
30
15
5
2.5
3
1.5
15
15
.020 in.
250
15
15
30
15
5
2.5
3
1.5
15
15
0,50 mm
277
15
15
30
15
5
2.5
3
1.5
15
15
460
15
15
30
15
5
2.5
3
1.5
15
15
VDC
BZ-3R
8
15
15
30
15
5
2.5
3
1.5
15
15
.036 in.
14
15
15
30
15
5
2.5
3
1.5
15
15
0,91 mm
30
15
10
30
15
5
2.5
3
1.5
10
5
125
15
0.6
6
6
1.2
1.2
0.6
0.6
0.1
0.05
250
15
0.3
3
3
0.6
0.6
0.3
0.3
0.05
0.03
VAC
BZ-3R
125
15
15
30
15
5
2.5
3
1.5
15
15
.036 in.
250
15
15
30
15
5
2.5
3
1.5
15
15
0,91 mm
277
15
15
30
15
5
2.5
3
1.5
15
15
460
15
15
30
15
4
2.5
3
1.5
15
15
VDC
BZ-7R
8
30
15
15
5
2.5
3
1.5
15
15
.070 in.
14
15
15
30
15
5
2.5
3
1.5
15
15
1,78 mm
30
15
15
30
15
5
2.5
3
1.5
10
7.5
125
15
0.75
7.5
7.5
1.5
1.5
0.75
0.75
0.4
0.2
250
15
0.3
3
3
0.6
0.6
0.3
0.3
0.2
0.1
VAC
BZ-7R
120
15
15
30
15
5
2.5
3
1.5
15
15
.070 in.
240
15
15
30
15
5
2.5
3
1.5
15
15
1,78 mm
277
15
15
30
15
5
2.5
3
1.5
15
15
460
15
15
30
15
5
2.5
3
1.5
15
15
1 Fora86
−F (30−C) max. temperature rise at terminals, not opening or closing the load (at sea level).
2 Data established with a 75% power factor on AC loads.
TEST CONDITIONS
Switch contact life is affected by electrical conditions and other
factors, such as: temperature, humidity, airborne contamina-
tion, vibration, amount and rate of plunger travel, and cycling
rate. Our Evaluation Laboratory tests are conducted using pro-
cedures and practices common to UL and Military Specifica-
tions. The following conditions generally apply.
Temperature:
Room Ambient (70
−F, 21−C).
Humidity:
Room Ambient (50%).
AC Cycle Rate:
60 operations/minute.
DC Cycle Rate:
20 operations/minute.
On-off Time:
Equal and compatible with above cycling rates.
Power Factor (AC): Approximately 75%.
Inductance (DC):
MIL-I-81023 Inductor.
Circuit Loading:
One throw only on a SPDT switch during any test procedure. Both throws are evaluated separately.
Travel Plunger:
Full switch travel is used.
Actuation:
Linear motion.
Overtravel Force:
1 to 3 lbs. from spring-loaded actuators.
MICRO SWITCH believes that with the following voltage and
current values and under the test conditions set forth below
switch life of 100,000 closures, 95% survival can be expected. It
is a starting point for user evaluation and provides guidelines
on the switches identified. Because of the numerous electrical
conditions listed, not every current and voltage level has ac-
tually been tested on every switch and certain figures have
been extrapolated. For specific switch selection, customers
should evaluate switches under actual application conditions
or by simulating all application conditions and requirements.
The information set forth cannot substitute for the customer’s
own product evaulation. It should never be published by a cus-
tomer as a rating on their product.


Similar Part No. - UM10B10B01

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
UM10B YFWDIODE-UM10B Datasheet
624Kb / 3P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UM10B YFWDIODE-UM10B Datasheet
624Kb / 3P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UM10B YFWDIODE-UM10B Datasheet
489Kb / 3P
   1A SURFACE MOUNT GLASS PASSIVATED BRIDGE
logo
First Silicon Co., Ltd
UM10B FS-UM10B Datasheet
500Kb / 3P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
UM10B-05 YFWDIODE-UM10B-05 Datasheet
416Kb / 3P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - UM10B10B01

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
311SM6 HONEYWELL-ACC-311SM6 Datasheet
375Kb / 7P
   Basic Switches Subminiature
BZ-2RD-T4-J HONEYWELL-ACC-BZ-2RD-T4-J Datasheet
810Kb / 16P
   Basic Switches Standard
logo
OTTO Engineering, Inc
MS24547-1 OTTO-MS24547-1 Datasheet
841Kb / 3P
   SUBMINIATURE BASIC SWITCHES
logo
Honeywell Accelerometer...
23SX39-T HONEYWELL-ACC-23SX39-T Datasheet
328Kb / 6P
   Basic Switches Subminiature
ZM10B70E01 HONEYWELL-ACC-ZM10B70E01 Datasheet
356Kb / 7P
   MICRO SWITCH Basic Switches Line Guide
logo
Honeywell Solid State E...
ZW50F90DW1 HONEYWELL-ZW50F90DW1 Datasheet
2Mb / 9P
   MICRO SWITCH??Sealed Subminiature Basic Switches
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
3SX1-T HONEYWELL-3SX1-T Datasheet
356Kb / 7P
   MICRO SWITCH??Basic Switches Line Guide
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
HS-SERIES HONEYWELL-HS-SERIES Datasheet
609Kb / 6P
   Hermetically Sealed Premium Large Basic Switches
July 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com