Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

17K1A009 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 17K1A009
Description  IP67 USB USB Cable Strain Relief Assembly Kit with Solder Cup USB 2.0 Type A plug
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

17K1A009 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  17K1A009 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
1
2
2
3
3
4
4
5
5
6
6
A
A
B
B
C
C
D
D
A3
1/1
Rev.
Changes
Date
Name
R
2008
Draw.
Appd.
Norm
D-old
DIN
Scale:
Part No.:
Material:
Title:
Drawing No.:
Sheet
Autodesk
Inventor
Dim. in
Approval Date
Name
Title
Customer:
a
original
Date
Sept. 09
Sept. 09
J. Chaudry
Vincent Ke
Name
1.5:1
mm
See Notes
IP67 USB
USB Cable Strain Relief Assembly Kit
with Solder Cup USB 2.0 Type A plug
17K1A009
17-200151
Tolerance
Unless otherwise specified
0 PLC
`0.50
1 PLC
`0.38
2 PLC
`0.25
3 PLC
`0.10
ANGLES
`3~
Directive 2002/95/EC
"RoHS"
Compliant
Notes:
1. Electrical Specifications:
- Meets USB 2.0 Specification
- Contact Resistance: 30 mOhm max.
- Insulation Resistance: 1000 MOhm min. @ 100 VDC
- Current Rating: 1.5 A max. at 25
~C
- Working Voltage: 30 V (RMS) max.
- DWV: 500 VAC/60s at sea Level
- Operating Temperature: -40
~C to +85~C
2. Material and Finish:
- Coupling Ring and Plug Housing: Polyester (Black),
UL94 V-0
- Interfacial Seal: Silicone, Color: White
- Cable Fitting: PA (Black), UL94 V-0
- Cable Fitting Rubber Ring: NBR, Color: Black
- USB Metal Shell: SPCC, Nickel Plated
- USB Insulator: PBT, UL94 V-0, White
- USB Contacts: Copper Alloy,
- USB Contact Finish: 30 u" Gold min. over Nickel for mating area, Tin over Nickel for solder cup
3. USB Type A Plug accepts AWG28 to AWG24 wires, Cable with outer Diameter of 4.06 mm to 5.21 mm
4. Cable Fitting accepts Cable Outer Diameter Range of 4 mm to 8 mm
5. RoHS compliant
Interfacial Seal
n34.50
USB Metal Shell
(Portion 2)
USB Metal Shell
(Portion 1)
USB Insulator
(Portion 1)
USB Insulator
(Portion 2)
Coupling Ring
Plastic Version
M28 Thread Screw Type
USB Type A
Plug Housing
Plastic Version
Cable Fitting
Plastic Version
17.90 REF.
23.20
61.80 REF.
M28 Thread


Similar Part No. - 17K1A009

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17K1A111 CONEC-17K1A111 Datasheet
627Kb / 1P
   Protective Cover Assembly Kit Metal Version Industrial Ethernet Connector (IP67)
17K1A115 CONEC-17K1A115 Datasheet
867Kb / 1P
   IP67 USB 2.0 Type A Plug (Solder Cup) Assembly Kit Metal Version
17K1A139 CONEC-17K1A139 Datasheet
474Kb / 1P
   IP67 mini USB Receptacle Dust Cap Assembly kit with mini USB Type B Through Hole Version
17K1A216 CONEC-17K1A216 Datasheet
441Kb / 1P
   IP67 Industrial Duplex LC Plug Protective Cover Assembly Kit
17K1A238 CONEC-17K1A238 Datasheet
343Kb / 1P
   IP67 Industrial Duplex LC (ODVA) Single Mode Fiber Optic Patch Cords
More results

Similar Description - 17K1A009

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
39K1A364 CONEC-39K1A364 Datasheet
626Kb / 1P
   IP67 USB USB 2.0 Type A Plug Assembly Kit Solder Cup Version
17-200331 CONEC-17-200331 Datasheet
867Kb / 1P
   IP67 USB 2.0 Type A Plug (Solder Cup) Assembly Kit
17-200151 CONEC-17-200151 Datasheet
636Kb / 1P
   IP67 USB Cable Strain Relief Assembly Kit
17K1A115 CONEC-17K1A115 Datasheet
867Kb / 1P
   IP67 USB 2.0 Type A Plug (Solder Cup) Assembly Kit Metal Version
17-200121 CONEC-17-200121 Datasheet
626Kb / 1P
   IP67 USB 2.0 Type A Plug Assembly Kit
17-200601 CONEC-17-200601 Datasheet
365Kb / 1P
   IP67 USB Receptacle Assembly Kit
logo
EDAC, All Rights Reserv...
690L104-39D-021 EDAC-690L104-39D-021 Datasheet
82Kb / 1P
   690L Series,USB 2.0 TYPE-A RECEPTACLES - CABLE END SOLDER CUP
690L104J19D-020 EDAC-690L104J19D-020 Datasheet
84Kb / 1P
   690L Series,USB 2.0 TYPE-A RECEPTACLES - CABLE END SOLDER CUP
690L104J59D-020 EDAC-690L104J59D-020 Datasheet
84Kb / 1P
   690L Series,USB 2.0 TYPE-A RECEPTACLES - CABLE END SOLDER CUP
logo
List of Unclassifed Man...
MC001001 ETC2-MC001001 Datasheet
156Kb / 1P
   USB C to USB 2.0 A Plug Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com