Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZD27C4V3P Datasheet(PDF) 6 Page - Vishay Siliconix

Part # BZD27C4V3P
Description  Zener Diodes with Surge Current Specification
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZD27C4V3P Datasheet(HTML) 6 Page - Vishay Siliconix

  BZD27C4V3P Datasheet HTML 1Page - Vishay Siliconix BZD27C4V3P Datasheet HTML 2Page - Vishay Siliconix BZD27C4V3P Datasheet HTML 3Page - Vishay Siliconix BZD27C4V3P Datasheet HTML 4Page - Vishay Siliconix BZD27C4V3P Datasheet HTML 5Page - Vishay Siliconix BZD27C4V3P Datasheet HTML 6Page - Vishay Siliconix BZD27C4V3P Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BZD27C3V6P to BZD27C200P
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 29-Nov-11
6
Document Number: 85810
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Blistertape Dimensions for SMF in millimeters
18513
PS
Document-No.: S8-V-3717.02-001 (3)


Similar Part No. - BZD27C4V3P

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
BZD27C4V3P VAISH-BZD27C4V3P Datasheet
238Kb / 7P
   Zener Diodes with Surge Current Specification
logo
Shenzhen Luguang Electr...
BZD27C4V3P LUGUANG-BZD27C4V3P Datasheet
742Kb / 4P
   Voltage Regulator Diodes
logo
Pan Jit International I...
BZD27C4V3P PANJIT-BZD27C4V3P Datasheet
66Kb / 2P
   800mW ZENER DIODES IN SOD123FL PACKAGE
logo
Galaxy Semi-Conductor H...
BZD27C4V3P BILIN-BZD27C4V3P Datasheet
208Kb / 4P
   VOLTAGE REGULATOR DIODES
logo
Pan Jit International I...
BZD27C4V3P PANJIT-BZD27C4V3P Datasheet
126Kb / 4P
   VOLTAGE REGULATOR DIODES
More results

Similar Description - BZD27C4V3P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT03 VISHAY-BZT03_10 Datasheet
112Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
BZD27C3V6P-E3-08 VISHAY-BZD27C3V6P-E3-08 Datasheet
127Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.2, 13-Aug-14
BZD27B-M VISHAY-BZD27B-M_V01 Datasheet
123Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
BZD27B-M VISHAY-BZD27B-M Datasheet
118Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZD27C VISHAY-BZD27C Datasheet
117Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.4., 15-Oct-15
BZG04 VISHAY-BZG04_08 Datasheet
184Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 2.2, 15-Sep-05
BZD27B VISHAY-BZD27B_V01 Datasheet
122Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
logo
Vaishali Semiconductor
BZD27C3V6P VAISH-BZD27C3V6P Datasheet
238Kb / 7P
   Zener Diodes with Surge Current Specification
logo
Vishay Siliconix
BZD27B VISHAY-BZD27B Datasheet
129Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZT03 VISHAY-BZT03_05 Datasheet
126Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Jul-05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com