Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Wi.DP1205-868-R Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # Wi.DP1205-868-R
Description  mplete Radio Transceiver Modules operating in the 433, 868 and 915 MHz license free ISM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

Wi.DP1205-868-R Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button Wi.DP1205-868-R Datasheet HTML 6Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 7Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 8Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 10Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 11Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 12Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 13Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
WI.DP1205-XXX-R DATASHEET
9
3.2. Detailed Electrical Specifications
The table below gives the specifications of the Wi.DP1205-XXX-R modules under the following conditions:
Supply voltage VDD = 3.3V, temperature = 25°C, frequency deviation ∆f = 5 kHz, Bit-rate = 4.8 kbit/s, base-band
filter bandwidth BWSSB = 10 kHz, carrier frequency fc = 434 MHz for the Wi.DP1205-433-R, fc = 869 MHz for
the Wi.DP1205-868-R and fc = 915 MHz for the Wi.DP1205-915-R, bit error rate BER = 0.1% (measured at the
output of the bit synchronizer), antenna output matched at 50 Ω.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Wi.DP1205-433-R
433
435
MHz
Wi.DP1205-868-R
868
870
MHz
FR
Synthesizer Frequency Range
Wi.DP1205-915-R
902
928
MHz
IDDSL
Sleep Mode Supply Current
0.2
1
mA
IDDST
Standby Mode Supply Current
39 MHz Running
.85
1.1
mA
IDDR
Rx Mode Supply Current
14
16.5
mA
IDDT
Tx Mode Supply Current
PRF = 5 dBm
33
40
mA
PRF = 15 dBm
62
75
mA
RFS
RF Sensitivity
A-mode
-113
-110
dBm
RFS_12
RF Sensitivity at 1.2 kbit/s
A-mode, BER = 0.1%
-118
-115
dBm
FDA
Frequency Deviation
Programmable
1
255
kHz
BR
Bit Rate
Programmable
1.2
152.3
Kb/s
RFOP
RF Output Power
RFOP1 (programmable)
-3
0
dBm
RFOP2 (programmable)
+2
+5
dBm
RFOP3 (programmable)
+7
+10
dBm
RFOP4 (programmable)
+12
+15
dBm
TS STR
Transmit Wake-up Time
From Oscillator Enabled
250
350
ms
TS_SRE
Receive Wake-up Time
From Oscillator Enabled
700
850
ms
TS_OS
Quartz Oscillator Wake-up Time
Fundamental
1
2
ms
XTAL
Quartz Oscillator Frequency
39
MHz
VIH
Digital Input Level High
% VDD
75
%
VIL
Digital Input Level Low
% VDD
25
%
Table 3, Detailed Specifications


Similar Part No. - Wi.DP1205-868-R

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
WI.DP1203-433-R SEMTECH-WI.DP1203-433-R Datasheet
487Kb / 17P
   True UART to Antenna Solution
WI.DP1203-868-R SEMTECH-WI.DP1203-868-R Datasheet
487Kb / 17P
   True UART to Antenna Solution
WI.DP1203-915-R SEMTECH-WI.DP1203-915-R Datasheet
487Kb / 17P
   True UART to Antenna Solution
WI.DP1203-XXX-R SEMTECH-WI.DP1203-XXX-R Datasheet
487Kb / 17P
   True UART to Antenna Solution
More results

Similar Description - Wi.DP1205-868-R

ManufacturerPart #DatasheetDescription
logo
Suntsu Electronics, Inc...
SATCA-10F3A1G-ISB4 SUNTSU-SATCA-10F3A1G-ISB4 Datasheet
1,006Kb / 5P
   ISM 433/868/915 Band
SATCA-9A4A2A-ISB4 SUNTSU-SATCA-9A4A2A-ISB4 Datasheet
970Kb / 5P
   ISM 433/868/915 Band
logo
Semtech Corporation
DP1203F SEMTECH-DP1203F Datasheet
395Kb / 13P
   433/868/915 MHz RF Modules
logo
List of Unclassifed Man...
RFM50 ETC2-RFM50 Datasheet
244Kb / 8P
   MCU with 100mW 433/470/868/915 MHz ISM Band Transceiver Module
logo
TE Connectivity Ltd
2195835-1 TEC-2195835-1 Datasheet
823Kb / 7P
   ISM 868 / 915 MHz ANTENNA
2195849-1 TEC-2195849-1 Datasheet
798Kb / 7P
   ISM 868 / 915 MHz ANTENNA
logo
Abracon Corporation
ACR1504I3-EVB ABRACON-ACR1504I3-EVB Datasheet
571Kb / 4P
   Evaluation Board - 915/868/433 MHz: LPWA/ISM Multiband Chip Antenna
09-13-21
logo
Pulse A Technitrol Comp...
W3100X PULSE-W3100X Datasheet
2Mb / 31P
   ISM 169/433/868/915/2450MHz Helical Antenna
logo
Semtech Corporation
XE1202A SEMTECH-XE1202A Datasheet
436Kb / 32P
   433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
XE1203F SEMTECH-XE1203F Datasheet
516Kb / 36P
   433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com