Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

17-10012 Datasheet(PDF) 11 Page - CONEC Elektronische Bauelemente GmbH

Part # 17-10012
Description  RJ45-IP67 Industrial Ethernet Connector System
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

17-10012 Datasheet(HTML) 11 Page - CONEC Elektronische Bauelemente GmbH

Back Button 17-10012 Datasheet HTML 7Page - CONEC Elektronische Bauelemente GmbH 17-10012 Datasheet HTML 8Page - CONEC Elektronische Bauelemente GmbH 17-10012 Datasheet HTML 9Page - CONEC Elektronische Bauelemente GmbH 17-10012 Datasheet HTML 10Page - CONEC Elektronische Bauelemente GmbH 17-10012 Datasheet HTML 11Page - CONEC Elektronische Bauelemente GmbH 17-10012 Datasheet HTML 12Page - CONEC Elektronische Bauelemente GmbH 17-10012 Datasheet HTML 13Page - CONEC Elektronische Bauelemente GmbH 17-10012 Datasheet HTML 14Page - CONEC Elektronische Bauelemente GmbH 17-10012 Datasheet HTML 15Page - CONEC Elektronische Bauelemente GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11|10
UL listed, File No.: E202784
Round Panel Cut-out
Double-D Panel Cut-out
RJ45-IP67 Industrial Ethernet Connector System
Description
Order data
Product drawing
RJ45-IP67 Panel mounted receptacle
Solder termination (PCB) Cat. 5e – Square flange – Bayonet locking – Zinc die-cast
For front- or rear panel mounting up to wall thickness of 3.2 mm
Design:
- Zinc die-cast nickel plated
RJ45 Cat. 5e solder termination with grounding connection shielded
Strain relief version includes a cable tie
Available as a set with protection cap
Accessories:
Gasket and mounting hardware can be ordered separately
Mounting hardware includes
4x (screw M3 + nut + flat washer + spring washer)
Recommended Panel Cut-out
PCB with grounding connection
and strain relief area
PCB with grounding connection Protection cap metal
Type
Material
Surface
RJ45 Cat.5e
design
Sealing
Grounding connection
Protection cap
Part Number
Receptacle without accessories
Zinc die-cast
nickel plated Solder termination
Grounding connection
17-111094
Receptacle without accessories
Zinc die-cast
nickel plated Solder termination Sealing compound Grounding connection
17-111104
Receptacle with accessories
Zinc die-cast
nickel plated Solder termination
Grounding connection
17-111154
Receptacle with accessories
Zinc die-cast
nickel plated Solder termination Sealing compound Grounding connection
17-111164
Receptacle with accessories
Zinc die-cast
nickel plated Solder termination
Grounding connection
with protection cap 17-111214
Receptacle with accessories
Zinc die-cast
nickel plated Solder termination Sealing compound Grounding connection
with protection cap 17-111224
Receptacle without accessories
Zinc die-cast
nickel plated Solder termination
Grounding/Strain relief
17-111114
Receptacle without accessories
Zinc die-cast
nickel plated Solder termination Sealing compound Grounding/Strain relief
17-111124
Receptacle with accessories
Zinc die-cast
nickel plated Solder termination
Grounding/Strain relief
17-111174
Receptacle with accessories
Zinc die-cast
nickel plated Solder termination Sealing compound Grounding/Strain relief
17-111184
Receptacle with accessories
Zinc die-cast
nickel plated Solder termination
Grounding/Strain relief
with protection cap 17-111234
Receptacle with accessories
Zinc die-cast
nickel plated Solder termination Sealing compound Grounding/Strain relief
with protection cap 17-111244
Panel gasket
Silicone
17-103540
Mounting hardware
Stainless steel
17-103530
Grounding connection


Similar Part No. - 17-10012

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17-10012 CONEC-17-10012 Datasheet
369Kb / 1P
   Receptacle Assembly Kit
More results

Similar Description - 17-10012

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
108M12-HV REDLION-108M12-HV Datasheet
887Kb / 3P
   IP67 Rated Unmanaged Industrial Ethernet Switch
105M12 REDLION-105M12 Datasheet
886Kb / 3P
   IP67 Rated Unmanaged Industrial Ethernet Switch
108M12 REDLION-108M12 Datasheet
798Kb / 3P
   IP67 Rated Unmanaged Industrial Ethernet Switch
EB-GT-8ES1EP REDLION-EB-GT-8ES1EP Datasheet
489Kb / 2P
   8 Port IP67 Unmanaged Industrial Ethernet Switch
logo
CONEC Elektronische Bau...
17K1A111 CONEC-17K1A111 Datasheet
627Kb / 1P
   Protective Cover Assembly Kit Metal Version Industrial Ethernet Connector (IP67)
39K1A205 CONEC-39K1A205 Datasheet
458Kb / 1P
   Protective Cover Assembly Kit Industrial Ethernet Connector (IP67) RoHS compliant
logo
Advantech Co., Ltd.
EKI-2528I-M12 ADVANTECH-EKI-2528I-M12 Datasheet
300Kb / 2P
   8 port M12 Unmanaged Industrial Ethernet Switch, IP67
10-Apr-2019
logo
Laird Tech Smart Techno...
RJ45-ECS LSTD-RJ45-ECS Datasheet
697Kb / 2P
   Ethernet Connector System
logo
Amphenol Corporation
RJFC7G AMPHENOL-RJFC7G Datasheet
249Kb / 4P
   Ethernet Connection System for Harsh Environment - Industrial EthernetTransform
logo
Red Lion Controls. Inc
EB-RJ45 REDLION-EB-RJ45 Datasheet
325Kb / 2P
   Industrial IP67 Waterproof Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com