Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

17-10012 Datasheet(PDF) 6 Page - CONEC Elektronische Bauelemente GmbH

Part # 17-10012
Description  RJ45-IP67 Industrial Ethernet Connector System
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

17-10012 Datasheet(HTML) 6 Page - CONEC Elektronische Bauelemente GmbH

Back Button 17-10012 Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH 17-10012 Datasheet HTML 3Page - CONEC Elektronische Bauelemente GmbH 17-10012 Datasheet HTML 4Page - CONEC Elektronische Bauelemente GmbH 17-10012 Datasheet HTML 5Page - CONEC Elektronische Bauelemente GmbH 17-10012 Datasheet HTML 6Page - CONEC Elektronische Bauelemente GmbH 17-10012 Datasheet HTML 7Page - CONEC Elektronische Bauelemente GmbH 17-10012 Datasheet HTML 8Page - CONEC Elektronische Bauelemente GmbH 17-10012 Datasheet HTML 9Page - CONEC Elektronische Bauelemente GmbH 17-10012 Datasheet HTML 10Page - CONEC Elektronische Bauelemente GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
11|5
UL listed, File No.: E202784
RJ45-IP67 Industrial Ethernet Connector System
Description
Order data
Product drawing
Recommended Panel Cut-out
Protection cap plastic
For front- or rear panel mounting up to wall thickness of 3.2 mm
Design: Black plastic
RJ45 Cat. 5e Inline coupling unshielded or shielded
IP67 Protection in mated condition
Available as a set with protection cap
RJ45-IP67 Panel mounted receptacle
Inline coupling Cat. 5e – both sides Bayonet locking – Plastic
Type
Material
Surface
RJ45 Cat.5e design
Protection cap
Part Number
Receptacle
Plastic
black
Inline coupling shielded
17-110004
Receptacle
Plastic
black
Inline coupling unshielded
17-110014
Receptacle
Plastic
black
Inline coupling shielded
with protection cap
17-110024
Receptacle
Plastic
black
Inline coupling unshielded
with protection cap
17-110034


Similar Part No. - 17-10012

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17-10012 CONEC-17-10012 Datasheet
369Kb / 1P
   Receptacle Assembly Kit
More results

Similar Description - 17-10012

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
108M12-HV REDLION-108M12-HV Datasheet
887Kb / 3P
   IP67 Rated Unmanaged Industrial Ethernet Switch
105M12 REDLION-105M12 Datasheet
886Kb / 3P
   IP67 Rated Unmanaged Industrial Ethernet Switch
108M12 REDLION-108M12 Datasheet
798Kb / 3P
   IP67 Rated Unmanaged Industrial Ethernet Switch
EB-GT-8ES1EP REDLION-EB-GT-8ES1EP Datasheet
489Kb / 2P
   8 Port IP67 Unmanaged Industrial Ethernet Switch
logo
CONEC Elektronische Bau...
17K1A111 CONEC-17K1A111 Datasheet
627Kb / 1P
   Protective Cover Assembly Kit Metal Version Industrial Ethernet Connector (IP67)
39K1A205 CONEC-39K1A205 Datasheet
458Kb / 1P
   Protective Cover Assembly Kit Industrial Ethernet Connector (IP67) RoHS compliant
logo
Advantech Co., Ltd.
EKI-2528I-M12 ADVANTECH-EKI-2528I-M12 Datasheet
300Kb / 2P
   8 port M12 Unmanaged Industrial Ethernet Switch, IP67
10-Apr-2019
logo
Laird Tech Smart Techno...
RJ45-ECS LSTD-RJ45-ECS Datasheet
697Kb / 2P
   Ethernet Connector System
logo
Amphenol Corporation
RJFC7G AMPHENOL-RJFC7G Datasheet
249Kb / 4P
   Ethernet Connection System for Harsh Environment - Industrial EthernetTransform
logo
Red Lion Controls. Inc
EB-RJ45 REDLION-EB-RJ45 Datasheet
325Kb / 2P
   Industrial IP67 Waterproof Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com