Selected language     English  ā–¼


74VHCT00AN Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. 74VHCT00AN
Description  Quad 2-Input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 3 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions (Note 6)
Note 2: Absolute Maximum Ratings are values beyond which the device
may be damaged or have its useful life impaired. The databook specifica-
tions should be met, without exception, to ensure that the system design is
reliable over its power supply, temperature, and output/input loading vari-
ables. Fairchild does not recommend operation outside databook specifica-
tions.
Note 3: HIGH or LOW state. IOUT absolute maximum rating must be
observed.
Note 4: VCC
0V.
Note 5: VOUT  GND, VOUT ! VCC (Outputs Active)
Note 6: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Noise Characteristics
Note 7: Parameter guaranteed by design.
Supply Voltage (VCC)
0.5V to 7.0V
DC Input Voltage (VIN)
0.5V to 7.0V
DC Output Voltage (VOUT)
(Note 3)
0.5V to VCC  0.5V
(Note 4)
0.5V to 7.0V
Input Diode Current (IIK)
20 mA
Output Diode Current (IOK)
(Note 5)
r20 mA
DC Output Current (IOUT)
r25 mA
DC VCC/GND Current (ICC)
r50 mA
Storage Temperature (TSTG)
65qC to 150qC
Lead Temperature (TL)
(Soldering, 10 seconds)
260
qC
Supply Voltage (VCC)
4.5V to 5.5V
Input Voltage (VIN)0V to 5.5V
Output Voltage (VOUT)
(Note 3)
0V to VCC
(Note 4)
0V to 5.5V
Operating Temperature (TOPR)
40qC to 85qC
Input Rise and Fall Time (tr, tf)
VCC 5.0V r 0.5V
0 ns/V
a 20 ns/V
Symbol
Parameter
VCC
(V)
TA 25qCTA 40qC to 85qC
Units
Conditions
Min
Typ
Max
Min
Max
VIH
HIGH Level Input Voltage
4.5
2.0
2.0
V
5.5
2.0
2.0
VIL
LOW Level Input Voltage
4.5
0.8
0.8
V
5.5
0.8
0.8
VOH
HIGH Level Output Voltage
4.5
4.40
4.50
4.40
V
VIN VIH
IOH 50 PA
4.5
3.94
3.80
V
or VIL
IOH 8 mA
VOL
LOW Level Output Voltage
4.5
0.0
0.1
0.1
V
VIN VIH
IOL 50 PA
4.5
0.36
0.44
V
or VIL
IOL 8 mA
IIN
Input Leakage Current
0
 5.5
r0.1
r1.0
PAVIN 5.5V or GND
ICC
Quiescent Supply Current
5.5
2.0
20.0
PAVIN VCC or GND
ICCT
Maximum ICC/ Input
5.5
1.35
1.50
mA
VIN 3.4V
Other Inputs
VCC or GND
IOFF
Output Leakage Current
0.0
0.5
5.0
PAVOUT 5.5V
(Power Down State)
Symbol
Parameter
VCC
(V)
TA 25qC
Units
Conditions
Typ
Limit
VOLP
(Note 7)
Quiet Output Maximum Dynamic VOL
5.0
0.4
0.8
V
CL 50 pF
VOLV
(Note 7)
Quiet Output Minimum Dynamic VOL
5.0
0.4
0.8
V
CL 50 pF
VIHD
(Note 7)
Minimum HIGH Level Dynamic Input Voltage
5.0
2.0
V
CL 50 pF
VILD
(Note 7)
Maximum LOW Level Dynamic Input Voltage
5.0
0.8
V
CL 50 pF




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC74LCX00LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE 1 2 3 4 5 MoreON Semiconductor
74ABT00Quad 2-input NAND gate 1 2 3 4 5 MoreNXP Semiconductors
74ALS00AQuad 2-Input NAND gate 1 2 3 4 5 MoreNXP Semiconductors
74VHC00QUAD 2-INPUT NAND GATE 1 2 3 4 5 MoreSTMicroelectronics
M54HC00QUAD 2-INPUT NAND GATE 1 2 3 4 5 MoreSTMicroelectronics
74ALVC132Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 Fairchild Semiconductor
DM74S00Quad 2-Input NAND Gate 1 2 3 4 Fairchild Semiconductor
HCS00MSRadiation Hardened Quad 2-Input NAND Gate 1 2 3 4 5 MoreIntersil Corporation
SN54LS03QUAD 2-INPUT NAND GATE 1 2 3 4 Motorola, Inc
74LVQ00QUAD 2-INPUT NAND GATE 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl