Electronic Components Datasheet Search
Selected language     English  ā–¼


74VHCT04AMX_NL Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. 74VHCT04AMX_NL
Description  Hex Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 4 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 8: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average
operating current can be obtained by the equation: ICC (opr.) CPD * VCC * fIN  ICC/6 (per gate).
Symbol
Parameter
VCC
TA 25qC
TA 40qC to 85qC
Units
Conditions
(V)
Min
Typ
Max
Min
Max
tPHL
Propagation Delay
5.0
r 0.5
4.7
6.7
1.0
7.5
ns
CL 15 pF
tPLH
5.5
7.7
1.0
8.5
CL 50 pF
CIN
Input Capacitance
4
10
10
pF
VCC OPEN
CPD
Power Dissipation
11
pF
(Note 8)
Capacitance




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN54LS05HEX INVERTER 1 2 3 4 Motorola, Inc
DM5414Hex Inverter with Schmitt Trigger Inputs 1 2 3 4 National Semiconductor (TI)
MC74HC14AHex Schmitt-Trigger Inverter 1 2 3 4 5 MoreON Semiconductor
74AHCU04Hex inverter 1 2 3 4 5 MoreNXP Semiconductors
74LVCU04AHex inverter 1 2 3 4 5 MoreNXP Semiconductors
HCC4069UBHEX INVERTER 1 2 3 4 5 MoreSTMicroelectronics
CDC2033.3-V HEX INVERTER/CLOCK DRIVER 1 2 3 4 5 MoreTexas Instruments
TC74LVX14FHEX SCHMITT INVERTER 1 2 3 4 5 MoreToshiba Semiconductor
74LVX14LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS 1 2 3 4 5 MoreSTMicroelectronics
74AC05Hex Inverter with Open Drain Outputs 1 2 3 4 Fairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl