Selected language     English  ▼


74VHCT08AMX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. 74VHCT08AMX
Description  Quad 2-Input AND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 1 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500025
www.fairchildsemi.com
July 1997
Revised February 2005
74VHCT08A
Quad 2-Input AND Gate
General Description
The VHCT08A is an advanced high speed CMOS 2 Input
AND Gate fabricated with silicon gate CMOS technology. It
achieves the high-speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low
power dissipation.
The internal circuit is composed of 4 stages including buffer
output, which provide high noise immunity and stable out-
put.
Protection circuits ensure that 0V to 7V can be applied to
the input pins without regard to the supply voltage and to
the output pins with VCC
0V. These circuits prevent
device destruction due to mismatched supply and input/
output voltages. This device can be used to interface 3V to
5V systems and two supply systems such as battery
backup.
Features
s High speed: tPD 5.0 ns (typ) at TA 25qC
s High noise immunity: VIH 2.0V, VIL 0.8V
s Power down protection is provided on all inputs and
outputs
s Low noise: VOLP 0.8V (max)
s Low power dissipation:
ICC 2 PA (max) @ TA 25qC
s Pin and function compatible with 74HCT08
Ordering Code:
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the ordering code
Pb-Free package per JEDEC J-STD-020B.
Note 1: “_NL” indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Order Number
Package
Package Description
Number
74VHCT08AM
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74VHCT08AMX_NL
(Note 1)
M14A
Pb-Free 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74VHCT08ASJ
M14D
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHCT08AMTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74VHCT08AMTCX_NL
(Note 1)
MTC14
Pb-Free 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
74VHCT08AN
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TC74LCX32FLOW VOLTAGE QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor
74LCX08Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs 1 2 3 4 5 MoreFairchild Semiconductor
74VHC08MTRQUAD 2-INPUT AND GATE 1 2 3 4 5 MoreSTMicroelectronics
IN74VHC08Quad 2-Input AND Gate 1 2 3 4 5 MoreIntegral Corp.
MC74LCX08LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE 1 2 3 4 5 MoreMotorola, Inc
CD4071BMQuad 2-Input OR AND Buffered B Series Gate 1 2 3 4 5 MoreNational Semiconductor (TI)
74ALVC32Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 Fairchild Semiconductor
SN54LS08QUAD 2-INPUT AND GATE 1 2 3 4 Motorola, Inc
54ACTQ08Quiet Series Quad 2-Input AND Gate 1 2 3 4 5 National Semiconductor (TI)
MC74AC08QUAD 2-INPUT AND GATE 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl