Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE714C Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE714C
Description  Max. 3MHz, Variable Frequency Step-up DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE714C Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE714C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE714C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE714C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE714C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE714C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE714C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE714C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE714C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE714C Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ACE714C
Max. 3MHz, Variable Frequency Step-up DC/DC Converter
VER 1.2
5
Typical Performance Characteristics
Application Information
Dimming Control
1.Using a PWM Signal to CE Pin
When adding the PWM signal to CE pin, the ACE714C is turned on or off by the PWM signal, so the
LEDs operate at either zero or full current. The average LED current increase proportionally with the
duty cycle of the PWM signal.
2.Using a DC Voltage to FB Pin
From the Figure 2, we can add a DC voltage to FB pin, we adjust the LED current by changing the DC
voltage, which control the brightness, DC voltage range is from 0V to 2V.


Similar Part No. - ACE714C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714 Datasheet
172Kb / 8P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
ACE714B ACE-ACE714B Datasheet
522Kb / 5P
   Step-up DC/DC Converter Backlight Driver
VER 1.2
ACE714GM+H ACE-ACE714GM+H Datasheet
172Kb / 8P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
ACE714GM+H ACE-ACE714GM+H Datasheet
428Kb / 9P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.3
ACE714 ACE-ACE714_12 Datasheet
428Kb / 9P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.3
More results

Similar Description - ACE714C

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8545 BELLING-BL8545 Datasheet
205Kb / 6P
   Max. 3MHz, Variable Frequency Step-up DC/DC Converter
BL8548 BELLING-BL8548 Datasheet
415Kb / 6P
   Max. 3MHz, Variable Frequency Step-up DC-DC Converter
logo
ACE Technology Co., LTD...
ACE716E ACE-ACE716E Datasheet
582Kb / 10P
   Max 38V, Variable Frequency Step-up DC/DC Converter
VER 1.2
logo
Power Analog Micoelectr...
PAM2304 PAM-PAM2304 Datasheet
338Kb / 14P
   3MHz, 1A Step-Down DC-DC Converter
logo
Diodes Incorporated
PAM2304 DIODES-PAM2304 Datasheet
449Kb / 12P
   3MHz, 1A STEP-DOWN DC-DC CONVERTER
logo
Linear Technology
LTC3422 LINER-LTC3422_15 Datasheet
269Kb / 16P
   1.5A, 3MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3422 LINER-LTC3422 Datasheet
259Kb / 16P
   1.5A, 3MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LT1306 LINER-LT1306_15 Datasheet
219Kb / 16P
   Synchronous, Fixed Frequency Step-Up DC/DC Converter
LT1306 LINER-LT1306 Datasheet
213Kb / 16P
   Synchronous, Fixed Frequency Step-Up DC/DC Converter
logo
Analog Devices
ADP2102 AD-ADP2102 Datasheet
230Kb / 7P
   600mA 3MHz Synchronous Step-Down DC-DC Converter
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com