Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHCT540ASJ Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74VHCT540ASJ
Description  Octal Buffer/Line Driver with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHCT540ASJ Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74VHCT540ASJ Datasheet HTML 1Page - Fairchild Semiconductor 74VHCT540ASJ Datasheet HTML 2Page - Fairchild Semiconductor 74VHCT540ASJ Datasheet HTML 3Page - Fairchild Semiconductor 74VHCT540ASJ Datasheet HTML 4Page - Fairchild Semiconductor 74VHCT540ASJ Datasheet HTML 5Page - Fairchild Semiconductor 74VHCT540ASJ Datasheet HTML 6Page - Fairchild Semiconductor 74VHCT540ASJ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 8: Parameter guaranteed by design. tOSLH
|tPLHmax  tPLHmin|; tOSLH
|tPHLmax  tPHLmin|.
Note 9: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average
operating current can be obtained by the equation: ICC (opr.) CPD * VCC * fIN  ICC/8 (per bit).
Symbol
Parameter
VCC
(V)
TA 25qCTA 40qC to 85qC
Units
Conditions
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
r 0.5
5.4
7.4
1.0
8.5
ns
CL 15 pF
tPHL
Time
5.9
8.4
1.0
9.5
CL 50 pF
tPZL
3-STATE Output
5.0
r 0.5
8.3
11.3
1.0
13.0
ns
RL 1 k:
CL 15 pF
tPZH
Enable Time
8.8
12.3
1.0
14.0
CL 50 pF
tPLZ
3-STATE Output
5.0
r 0.5
9.4
11.9
1.0
13.5
ns
RL 1 k: CL 50 pF
tPHZ
Disable Time
tOSLH
Output to Output
5.0
r 0.5
1.0
1.0
ns
(Note 8)
CL 50 pF
tOSHL
Skew
CIN
Input Capacitance
4
10
10
pF
VCC Open
COUT
Output Capacitance
9
pF
VCC 5.0V
CPD
Power Dissipation Capacitance
19
pF
(Note 9)


Similar Part No. - 74VHCT540ASJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHCT540ASJ FAIRCHILD-74VHCT540ASJ Datasheet
237Kb / 9P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results

Similar Description - 74VHCT540ASJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com