Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM0225C1C2R5BD05L Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # GRM0225C1C2R5BD05L
Description  Chip Monolithic Ceramic Capacitors
Download  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM0225C1C2R5BD05L Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button GRM0225C1C2R5BD05L Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM0225C1C2R5BD05L Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM0225C1C2R5BD05L Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM0225C1C2R5BD05L Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM0225C1C2R5BD05L Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM0225C1C2R5BD05L Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GRM0225C1C2R5BD05L Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GRM0225C1C2R5BD05L Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GRM0225C1C2R5BD05L Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 221 page
background image
Selection Guide For Chip Monolithic Ceramic Capacitors
6
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
GRM (X5R, X7R, Y5V etc.)
68pF–100
µF
GNM
10pF–2.2
µF
GRM (C0G)
0.1pF–0.1
µF
GRM (U2J etc.)
LLL
2200pF–10
µF
LLA/LLM (From 1GHz)
0.01
µF–4.7µF
GJM (500MHz to 10GHz)
0.1pF–33pF
GQM (500MHz to 10GHz)
0.1pF–100pF
GMA 100pF–0.47
µF
GMD 100pF–1
µF
GRM (C0G, U2J)
10pF–10000pF
GRM (C0G)
5pF–47pF
GRM (X7R)
220pF–1
µF
GR7
10000pF–47000pF
GR4
100pF–10000pF
Type GD 10pF–4700pF
Type GF 10pF–4700pF
Type GC 100pF–330pF
Type GF 470pF–4700pF
Type GB 10000pF–56000pF
GA2
470pF–0.1
µF
GCM (X7R etc.)
100pF–47
µF
GCM (C0G etc.)
1.0pF–56000pF
High Capacitance
Array (2 or 4 Elements)
Class 1 TC's
Low Inductance
(Reverse Geometry)
LLR
1.0
µF
Low Inductance
(Controlled ESR)
Low Inductance
(Multi-Termination)
Low ESR, Ultra Small
Lowest ESR
Wire-Die-Bonding
250V/630V/1kV/2kV/3.15kV
Low Dissipation
3.15kV
Low Dissipation
250V/630V/1kV
High Capacitance
GRJ (X7R)
470pF–1
µF
250V/630V/1kV
Soft Termination Type
350V
High Capacitance
2kV
High Capacitance
Safety Standard
Certified
Safety Standard
Certified
AC250V which meets
Japanese Law
High Capacitance
Class 1 TC's
250V/630V
Low Dissipation
Medium Voltage
High Frequency Snubber
Optical Communications
High Frequency
High Speed Decoupling
Frequency Control/Tuning,
Impedance Matching
Decoupling, Smoothing
Automotive
(Powertrain,
Safety Equipment)
Medium Voltage
LCD Backlight Inverter
Medium Voltage
Decoupling, Smoothing
Medium Voltage
Only for Camera Flash Circuit
GCM (U2J)
10pF–10000pF
250V/630V
Soft Termination Type
GCJ (X7R)
1000pF–0.47
µF
Medium Voltage for Automotive
(Powertrain, Safety Equipment)
AC Lines Noise Removal
Medium Voltage
Only for
Information Devices
Function
Type
Series
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20


Similar Part No. - GRM0225C1C2R5BD05L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0225C1C2R5BD05 MURATA-GRM0225C1C2R5BD05 Datasheet
4Mb / 237P
   Explanation of Symbols in This Catalog Lx W dimension: products of 0.6 x 0.3 mm or less
GRM0225C1C2R5BD05 MURATA-GRM0225C1C2R5BD05 Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM0225C1C2R5BD05 MURATA-GRM0225C1C2R5BD05 Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM0225C1C2R5BD05 MURATA-GRM0225C1C2R5BD05 Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
More results

Similar Description - GRM0225C1C2R5BD05L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
GRM31CR72A104KW03L MURATA-GRM31CR72A104KW03L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com