Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHCT74ASJ Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74VHCT74ASJ
Description  Dual D-Type Flip-Flop with Preset and Clear
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHCT74ASJ Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74VHCT74ASJ Datasheet HTML 1Page - Fairchild Semiconductor 74VHCT74ASJ Datasheet HTML 2Page - Fairchild Semiconductor 74VHCT74ASJ Datasheet HTML 3Page - Fairchild Semiconductor 74VHCT74ASJ Datasheet HTML 4Page - Fairchild Semiconductor 74VHCT74ASJ Datasheet HTML 5Page - Fairchild Semiconductor 74VHCT74ASJ Datasheet HTML 6Page - Fairchild Semiconductor 74VHCT74ASJ Datasheet HTML 7Page - Fairchild Semiconductor 74VHCT74ASJ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions (Note 6)
Note 2: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. The databook specifica-
tions should be met, without exception, to ensure that the system design is
reliable over its power supply, temperature, and output/input loading varai-
bles. Fairchild does not recommend operation outside databook specifica-
tions.
Note 3: HIGH or LOW state. IOUT absolute maximum rating must be
observed.
Note 4: VCC
0V.
Note 5: VOUT  GND, VOUT ! VCC.(Outputs Active)
Note 6: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Supply Voltage (VCC)
0.5V to 7.0V
DC Input Voltage (VIN)
0.5V to 7.0V
DC Output Voltage (VOUT)
(Note 3)
0.5V to VCC  0.5V
(Note 4)
0.5V to 7.0V
Input Diode Current (IIK)
20 mA
Output Diode Current (IOK)
(Note 5)
r20 mA
DC Output Current (IOUT)
r25 mA
DC VCC/GND Current (ICC)
r50 mA
Storage Temperature (TSTG)
65qC to 150qC
Lead Temperature (TL)
Soldering (10 seconds)
260
qC
Supply Voltage (VCC)
4.5V to 5.5V
Input Voltage (VIN)0V to 5.5V
Output Voltage (VOUT)
(Note 3)
0V to VCC
(Note 4)
0V to 5.5V
Operating Temperature (TOPR)
40qC to 85qC
Input Rise and Fall Time (tr, tf)
VCC 5.0V r 0.5V
0 ns/V
a 20 ns/V
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Min
Typ
Max
Min
Max
VIH
HIGH Level
4.5
2.0
2.0
V
Input Voltage
5.5
2.0
2.0
VIL
LOW Level
4.5
0.8
0.8
V
Input Voltage
5.5
0.8
0.8
VOH
HIGH Level
4.5
4.40
4.50
4.40
V
VIN VIH
IOH 50 PA
Output Voltage
4.5
3.94
3.80
or VIL IOH 8 mA
VOL
LOW Level
4.5
0.0
0.1
0.1
V
VIN VIH
IOL 50 PA
Output Voltage
4.5
0.36
0.44
or VIL IOL 8 mA
IIN
Input Leakage Current
0–5.5
r0.1
r1.0
PAVIN 5.5V or GND
ICC
Quiescent Supply Current
5.5
2.0
20.0
PAVIN VCC or GND
ICCT
Maximum ICC/Input
5.5
1.35
1.50
mA
VIN 3.4V
Other Inputs
VCC or GND
IOFF
Output Leakage Current
0.0
0.5
5.0
PA
VOUT 5.5V
(Power Down State)


Similar Part No. - 74VHCT74ASJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHCT74ASJ FAIRCHILD-74VHCT74ASJ Datasheet
277Kb / 9P
   Dual D-Type Flip-Flop with Preset and Clear
74VHCT74ASJ FAIRCHILD-74VHCT74ASJ Datasheet
82Kb / 6P
   Dual D-Type Flip-Flop with Preset and Clear
74VHCT74ASJ FAIRCHILD-74VHCT74ASJ Datasheet
254Kb / 9P
   Dual D-Type Flip-Flop with Preset and Clear
logo
ON Semiconductor
74VHCT74ASJ ONSEMI-74VHCT74ASJ Datasheet
279Kb / 9P
   Dual D-Type Flip-Flop with Preset and Clear
May 2008 Rev. 1.4.0
More results

Similar Description - 74VHCT74ASJ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HCT74AP TOSHIBA-TC74HCT74AP Datasheet
242Kb / 6P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A Datasheet
73Kb / 10P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74VHCT74AF TOSHIBA-TC74VHCT74AF Datasheet
221Kb / 6P
   DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A_04 Datasheet
423Kb / 14P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Fairchild Semiconductor
74VHCT74A FAIRCHILD-74VHCT74A_99 Datasheet
82Kb / 6P
   Dual D-Type Flip-Flop with Preset and Clear
74VHC74 FAIRCHILD-74VHC74 Datasheet
104Kb / 8P
   Dual D-Type Flip-Flop with Preset and Clear
MM74HCT74 FAIRCHILD-MM74HCT74 Datasheet
85Kb / 7P
   Dual D-Type Flip-Flop with Preset and Clear
logo
STMicroelectronics
M54HC74 STMICROELECTRONICS-M54HC74 Datasheet
250Kb / 11P
   DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
74AC74 STMICROELECTRONICS-74AC74 Datasheet
97Kb / 11P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
April 1997
M54HCT74 STMICROELECTRONICS-M54HCT74 Datasheet
249Kb / 11P
   DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74VHC74F TOSHIBA-TC74VHC74F_12 Datasheet
220Kb / 9P
   Dual D-Type Flip-Flop with Preset and Clear
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com