Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT630SMX-4 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT630SMX-4
Description  low aging 6x3.5mm SMD Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT630SMX-4 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT630SMX-4_12 Datasheet HTML 1Page - Advanced Crystal Technology ACT630SMX-4_12 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel : 0044 (0)118 979 1238
Fax : 0044 (0)118 979 1283
email : info@actcrystals.com
Parameter
Symbol
Specification
Frequency Range
fo
10.0 ~ 150.0MHz ( Standard Range)
Frequency Tolerance (@25°C)
f/fo
±5,±10,±15,±20,±30 & ±50ppm(Std )
Stability over temp range
Tc
±5ppm ~ 50ppm (See table 2)
Temp Operating Range
Topr
0~+50°C ~ -40~+85°C ( See table 2)
Temp Storage Range
Tstg
-40 ~+85°C
Equivalent Series Resistance
ESR
See table 1
Load Capacitance
CL
10pF ~ 50pF & Series
Shunt Capacitance
C0
5pF max
Drive Level
DL
0.01 ~ 100 µW
ESR min to max
<1.3
FL min to max <1.3
Insulation Resistance
IR
500M
 min
Aging
Fa
±3ppm p/year
Issue 10 C1F
(Custom to 200µW available - Enquire)
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
@100V DC
Date 18-7-2012
For quotations or further information please contact us at:
In line with our ongoing policy of product evolvement and improvement, the above specification may subject to change without notice
Condition
The ACT630SMX-4 family is a low cost,4 pad, high quality, low aging 6x3.5mm SMD Crystal in
a ceramic base / metal lid package, seam welded for good long term reliability. The device has
the lid grounded via the package to reduce EMI issues. The wide frequency range and
specification options ensure suitability for many applications.
APPLICATIONS: Wireless, Audio-visual, ATM,Cordless Phones, Pagers, Micro clock,
Notebook, Instrumentation, Office automation, Audio-visual, Process Control, Consumer &
Communications.
ACT630SMX-4
ISO9001 Registered
Specification
Customer to specify : Frequency, Frequency Tolerance, Temperature Stability, Operating Temperature & Load Capacitance
Please note that all parameters can not necessarily be specified in the same device
Drive Level Dependency
DLD
(First year max @ 25°C)
Please specify
Please specify
Please specify
Please specify
(16,20 & 30pF Std ) Please specify
0.01, 0.1,1,10,50,100
W steps
Connections
#1. Crystal
#2. Grounded to lid
#3. Crystal
#4. Grounded to lid
Pad Surface Material: Gold (Au)
Stability
Temp

Available
s tabilities
Standard
s tabilities


-40~+85°C

-30~+80°C

-20~+70°C

+/- 20ppm
-10+60°C


+/- 30ppm
+/- 50ppm
0~+50°C


+/- 5ppm
+/- 10ppm
Table 1
ESR (
) max
Mode / Cut
Fundamental / AT
Fundamental / AT
Fundamental / AT
3
RD Overtone / AT
3
RD Overtone / AT
3
RD Overtone / AT
Freq. Range
(MHz)
150
90.001 ~ 150.000
50
15.000 ~ 49.090
45.000 ~ 79.999
80.000 ~ 90.000
40
60
10.000 ~ 11.999
90
90
12.000 ~ 14.999
13.5
2.0
±0.2
±0.5
Dimension
12.0
5.5
6.5
±1
80
4.0
8.0
0.3
1.4
±0.05
178
±0.1
±1
BC
D
Tolerance
±0.3 ±0.05 ±0.1
±0.1
±0.1
TAPE
REEL
(mm)
WWo
W1
Lo
L1
Ho
H1
A


Similar Part No. - ACT630SMX-4_12

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT630SMX-4 ACT-ACT630SMX-4 Datasheet
136Kb / 2P
   low aging 6x3.5mm SMD Crystal
24/01/07
More results

Similar Description - ACT630SMX-4_12

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT630SMX-2 ACT-ACT630SMX-2 Datasheet
136Kb / 2P
   low aging 6x3.5mm SMD Crystal
24/01/07
ACT634SMX-2 ACT-ACT634SMX-2 Datasheet
169Kb / 6P
   low cost, 2 pad, high quality, low aging 6x3.5mm SMD
02/05/06
ACT634SMX-2 ACT-ACT634SMX-2_12 Datasheet
181Kb / 2P
   low cost, 2 pad, high quality, low aging 6x3.5mm SMD
31-5-2012
ACT534SMX-2 ACT-ACT534SMX-2 Datasheet
121Kb / 2P
   low aging 5x3.2mm SMD Crystal
24/01/07
ACT534SMX-2 ACT-ACT534SMX-2_12 Datasheet
157Kb / 2P
   low aging 5x3.2mm SMD Crystal
31-5-2012
ACT421LCSMX-4 ACT-ACT421LCSMX-4 Datasheet
138Kb / 2P
   4 pad, high quality, low aging SMD Crystal
05/09/2006
ACT421SMX-4 ACT-ACT421SMX-4 Datasheet
137Kb / 1P
   4 pad, high quality, low aging SMD Crystal
01/02/06
ACT420SMX-4 ACT-ACT420SMX-4 Datasheet
262Kb / 2P
   4 pad, high quality, low aging 4x2.5mm SMD Crystal
24/01/07
ACT325SMX-4 ACT-ACT325SMX-4_12 Datasheet
305Kb / 4P
   low cost, 4 pad, high quality, low aging 3X2.5mm SMD Crystal
18-7-2012
ACT844SMX-2 ACT-ACT844SMX-2 Datasheet
172Kb / 3P
   low cost, 2 pad, high quality, low aging 8x4.5mm SMD Crystal
03/05/06
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com