Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4003 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # AN4003
Description  PC POWER SUPPLY DESIGN WITH KA3511
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN4003 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  AN4003 Datasheet HTML 1Page - Fairchild Semiconductor AN4003 Datasheet HTML 2Page - Fairchild Semiconductor AN4003 Datasheet HTML 3Page - Fairchild Semiconductor AN4003 Datasheet HTML 4Page - Fairchild Semiconductor AN4003 Datasheet HTML 5Page - Fairchild Semiconductor AN4003 Datasheet HTML 6Page - Fairchild Semiconductor AN4003 Datasheet HTML 7Page - Fairchild Semiconductor AN4003 Datasheet HTML 8Page - Fairchild Semiconductor AN4003 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
Rev C, November 1999
Pin
No.
Name
Function
1
VCC
Supply voltage. Operating range is 14V~30V. VCC =20V, Ta=25°C at test.
2
COMP
Error amplifier output. It is connected to non-inverting input of pulse width
modulator comparator.
3
E/A(-)
Error amplifier inverting input. Its reference voltage is always 1.25V.
4
E/A(+)
Error amplifier non-inverting input feedback voltage.This pin may be used to
sense power supply output voltage.
5
TREM
Remote on/off delay. Ton/Toff=8ms/24ms (Typ.) with C=0.1µF. Its high/low
threshold voltage is 1.8V/0.6V.
6
REM
Remote on/off input. It is TTL operation and its threshold voltage is 1.4V. Voltage
at this pin can reach normal 4.6V, with absolutely maximum voltage, 5.25V. If
REM = “Low”, PWM = “Low”. That means the main SMPS is operational. When
REM = “High”, then PWM = “High” and the main SMPS is turned-off.
7
RT
Oscillation frequency setting R. (Test Condition RT=10kΩ)
8
CT
Oscillation frequency setting C. (Test Condition CT=0.01µF)
9
DET
Under-voltage detect pin. Its threshold voltage is 1.25V Typ.
10
TPG
PG delay. Td=250ms (Typ) with CPG=2.2µF. The high/low threshold voltage are
1.8V/0.6V and the voltage of Pin10 is clamped at 2.9V for noise margin.
11
PG
Power good output signal. PG = “High” means that the power is “Good” for
operation and PG = “Low” means “Power fail”.
12
Vref
Precision voltage reference trimmed to 2%. (Typical Value = 5.03V)
13
V3.3
Over voltage protection for output 3.3V. (Typical Value = 4.1V)
14
V5
Over voltage protection for output 5V. (Typical Value = 6.2V)
15
V12
Over voltage protection for output 12V. (Typical Value = 14.2V)
16
PT
This is prepared for an extra OVP input or another protection signal. (Typical
Value = 1.25V)
17
TUVP
Timing pin for under voltage protection blank-out time. Its threshold voltage is
1.8V and clamped at 2.9V after full charging. Target of delay time is 250ms and
it is realized through external (C=2.2µF).
18
GND
Signal ground.
19
DTC
Deadtime control input. The dead-time control comparator has an effective
120mV input offset which limits the minimum output dead time. Dead time may
be imposed on the output by setting the dead time control input to a fixed
voltage, ranging between 0V to 3.3V.
20
C2
Output drive pin for push-pull operation.
21
E
Power ground.
22
C1
Output drive pin for push-pull operation.


Similar Part No. - AN4003

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AN4003 MA-COM-AN4003 Datasheet
172Kb / 6P
   Closed Loop Control Maximizes MAPM-030400-010C00 and MAPM-030400-060C00 Module Performance
More results

Similar Description - AN4003

ManufacturerPart #DatasheetDescription
logo
Shenzhen Dongfangteng T...
EST7502B EST-EST7502B Datasheet
159Kb / 7P
   PC Power Supply PWM with Supervisor
2007-10-15 V2
logo
ADL Embedded Solutions
ADLPS104CF ADL-ADLPS104CF Datasheet
185Kb / 1P
   Power Supply with CF Socket PC/104
logo
Mean Well Enterprises C...
YP-350J-AA MEANWELL-YP-350J-AA Datasheet
312Kb / 2P
   350WATX with 24V industrial PC Power Supply
logo
Lite-On Technology Corp...
PS-5651-2 LITEON-PS-5651-2 Datasheet
357Kb / 3P
   PC Power Supply ATX Series with Modular
PS-5551-2 LITEON-PS-5551-2 Datasheet
351Kb / 3P
   PC Power Supply ATX Series with Modular
PS-5751-2 LITEON-PS-5751-2 Datasheet
356Kb / 3P
   PC Power Supply ATX Series with Modular
PS-5851-2 LITEON-PS-5851-2 Datasheet
357Kb / 3P
   PC Power Supply ATX Series with Modular
logo
BOSER Technology Co., L...
BBS-4016-E BOSER-BBS-4016-E Datasheet
500Kb / 1P
   Compact PC design
BBS-4020-E BOSER-BBS-4020-E Datasheet
639Kb / 1P
   Compact PC design
BBS-4016-F BOSER-BBS-4016-F Datasheet
224Kb / 1P
   compact pc design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com