Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP60L02GJ Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP60L02GJ
Description  Low Gate Charge Simple Drive Requirement
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP60L02GJ Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP60L02GJ Datasheet HTML 1Page - Advanced Power Electronics Corp. AP60L02GJ Datasheet HTML 2Page - Advanced Power Electronics Corp. AP60L02GJ Datasheet HTML 3Page - Advanced Power Electronics Corp. AP60L02GJ Datasheet HTML 4Page - Advanced Power Electronics Corp. AP60L02GJ Datasheet HTML 5Page - Advanced Power Electronics Corp. AP60L02GJ Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
25
-
-
V
ΔBV
DSS/ΔTj
Breakdown Voltage Temperature Coefficient
Reference to 25℃, ID=1mA
-
0.037
-V/℃
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V, ID=25A
-
-
12
VGS=4.5V, ID=20A
-
-
26
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
1
-
3
V
gfs
Forward Transconductance
VDS=10V, ID=25A
-
30
-
S
IDSS
Drain-Source Leakage Current (Tj=25
oC)
VDS=25V, VGS=0V
-
-
1
uA
Drain-Source Leakage Current (Tj=150
oC)
VDS=20V, VGS=0V
-
-
25
uA
IGSS
Gate-Source Leakage
VGS=-
-
nA
Qg
Total Gate Charge
2
ID=25A
-
21
nC
Qgs
Gate-Source Charge
VDS=20V
-
2.8
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=5V
-
16
nC
td(on)
Turn-on Delay Time
2
VDS=15V
-
8
-
ns
tr
Rise Time
ID=20A
-
75
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω,VGS=10V
-
22
-
ns
tf
Fall Time
RD=0.75Ω
-20
-
ns
Ciss
Input Capacitance
VGS=0V
-
605
-
pF
Coss
Output Capacitance
VDS=25V
-
415
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
195
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
IS
Continuous Source Current ( Body Diode )
VD=VG=0V , VS=1.26V
-
-
50
A
ISM
Pulsed Source Current ( Body Diode )
1
-
-
180
A
VSD
Forward On Voltage
2
Tj=25℃, IS=50A, VGS=0V
-
-
1.26
V
Drain-Source Avalanche Ratings
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
2
VDD=25V, ID=35A, L=100uH
-
-
61
mJ
IAR
Avalanche Current
VGS=10V
-
-
35
A
Notes:
1.Pulse width limited by safe operating area.
2.Pulse width <300us , duty cycle <2%.
AP60L02GH/J
±100
± 20V
± 20V


Similar Part No. - AP60L02GJ

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP60L02GP A-POWER-AP60L02GP Datasheet
81Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP60L02GS A-POWER-AP60L02GS Datasheet
81Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP60L02GJ

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP70T03AS A-POWER-AP70T03AS Datasheet
77Kb / 4P
   Simple Drive Requirement, Low Gate Charge
AP4951GM A-POWER-AP4951GM Datasheet
188Kb / 5P
   Simple Drive Requirement, Low Gate Charge
AP85T03GS,P-HF A-POWER-AP85T03GS,P-HF Datasheet
105Kb / 4P
   Low Gate Charge, Simple Drive Requirement
AP9435GP A-POWER-AP9435GP Datasheet
99Kb / 4P
   Low Gate Charge, Simple Drive Requirement
AP9435GM A-POWER-AP9435GM Datasheet
185Kb / 5P
   Simple Drive Requirement, Low Gate Charge
AP70L02GH A-POWER-AP70L02GH Datasheet
84Kb / 6P
   Low Gate Charge, Simple Drive Requirement
AP60T03GH,J A-POWER-AP60T03GH,J Datasheet
104Kb / 4P
   Simple Drive Requirement, Low Gate Charge
AP70T03AH A-POWER-AP70T03AH Datasheet
76Kb / 4P
   Simple Drive Requirement, Low Gate Charge
AP60T03AS A-POWER-AP60T03AS Datasheet
82Kb / 4P
   Simple Drive Requirement Low Gate Charge
AP60T03GH,J-HF A-POWER-AP60T03GH,J-HF Datasheet
104Kb / 4P
   Simple Drive Requirement, Low Gate Charge
AP60T03GS A-POWER-AP60T03GS Datasheet
206Kb / 6P
   Simple Drive Requirement, Low Gate Charge
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com