Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE1101BMT8 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # ACE1101BMT8
Description  Arithmetic Controller Engine (ACEx?? for Low Power Applications
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ACE1101BMT8 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  ACE1101BMT8 Datasheet HTML 1Page - Fairchild Semiconductor ACE1101BMT8 Datasheet HTML 2Page - Fairchild Semiconductor ACE1101BMT8 Datasheet HTML 3Page - Fairchild Semiconductor ACE1101BMT8 Datasheet HTML 4Page - Fairchild Semiconductor ACE1101BMT8 Datasheet HTML 5Page - Fairchild Semiconductor ACE1101BMT8 Datasheet HTML 6Page - Fairchild Semiconductor ACE1101BMT8 Datasheet HTML 7Page - Fairchild Semiconductor ACE1101BMT8 Datasheet HTML 8Page - Fairchild Semiconductor ACE1101BMT8 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
3
www.fairchildsemi.com
ACE1101 Rev. C.8
Preliminary ACE1101 AC Electrical Characteristics for VCC = 2.2 to 5.5V
Parameter
Conditions
MIN
TYP
MAX
Units
Instruction cycle time from
5.0V at 25
°C
0.9
1.00
1.1
µs
internal clock - setpoint
Internal clock voltage dependent
3.0V to 5.5V,
±5%
frequency variation
constant temperature
Internal clock temperature
3.0V to 5.5V,
±10%
dependent frequency variation
full temperature range
Internal clock frequency
3.0V to 4.5V for
±2%
deviation for 0.5V drop
ACE1101E, T=constant
Crystal oscillator frequency
(Note 1)
4
MHz
External clock frequency
(Note 2)
4
MHz
EEPROM write time
3
10
ms
Internal clock start up time
(Note 2)
2
ms
Oscillator start up time
(Note 2)
2400
cycles
Note 1: The maximum permissible frequency is guaranteed by design but not 100% tested.
Note 2: The parameter is guaranteed by design but not 100% tested.
ACE1101 Electrical Characteristics for programming
All data valid at ambient temperature between 4.5V and 5.5V. See “EEPROM write time” in the AC
characteristics for definition of the programming ready time. The following characteristics are guaranteed
by design but are not 100% tested.
Parameter
Description
MIN
MAX
Units
t
HI
CLOCK high time
500
DC
ns
t
LO
CLOCK low time
500
DC
ns
t
DIS
SHIFT_IN setup time
100
ns
t
DIH
SHIFT_IN hold time
100
ns
t
DOS
SHIFT_OUT setup time
100
ns
t
DOH
SHIFT_OUT hold time
900
ns
t
SV1, tSV2
LOAD supervoltage timing
50
us
t
LOAD1, tLOAD2, tLOAD3, tLOAD4
LOAD timing
5
us
V
SUPERVOLTAGE
Supervoltage level
11.5
12.5
V


Similar Part No. - ACE1101BMT8

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE11011B ACE-ACE11011B Datasheet
951Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE11011BPN-1+H ACE-ACE11011BPN-1+H Datasheet
951Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE11013A ACE-ACE11013A Datasheet
348Kb / 7P
   P-Channel Enhancement Mode MOSFET
VER 1.1
More results

Similar Description - ACE1101BMT8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ACE1001 FAIRCHILD-ACE1001 Datasheet
510Kb / 32P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1202 FAIRCHILD-ACE1202 Datasheet
2Mb / 39P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501 FAIRCHILD-ACE1501 Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE8000 FAIRCHILD-ACE8000 Datasheet
203Kb / 31P
   ACE8001 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1502 FAIRCHILD-ACE1502 Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Fairchild Semiconductor
FAN302HLMY FAIRCHILD-FAN302HLMY Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery- Charger Applications ??mWSaver??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com