Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC9108 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPC9108
Description  MULTIPLE OUTPUT CLOCK SYNTHESIZER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9108 Datasheet(HTML) 4 Page - Motorola, Inc

  MPC9108 Datasheet HTML 1Page - Motorola, Inc MPC9108 Datasheet HTML 2Page - Motorola, Inc MPC9108 Datasheet HTML 3Page - Motorola, Inc MPC9108 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MPC9108
MOTOROLA
TIMING SOLUTIONS
BR1333 — REV 5
4
OUTLINE DIMENSIONS
D SUFFIX
PLASTIC SOIC PACKAGE
CASE 751–05
ISSUE R
SEATING
PLANE
1
4
5
8
A
0.25 M CB SS
0.25 M
B M
h
q
C
X 45
_
L
DIM
MIN
MAX
MILLIMETERS
A
1.35
1.75
A1
0.10
0.25
B
0.35
0.49
C
0.18
0.25
D
4.80
5.00
E
1.27 BSC
e
3.80
4.00
H
5.80
6.20
h
0
7
L
0.40
1.25
q
0.25
0.50
_
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. DIMENSIONS ARE IN MILLIMETERS.
3. DIMENSION D AND E DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE.
5. DIMENSION B DOES NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS
OF THE B DIMENSION AT MAXIMUM MATERIAL
CONDITION.
D
E
H
A
B
e
B
A1
C
A
0.10
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
How to reach us:
USA / EUROPE / Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.; Tatsumi–SPD–JLDC, 6F Seibu–Butsuryu–Center,
P.O. Box 5405; Denver, Colorado 80217. 303–675–2140 or 1–800–441–2447
3–14–2 Tatsumi Koto–Ku, Tokyo 135, Japan. 81–3–3521–8315
Mfax
™: RMFAX0@email.sps.mot.com – TOUCHTONE 602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
INTERNET: http://Design–NET.com
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
MPC9108/D


Similar Part No. - MPC9108

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9100 MOTOROLA-MPC9100 Datasheet
111Kb / 8P
   DUAL PLL CLOCK GENERATOR
MPC9109 MOTOROLA-MPC9109 Datasheet
250Kb / 8P
   LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
logo
Integrated Device Techn...
MPC9109 IDT-MPC9109 Datasheet
392Kb / 9P
   Low Voltage 1:18 Clock Distribution Chip
More results

Similar Description - MPC9108

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCS1P2860A ONSEMI-PCS1P2860A Datasheet
149Kb / 6P
   Multi-Output Clock Synthesizer
JANUARY 2010 ??Rev. 1
logo
PulseCore Semiconductor
PCS1P2860A PULSECORE-PCS1P2860A Datasheet
368Kb / 7P
   Multi-Output Clock Synthesizer
PCS1P2859A PULSECORE-PCS1P2859A Datasheet
369Kb / 7P
   Multi-Output Clock Synthesizer
PCS1P2859A PULSECORE-PCS1P2859A_08 Datasheet
348Kb / 7P
   Multi-Output Clock Synthesizer
logo
Micrel Semiconductor
SY89538L MICREL-SY89538L_08 Datasheet
636Kb / 23P
   3.3V, Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer
logo
Maxim Integrated Produc...
MAX9489 MAXIM-MAX9489 Datasheet
176Kb / 11P
   Multiple-Output Network Clock Generator
Rev 0; 8/04
logo
Renesas Technology Corp
8V43FS92432 RENESAS-8V43FS92432 Datasheet
594Kb / 28P
   1360MHz Dual Output LVPECL Clock Synthesizer
10/28/15
logo
Maxim Integrated Produc...
MAX9486 MAXIM-MAX9486 Datasheet
547Kb / 8P
   8kHz Reference Clock Synthesizer with Multiple Outputs at 35.328MHz
Rev 0; 8/04
logo
Integrated Device Techn...
8V43FS92432 IDT-8V43FS92432 Datasheet
392Kb / 27P
   1360MHz Dual Output LVPECL Clock Synthesizer
logo
Micrel Semiconductor
SY89537L MICREL-SY89537L Datasheet
826Kb / 19P
   3.3V Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer and Fanout Buffer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com