Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM219R61E475K Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # GRM219R61E475K
Description  CHIP MONOLITHIC CERAMIC CAPACITOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM219R61E475K Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  GRM219R61E475K Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM219R61E475K Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM219R61E475K Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM219R61E475K Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM219R61E475K Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM219R61E475K Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM219R61E475K Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FM7500U-092-NOV09
muRata GRM Hi-Cap 2009_11
All information is subject to change without notice, is not warranted in any fashion.
GRM series / Hi
GRM series / Hi--Cap (1uF and over)
Cap (1uF and over)
CHIP MONOLITHIC CERAMIC CAPACITOR
1) “*” of under development P/N have not fixed yet.
2) Q1 = January to March, Q2 = April to June, Q3 = July to September, Q4 = October to December
3) This is muRata’s development schedule, which may change due to progress of each development works.
4) Above individual specification code and packaging code were decided with muRata standard specification,
and it may change due to the special requirement by customer’s drawing.
5) Sample marked “-” in Sample column are built upon your request. Lead time will be around 4wks
(might be extended depending on production schedule). Please contact Murata Sales or Product Engineer directly.
Murata P/N List <X7R (X7S, X7T, X7U)>
Page.4
Size
Chip T (mm )
TC
WV
Cap Tol
Murata Global P/N
Sample
M.P.
0.8+/-0.1
X7R
25
+/-10%
GRM188R71E105KA12D
Available
Mass Production
0.8+/-0.1
X7R
16
+/-10%
GRM188R71C105KA12D
Available
Mass Production
0.8+/-0.1
X7R
10
+/-10%
GRM188R71A105KA61D
Available
Mass Production
0.8+/-0.1
X7R
6.3
+/-10%
GRM188R70J105KA01D
Available
Mass Production
1.25+/-0.1
X7R
50
+/-10%
GRM21BR71H105KA12L
Available
Mass Production
0.85+/-0.1
X7R
25
+/-10%
GRM219R71E105KA88D
Available
Mass Production
1.25+/-0.15
R
25
+/-10%
GRM21BR71E105KA99D
Available
Mass Production
1.6+/-0.2
X7R
100
+/-10%
GRM31CR72A105KA01L
Available
Mass Production
1.15+/-0.1
X7R
50
+/-10%
GRM31MR71H105KA88L
Available
Mass Production
1210
1.6+/-0.2
X7R
100
+/-10%
GRM32CR72A105KA35L
Available
Mass Production
0.8+/-0.1
X7R
10
+/-10%
GRM188R71A225KE15D
Available
Mass Production
0.8+/-0.1
X7S
6.3
+/-10%
GRM188C70J225KE20D
Available
Mass Production
1.25+/-0.15
X7R
25
+/-10%
GRM21BR71E225KA73L
Available
Mass Production
1.25+/-0.1
X7R
16
+/-10%
GRM21BR71C225KA12L
Available
Mass Production
1.25+/-0.1
X7R
10
+/-10%
GRM21BR71A225KA01L
Available
Mass Production
1.6+/-0.3
X7R
100
+/-10%
GRM31CR72A225K****
Available
10Q2
1.15+/-0.15
X7R
50
+/-10%
GRM31CR71H225KA88L
Available
Mass Production
1.15+/-0.15
R
25
+/-10%
GRM31MR71E225KA93L
Available
Mass Production
1.15+/-0.15
R
16
+/-10%
GRM31MR71C225KA35L
Available
Mass Production
1210
2.5+/-0.2
X7R
100
+/-10%
GRM32ER72A225KA35L
Available
Mass Production
1.25+/-0.15
X7R
16
+/-10%
GRM21BR71C475KA73L
Available
Mass Production
1.25+/-0.15
X7R
10
+/-10%
GRM21BR71A475KA73L
Available
Mass Production
1.6+/-0.2
X7R
50
+/-10%
GRM31CR71H475KA12L
Available
Mass Production
1.6+/-0.2
X7R
25
+/-10%
GRM31CR71E475KA88L
Available
Mass Production
1.6+/-0.2
R
16
+/-10%
GRM31CR71C475KA01L
Available
Mass Production
2.5+/-0.2
X7R
50
+/-10%
GRM32ER71H475KA88L
Available
Mass Production
2.0+/-0.2
X7R
25
+/-10%
GRM32DR71E475KA61L
Available
Mass Production
1.8+/-0.2
X7R
16
+/-10%
GRM32RR71C475KA01L
Available
Mass Production
1.25+/-0.15
X7R
10
+/-10%
GRM21BR71A106KE51L
Available
Mass Production
1.25+/-0.15
X7R
6.3
+/-10%
GRM21BR70J106KE76L
Available
Mass Production
1.6+/-0.2
X7R
25
+/-10%
GRM31CR71E106KA12L
Available
Mass Production
1.6+/-0.2
X7R
16
+/-10%
GRM31CR71C106KAC7L
Available
Mass Production
1.6+/-0.2
X7R
10
+/-10%
GRM31CR71A106KA01L
Available
Mass Production
2.5+/-0.2
X7R
50
+/-10%
GRM32ER71H106K***
Available
10Q1
2.5+/-0.2
X7R
35
+/-10%
GRM32ER7YA106KA12L
Available
Mass Production
2.0+/-0.2
X7R
25
+/-10%
GRM32DR71E106KA12L
Available
Mass Production
0805
1.25+/-0.15
X7U
2.5
+/-20%
GRM21BE70G226ME51L
Available
Mass Production
1.6+/-0.2
X7R
10
+/-10%
GRM31CR71A226KE15L
Available
Mass Production
1.6+/-0.2
X7R
6.3
+/-10%
GRM31CR70J226KE19L
Available
Mass Production
1.6+/-0.2
X7S
4
+/-10%
GRM31CC70G226KE01L
Available
Mass Production
2.5+/-0.2
X7R
25
+/-10%
GRM32ER71E226KE15L
Available
Mass Production
2.5+/-0.2
X7R
16
+/-10%
GRM32ER71C226KE18L
Available
Mass Production
2.5+/-0.2
R
10
+/-10%
GRM32ER71A226KE20L
Available
Mass Production
1206
1.6+/-0.2
X7U
4
+/-20%
GRM31CE70G476ME15L
Available
Mass Production
2.5+/-0.2
X7R
10
+/-10%
GRM32ER71A476KE15L
Available
Mass Production
2.5+/-0.2
X7R
6.3
+/-10%
GRM32ER70J476KE20L
Available
Mass Production
1210
2.5+/-0.2
X7U
4
+/-20%
GRM32EE70G107ME19L
Available
Mass Production
0603
0805
1206
0603
0805
1206
1210
0805
1210
1206
1210
0805
1206
1210


Similar Part No. - GRM219R61E475K

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM219R61E475KA73 MURATA-GRM219R61E475KA73 Datasheet
810Kb / 29P
   Chip Monolithic Ceramic Capacitor for General
More results

Similar Description - GRM219R61E475K

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0222C1H4R5BA03 MURATA-GRM0222C1H4R5BA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R8WA03 MURATA-GRM0222C1H4R8WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H5R1DA03 MURATA-GRM0222C1H5R1DA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H5R2DA03 MURATA-GRM0222C1H5R2DA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R1BA03 MURATA-GRM0222C1H4R1BA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R8CA03 MURATA-GRM0222C1H4R8CA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GNM314R71H104MA11 MURATA-GNM314R71H104MA11 Datasheet
605Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GNM2145C1H470KD01 MURATA-GNM2145C1H470KD01 Datasheet
605Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GNM1M25C1H220KD01 MURATA-GNM1M25C1H220KD01 Datasheet
602Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GRM0222C1H4R1WA03 MURATA-GRM0222C1H4R1WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R3CA03 MURATA-GRM0222C1H4R3CA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com