Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-1123722-2 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1-1123722-2
Description  AMP Economy Power (EP) Wire-to-Board Connector System
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-1123722-2 Datasheet(HTML) 2 Page - Tyco Electronics

  1-1123722-2 Datasheet HTML 1Page - Tyco Electronics 1-1123722-2 Datasheet HTML 2Page - Tyco Electronics 1-1123722-2 Datasheet HTML 3Page - Tyco Electronics 1-1123722-2 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AMP Economy Power (EP)
Wire-to-Board Connector System
Contacts and Plug Housings, Low-Profile
Crimp, Snap-in
Receptacle Contacts
Material and Finish
See chart.
Related Product Data
Plug Housings—Pages 2 and 4
:
2
Catalog 1654727
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 8-03
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Plug Housings
Material and Finish
Housing—UL 94V-0 rated nylon,
natural color
Note: Alternate colors available upon
request. Minimums may apply. Please
contact product engineer or product
manager for details.
Related Product Data
Contacts—see above
Mating Post Headers—Page 3
Number of
Dimension
Part
Positions
A
Number
2
.310 [ 7.86]
1-1123722-2
3
.465 [11.82]
1-1123722-3
4
.621 [15.78]
1-1123722-4
5
.777 [19.74]
1-1123722-5
6
.933 [23.70]
1-1123722-6
7
1.089 [27.66]
1-1123722-7
8
1.245 [31.62]
1-1123722-8
9
1.401 [35.58]
1-1123722-9
10
1.557 [39.54]
1-1123722-0
11
1.713 [43.50]
1-1123722-1
Applicator Part Number
Wire Size
Wire
Material
Part
AMPOMATORCLS
AMP-O-LECTRIC Terminator
Range
Insulation
and
Number
IV+ Lead Maker
Model K
Model G
AWG
mm2
Diameter
Finish
(Strip Form)
Base Part No.
Part No.
Part No.
356500
1-471273-3
354500-1
18-22 0.89-0.30
.067-.118
Phos. Brz.,
1123721-1
1385286-1
1385286-2
1385286-3
1.70-3.00
Pre-Tin
Brass,
1123721-2
Pre-Tin


Similar Part No. - 1-1123722-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1123723-0 MACOM-1-1123723-0 Datasheet
41Kb / 1P
   WIRE TO BOARD CONNECTORS ECONOMY POWER (EP) CONNECTORS HEADER ASSEMBLY/3.96MM AND 7.92MM PITCH
1-1123723-1 MACOM-1-1123723-1 Datasheet
41Kb / 1P
   WIRE TO BOARD CONNECTORS ECONOMY POWER (EP) CONNECTORS HEADER ASSEMBLY/3.96MM AND 7.92MM PITCH
1-1123723-2 MACOM-1-1123723-2 Datasheet
41Kb / 1P
   WIRE TO BOARD CONNECTORS ECONOMY POWER (EP) CONNECTORS HEADER ASSEMBLY/3.96MM AND 7.92MM PITCH
1-1123723-3 MACOM-1-1123723-3 Datasheet
41Kb / 1P
   WIRE TO BOARD CONNECTORS ECONOMY POWER (EP) CONNECTORS HEADER ASSEMBLY/3.96MM AND 7.92MM PITCH
1-1123723-4 MACOM-1-1123723-4 Datasheet
41Kb / 1P
   WIRE TO BOARD CONNECTORS ECONOMY POWER (EP) CONNECTORS HEADER ASSEMBLY/3.96MM AND 7.92MM PITCH
More results

Similar Description - 1-1123722-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1877285-2 MACOM-1877285-2 Datasheet
244Kb / 4P
   AMP Economy Power (EP) Shrouded Post Headers
1-1877285-1 MACOM-1-1877285-1 Datasheet
241Kb / 4P
   AMP Economy Power (EP) Shrouded Post Headers
1-1318301-2 MACOM-1-1318301-2 Datasheet
41Kb / 1P
   WIRE TO BOARD CONNECTORS ECONOMY POWER (EP) CONNECTORS HEADER ASSEMBLY/3.96MM AND 7.92MM PITCH
1-647676-2 MACOM-1-647676-2 Datasheet
426Kb / 4P
   Economy Power Connector System
3-644456-7 MACOM-3-644456-7 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
2-644861-4 MACOM-2-644861-4 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
1375820-5 MACOM-1375820-5 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
2-644488-5 MACOM-2-644488-5 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
2-640454-0 MACOM-2-640454-0 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
1-1123824-1 MACOM-1-1123824-1 Datasheet
93Kb / 1P
   ECONOMY POWER(EP)CONN.1 POS HEADER ASSY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com