Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV20 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # BAV20
Description  High Voltage General Purpose Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BAV20 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  BAV20 Datasheet HTML 1Page - Fairchild Semiconductor BAV20 Datasheet HTML 2Page - Fairchild Semiconductor BAV20 Datasheet HTML 3Page - Fairchild Semiconductor BAV20 Datasheet HTML 4Page - Fairchild Semiconductor BAV20 Datasheet HTML 5Page - Fairchild Semiconductor BAV20 Datasheet HTML 6Page - Fairchild Semiconductor BAV20 Datasheet HTML 7Page - Fairchild Semiconductor BAV20 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DO-35 Tape and Ammo Data and Package Dimensions
September 1999, Rev. A
TAPING DIMENSIONS
INCH
MM
MILS
NOTES
A
2.520
64.00
2519
Overall width
+0.066/
+1.69/
+66.5/
-0.027
-0.69
-27.0
B
2.047
±0.027
52
±0.69
2047
±27
Inside Tape Spacing
C
0.200
±0.0157 5.08 ±0.40 200 ±15.7
Component Pitch
D
0.047(max)
1.2(max)
47(max)
Component Misalignment
E
0.022(max)
0.55(max)
22(max)
Tape Mismatch
F
0.027(max)
±0.69
±27
Units in line w/ one another
G
0.126(min)
3.2(min)
126(min)
Lead amount between tapes
H
0
0
0
Lead amount beyond tapes
L1-L2
±0.027
±0.69
±27
Delta between two leads
254mm x 79mm x 79mm
Intermediate Container (5,000 cap)
T50A Option
DO-35 Ammo Packing
Configuration: Figure 4.0
A
F
C
D
L2
L1
E
B
G
H
DO-35 Bulk Packing
Configuration: Figure 6.0
133mm x 95mm
Anti-static bag (500/bag)
Im
102mm x 76mm x 127mm
mediate Box (1,000 cap)
DO-35 Taping
Dimension: Figure 5.0
Soabar Label
(on top of box)


Similar Part No. - BAV20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV20 PHILIPS-BAV20 Datasheet
54Kb / 12P
   General purpose diodes
1999 May 25
logo
Nexperia B.V. All right...
BAV20 NEXPERIA-BAV20 Datasheet
391Kb / 11P
   General purpose diodes
1999 May 25
logo
SEMTECH ELECTRONICS LTD...
BAV20 SEMTECH_ELEC-BAV20 Datasheet
262Kb / 4P
   SILICON EPITAXIAL PLANAR DIODES
logo
Shenzhen Luguang Electr...
BAV20 LUGUANG-BAV20 Datasheet
170Kb / 2P
   Small Signal Switching Diodes
logo
Vishay Siliconix
BAV20 VISHAY-BAV20 Datasheet
129Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.6, 20-Apr-06
More results

Similar Description - BAV20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BAS21 FAIRCHILD-BAS21 Datasheet
47Kb / 3P
   General Purpose High Voltage Diode
BAV23S FAIRCHILD-BAV23S Datasheet
40Kb / 5P
   HIGH VOLTAGE GENERAL PURPOSE DIODE
MMBD1401A FAIRCHILD-MMBD1401A Datasheet
63Kb / 5P
   High Voltage General Purpose Diode
BAV103 FAIRCHILD-BAV103_10 Datasheet
100Kb / 3P
   High Voltage, General Purpose Diode
FDH400 FAIRCHILD-FDH400_97 Datasheet
41Kb / 3P
   High Voltage General Purpose Diode
BAS31 FAIRCHILD-BAS31 Datasheet
34Kb / 2P
   High Voltage General Purpose Diode
BAV102 FAIRCHILD-BAV102 Datasheet
26Kb / 3P
   High Voltage, General Purpose Diode
MMBD1401 FAIRCHILD-MMBD1401 Datasheet
39Kb / 5P
   High Voltage General Purpose Diode
BAV102 FAIRCHILD-BAV102_13 Datasheet
122Kb / 5P
   High Voltage, General Purpose Diode
BAS20 FAIRCHILD-BAS20_08 Datasheet
158Kb / 3P
   General Purpose High Voltage Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com