Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM316R61E225KA12D Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # GRM316R61E225KA12D
Description  CHIP MONOLITHIC CERAMIC CAPACITOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM316R61E225KA12D Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

  GRM316R61E225KA12D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM316R61E225KA12D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM316R61E225KA12D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM316R61E225KA12D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM316R61E225KA12D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM316R61E225KA12D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM316R61E225KA12D Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
FM7500U-092-NOV09
muRata GRM Hi-Cap 2009_11
All information is subject to change without notice, is not warranted in any fashion.
GRM series / Hi
GRM series / Hi--Cap (1uF and over)
Cap (1uF and over)
CHIP MONOLITHIC CERAMIC CAPACITOR
Murata P/N List <Low profile series>
1) “*” of under development P/N have not fixed yet.
2) Q1 = January to March, Q2 = April to June, Q3 = July to September, Q4 = October to December
3) This is muRata’s development schedule, which may change due to progress of each development works.
4) Above individual specification code and packaging code were decided with muRata standard specification,
and it may change due to the special requirement by customer’s drawing.
5) Sample marked “-” in Sample column are built upon your request. Lead time will be around 4wks
(might be extended depending on production schedule). Please contact Murata Sales or Product Engineer directly.
GRM15 series: 0.33mm Max
GRM18 series: 0.5mm Max
GRM21 series: 0.70mm Max, 0.95mm Max
GRM31 series: 0.95mm Max
Page.7
Cap
Size
TC
WV
Chip T(mm)
Cap.Tol.
Murata Global P/N
Sample
Mass Production
X5R
25
0.5mmMax
+/-10%
GRM185R61E105KA12D
Available
Mass Production
X5R
16
0.5mmMax
+/-10%
GRM185R61C105KE44D
Available
Mass Production
X6S
10
0.5mmMax
+/-10%
GRM185C81A105KE36D
Available
Mass Production
X6S
6.3
0.5mmMax
+/-10%
GRM185C80J105KE26D
Available
Mass Production
X5R
25
0.7mmMax
+/-10%
GRM216R61E105KA12D
Available
Mass Production
X5R
16
0.7mmMax
+/-10%
GRM216R61C105KA88D
Available
Mass Production
X7R
25
0.95mmMax
+/-10%
GRM219R71E105KA88D
Available
Mass Production
0603
X5R
6.3
0.5mmMax
+/-10%
GRM185R60J225KE26D
Available
Mass Production
X5R
10
0.7mmMax
+/-10%
GRM216R61A225KE24D
Available
Mass Production
X5R
25
0.95mmMax
+/-10%
GRM219R61E225KA12D
Available
Mass Production
X5R
16
0.95mmMax
+/-10%
GRM219R61C225KA88D
Available
Mass Production
X5R
50
0.95mmMax
+/-10%
GRM319R61H225K****
09Q4
10Q1
X5R
25
0.7mmMax
+/-10%
GRM316R61E225KA12D
Available
Mass Production
X5R
16
0.7mmMax
+/-10%
GRM316R61C225KA88D
Available
Mass Production
0603
X5R
4
0.5mmMax
+/-20%
GRM185R60G475ME15D
Available
Mass Production
X5R
25
0.95mmMax
+/-10%
GRM219R61E475K****
09Q4
10Q1
X6S
16
0.95mmMax
+/-10%
GRM219C81C475K****
09Q4
10Q1
X5R
16
0.95mmMax
+/-10%
GRM219R61C475KE15D
Available
Mass Production
X6S
10
0.95mmMax
+/-10%
GRM219C81A475KE34D
Available
Mass Production
X6S
6.3
0.95mmMax
+/-10%
GRM219C80J475KE19D
Available
Mass Production
X5R
10
0.7mmMax
+/-10%
GRM316R61A475KE19D
Available
Mass Production
X5R
50
0.95mmMax
+/-10%
GRM319R61H475K****
09Q4
10Q1
X5R
25
0.95mmMax
+/-10%
GRM319R61E475KA12D
Available
Mass Production
X5R
16
0.95mmMax
+/-10%
GRM319R61C475KA88D
Available
Mass Production
X5R
16
0.95mmMax
+/-10%
GRM219R61C106KA73D
Available
Mass Production
NEW
X5R
10
0.95mmMax
+/-10%
GRM219R61A106KE44D
Available
Mass Production
X5R
6.3
0.95mmMax
+/-10%
GRM219R60J106KE19D
Available
Mass Production
X5R
25
0.95mmMax
+/-10%
GRM319R61E106KA12D
Available
Mass Production
NEW
X6S
16
0.95mmMax
+/-10%
GRM319C81C106KA12D
Available
Mass Production
NEW
22uF
0805
X5R
6.3
0.95mmMax
+/-20%
GRM219R60J226M****
09Q4
10Q1
4.7uF
0805
1206
10uF
0805
1206
1uF
0603
0805
2.2uF
0805
1206


Similar Part No. - GRM316R61E225KA12D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM316R61E225KA12D MURATA1-GRM316R61E225KA12D Datasheet
778Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results

Similar Description - GRM316R61E225KA12D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0222C1H4R5BA03 MURATA-GRM0222C1H4R5BA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R8WA03 MURATA-GRM0222C1H4R8WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H5R1DA03 MURATA-GRM0222C1H5R1DA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H5R2DA03 MURATA-GRM0222C1H5R2DA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R1BA03 MURATA-GRM0222C1H4R1BA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R8CA03 MURATA-GRM0222C1H4R8CA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GNM314R71H104MA11 MURATA-GNM314R71H104MA11 Datasheet
605Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GNM2145C1H470KD01 MURATA-GNM2145C1H470KD01 Datasheet
605Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GNM1M25C1H220KD01 MURATA-GNM1M25C1H220KD01 Datasheet
602Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GRM0222C1H4R1WA03 MURATA-GRM0222C1H4R1WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R3CA03 MURATA-GRM0222C1H4R3CA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com