Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10-42A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 10-42A
Description  Jan-1-8 and Jan-1-10 Specs.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

10-42A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  10-42A Datasheet HTML 1Page - List of Unclassifed Manufacturers 10-42A Datasheet HTML 2Page - List of Unclassifed Manufacturers 10-42A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
100 except 10-47B, D, E, which are 50.
10-46B NL523W01-010 1 1/4" 31.75 3/8" 9.53 3/8"
6-32
10-46A NL523W01-012 1 1/2" 38.10 3/8" 9.53 3/8"
6-32
10-46C NL523W01-016 2"
50.80 3/8" 9.53 3/8"
6-32
10-43
--
1/2"
12.70 1/2" 12.7 1/4"
6-32
10-44
--
3/4"
19.05 1/2" 12.7 1/4"
6-32
10-45
--
1"
25.40 1/2" 12.7 3/8"
6-32
10-46
--
1 1/2" 38.10 1/2" 12.7 3/8"
6-32
10-47
--
2 1/2" 63.50 1/2" 12.7 3/8"
6-32
10-40
NL523W02-005 5/8"
15.88 1/2" 12.7 3/16"
6-32
10-40A NL523W02-006 3/4"
19.05 1/2" 12.7 1/4"
8-32
10-40B NL523W02-008 1"
25.40 1/2" 12.7 3/8"
8-32
10-40C NL523W02-010 1 1/4" 31.75 1/2" 12.7 3/8"
8-32
10-40D NL523W02-012 1 1/2" 38.10 1/2" 12.7 3/8"
8-32
10-40E
NL523W02-016 2"
50.80 1/2" 12.7 3/8"
8-32
10-40F
NL523W02-020 2 1/2" 63.50 1/2" 12.7 3/8"
8-32
10-40G NL523W02-024 3"
76.20 1/2" 12.7 3/8"
8-32
10-44C --
3/4"
19.05 3/4" 19.05 1/4"
8-32
10-45C NL523W03-008 1"
25.40 3/4" 19.05 3/8"
10-32
10-45D NL523W03-010 1 1/4" 31.75 3/4" 19.05 3/8"
10-32
10-45E
NL523W03-012 1 1/2" 38.10 3/4" 19.05 3/8"
10-32
10-45F
NL523W03-016 2"
50.80 3/4" 19.05 3/8"
10-32
10-45G NL523W03-020 2 1/2" 63.50 3/4" 19.05 3/8"
10-32
10-45H NL523W03-024 3"
76.20 3/4" 19.05 3/8"
10-32
10-45S
NL523W03-032 4"
101.60 3/4" 19.05 3/8"
10-32
10-47B NL523W04-012 1 1/2" 38.10 1"
25.4 1/2"
1/4-20
10-47D NL523W04-016 2"
50.40 1"
25.4 5/8"
1/4-20
10-47E
NL523W04-020 2 1/2" 63.50 1"
25.4 5/8"
1/4-20
Standard Package:
To additional
Back to DABURN'S
.
Porcelain Insulators.
Home Page
4/2/03 9:53 PM
10-40 Steatite Standoffs
Page 2 of 3
http://www.daburn.com/10-40.html


Similar Part No. - 10-42A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10-42A ETC2-10-42A Datasheet
674Kb / 3P
   Steatite Standoffs
More results

Similar Description - 10-42A

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
62035 MICROPAC-62035 Datasheet
54Kb / 2P
   JAN AND JANTX QUALIFIED
logo
List of Unclassifed Man...
JAN1N4454 ETC2-JAN1N4454 Datasheet
38Kb / 2P
   1N4454 and IN4454-1 AVAILABLE IN JAN, JANTX, AND JANTXV
logo
Micropac Industries
62041 MICROPAC-62041 Datasheet
54Kb / 2P
   JAN AND JANTX QUALIFIED
JANTXV4N49U MICROPAC-JANTXV4N49U Datasheet
51Kb / 2P
   JAN, JANTX, JANTXV, AND JANS OPTOCOUPLERS
logo
Microsemi Corporation
JANTX1N649-1 MICROSEMI-JANTX1N649-1 Datasheet
91Kb / 1P
   1N649-1 AVAILABLE IN JAN, JANTX, AND JANTXV PER MIL-PRF-19500/240
logo
Micropac Industries
62035 MICROPAC-62035_V01 Datasheet
131Kb / 2P
   JAN AND JANTX QUALIFIED, HERMETIC LED INDICATORS
09/22/03
4N47 MICROPAC-4N47 Datasheet
91Kb / 3P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
4N22 MICROPAC-4N22 Datasheet
94Kb / 4P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
logo
Opto Electronics Co,. L...
1N5765 E-OEC-1N5765 Datasheet
100Kb / 2P
   JAN QUALIFIED HERMETIC LED INDICATORS
logo
Micropac Industries
4N22A MICROPAC-4N22A Datasheet
88Kb / 3P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com