Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4410GM Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP4410GM
Description  Low On-Resistance, Fast Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4410GM Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP4410GM Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4410GM Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4410GM Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4410GM Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4410GM Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AP4410GM
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
3
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =10A
V G =10V
0
50
100
150
200
01
2345
678
V DS , Drain-to-Source Voltage (V)
T A =25
o C
10V
8.0V
6.0V
V G =4.0V
0
50
100
150
024
68
V DS , Drain-to-Source Voltage (V)
T A =150
o C
V G =4.0V
6.0V
8.0V
10V
10
12
14
16
18
20
34
56
789
10
11
V GS , Gate-to-Source Voltage (V)
I D =10A
T A =25
o C
0.01
0.10
1.00
10.00
100.00
0
0.2
0.4
0.6
0.8
1
1.2
V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
0
1
2
3
-50
0
50
100
150
T j , Jujnction Temperature (
o C )


Similar Part No. - AP4410GM

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4410GM-HF A-POWER-AP4410GM-HF Datasheet
57Kb / 5P
   Simple Drive Requirement
AP4410GM A-POWER-AP4410GM_14 Datasheet
219Kb / 5P
   Simple Drive Requirement
More results

Similar Description - AP4410GM

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP60N03GJ A-POWER-AP60N03GJ Datasheet
72Kb / 4P
   Low On-Resistance Fast Switching
AP7811GM A-POWER-AP7811GM Datasheet
83Kb / 6P
   Low On-Resistance, Fast Switching
AP60N03GH A-POWER-AP60N03GH Datasheet
67Kb / 4P
   Low On-Resistance Fast Switching
AP6982GM A-POWER-AP6982GM Datasheet
102Kb / 7P
   Low On-resistance, Fast Switching Characteristic
AP6910GSM-HF A-POWER-AP6910GSM-HF Datasheet
90Kb / 7P
   Low On-resistance, Fast Switching Characteristic
AP0603GH-HF A-POWER-AP0603GH-HF Datasheet
99Kb / 4P
   Low On-resistance, Fast Switching Characteristic
AP6618GM-HF A-POWER-AP6618GM-HF Datasheet
100Kb / 4P
   Low On-resistance, Fast Switching Characteristic
AP0903GM-HF A-POWER-AP0903GM-HF Datasheet
100Kb / 4P
   Low On-resistance, Fast Switching Characteristic
logo
International Rectifier
AUIRFB8405 IRF-AUIRFB8405 Datasheet
228Kb / 12P
   New Ultra Low On-Resistance, Fast Switching
logo
Advanced Power Electron...
AP4407I-HF A-POWER-AP4407I-HF Datasheet
100Kb / 4P
   Lower On-resistance, Fast Switching Characteristic
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com