Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4411GM Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP4411GM
Description  Simple Drive Requirement, Low On-resistance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4411GM Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP4411GM Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4411GM Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4411GM Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4411GM Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AP4411GM
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
0
20
40
60
80
100
120
02
46
8
10
-V DS , Drain-to-Source Voltage (V)
T A =25
o C
V G =-4.0V
-10V
-8.0V
-6.0V
-4.5V
10
30
50
70
90
3579
11
-V GS , Gate-to-Source Voltage (V)
I D =-8.0A
T A =25
0.60
0.80
1.00
1.20
1.40
1.60
1.80
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =-8.0A
V G =-10V
1.0
1.5
2.0
2.5
3.0
-50
0
50
100
150
T j , Junction Temperature (
o C)
0
20
40
60
80
100
02
46
8
-V DS , Drain-to-Source Voltage (V)
T A =150
o C
V G =-4.0V
-4.5V
-6.0V
-8.0V
-10V
0
1
2
3
4
5
6
7
8
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C


Similar Part No. - AP4411GM

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4411GM-HF A-POWER-AP4411GM-HF_14 Datasheet
98Kb / 4P
   Simple Drive Requirement
AP4411GM-HF A-POWER-AP4411GM-HF_16 Datasheet
63Kb / 5P
   Simple Drive Requirement
More results

Similar Description - AP4411GM

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4880BGM-HF A-POWER-AP4880BGM-HF Datasheet
66Kb / 4P
   Low On-resistance, Simple Drive Requirement
AP0403GM-HF A-POWER-AP0403GM-HF Datasheet
91Kb / 4P
   Low On-resistance, Simple Drive Requirement
AP72T03GP-HF A-POWER-AP72T03GP-HF Datasheet
100Kb / 4P
   Simple Drive Requirement, Low On-resistance
AP83T02GH-HF A-POWER-AP83T02GH-HF Datasheet
103Kb / 4P
   Low On-resistance, Simple Drive Requirement
AP4575GM-HF A-POWER-AP4575GM-HF Datasheet
79Kb / 7P
   Simple Drive Requirement, Low On-resistance
AP9470GM-HF A-POWER-AP9470GM-HF Datasheet
99Kb / 4P
   Low On-resistance, Simple Drive Requirement
AP9560GH-HF A-POWER-AP9560GH-HF Datasheet
98Kb / 4P
   Low On-resistance, Simple Drive Requirement
AP4232GM-HF A-POWER-AP4232GM-HF Datasheet
213Kb / 5P
   Low On-Resistance, Simple Drive Requirement
AP4532GM A-POWER-AP4532GM Datasheet
105Kb / 11P
   Simple Drive Requirement, Low On-resistance
AP4501AGEY-HF A-POWER-AP4501AGEY-HF Datasheet
124Kb / 7P
   Simple Drive Requirement, Low On-resistance
AP6679BGH-HF A-POWER-AP6679BGH-HF Datasheet
104Kb / 4P
   Low On-resistance, Simple Drive Requirement
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com