Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54S_L99Z Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # BAT54S_L99Z
Description  Schottky Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BAT54S_L99Z Datasheet(HTML) 2 Page - Fairchild Semiconductor

  BAT54S_L99Z Datasheet HTML 1Page - Fairchild Semiconductor BAT54S_L99Z Datasheet HTML 2Page - Fairchild Semiconductor BAT54S_L99Z Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
www.fairchildsemi.com
BAT54/A/C/S Rev. E1
Typical Performance Characteristics
Figure 1. Forward Voltage vs Temperature
Figure 2. Reverse Leakage Current
vs Temperature
Figure 3. Capacitance vs Reverse Bias Voltage
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
100
oC
75
oC
25
oC
-25
oC
V
F-Forward Voltage [V]
0
5
10
15
20
25
30
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
100
oC
75
oC
125
oC
-25
oC
V
R-Reverse Voltage [V]
10-3
10-4
10-5
10-6
10-7
10-8
01
234567
89
10
2
4
6
8
10
12
14
16
V
R-Reverse Voltage [V]


Similar Part No. - BAT54S_L99Z

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
BAT54S;L44;SOT23 FUTUREWAFER-BAT54S;L44;SOT23 Datasheet
1Mb / 15P
   Surface Mount Schottky Barrier Diode
07-DEC-2021 V 2.1
logo
Unisonic Technologies
BAT54SWL-AL3-R UTC-BAT54SWL-AL3-R Datasheet
164Kb / 3P
   SCHOTTKY BARRIER (DUAL) DIODES
More results

Similar Description - BAT54S_L99Z

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com