Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFS80-7606J Datasheet(PDF) 3 Page - Amphenol Corporation

Part # NFS80-7606J
Description  Overvoltage and short circuit protection, Floating fourth output, Available RoHS compliant
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NFS80-7606J Datasheet(HTML) 3 Page - Amphenol Corporation

  NFS80-7606J Datasheet HTML 1Page - Amphenol Corporation NFS80-7606J Datasheet HTML 2Page - Amphenol Corporation NFS80-7606J Datasheet HTML 3Page - Amphenol Corporation NFS80-7606J Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev.02.16.07
NFS80 Series
3 of 4
Embedded Power for
Business-Critical Continuity
Specifications Contd.
Notes
1
Natural convection cooling.
2
Peak output current lasting less than 60 seconds with duty cycle ≤10%. During
peak loading, outputs may exceed total regulation limits.
3
Forced air cooling, 20 CFM @ 1 atmosphere.
4
50 MHz bandwidth, peak-to-peak, measured differentially.
5
Total regulation is defined as the static output regulation at 25 °C, including
initial tolerance, line voltage within stated limits, load currents within stated
limits, and output voltages adjusted to their factory settings. Also, for stated
regulation on the +24 V output, IA / IB ≤ 5.
6
Pins 10 and 11 are a floating output, which can be referenced as either positive
or negative. Pin 10 is positive with respect to pin 11. Either pin 10 or 11 must
be connected to return (pins 4-7) for proper operation.
7
Derating curve is application specific for ambient temperatures > 50 °C, for
optimum reliability, no part of the heatsink should exceed 110 ºC and no
semiconductor case temperature should exceed 115 ºC.
8
Caution: Allow a minimum of 1 second after disconnecting the power when
making thermal measurements.
9
Three orthogonal axes, random vibration, 10 minute test for each axis.
10 This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
11 For EMI compliance unit may need to be mounted on a metal chassis.
12 The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant. TSE
RoHS 5/6 (non Pb-free) compliant versions may be available on special request,
please contact your local sales representative for details.
13 NOTICE: Some models do not support all options. Please contact your local
Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
OUTPUT
OUTPUT CURRENTS
RIPPLE (4)
TOTAL
MODEL NUMBER (12,13,E)
VOLTAGE
MAX (1)
PEAK (2)
FAN (3)
REGULATION (5)
+5 V (IA)
8 A
20 A
15 A
50 mV
±2.0%
NFS80-7602J
+24 V (IB)
2 A
3 A
2.5 A
240 mV
+10.0/-5.0%
+12 V
2.5 A
6 A
3 A
120 mV
±3.0%
±12 V (6)
2.5 A
6 A
3 A
120 mV
±3.0%
+5 V (IA)
8 A
20 A
15 A
50 mV
±2.0%
NFS80-7606J
+24 V (IB)
2 A
3 A
2.5 A
240 mV
+10.0/-5.0%
+15 V
2.5 A
6 A
3 A
150 mV
±3.0%
±15 V (6)
2.5 A
6 A
3 A
150 mV
±3.0%
Output Power (Watts)
DERATING CURVE
110W
80W
20 CFM FORCED AIR COOLING
40W
NATURAL
CONVECTION
COOLING
55W
5W
0°C 10°C
20°C
30°C
40°C
50°C
60°C
70°C
5W MINIMUM LOAD NECESSARY


Similar Part No. - NFS80-7606J

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NFS80-7606J ARTESYN-NFS80-7606J Datasheet
118Kb / 3P
   80-110 W AC-DC Universal Input Switch Mode Power Supplies
logo
Emerson Network Power
NFS80-7606J EMERSON-NETWORKPOWER-NFS80-7606J Datasheet
245Kb / 4P
   80 W universal input ac-dc power supply
More results

Similar Description - NFS80-7606J

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM24S0C0 DELTA-IPM24S0C0 Datasheet
690Kb / 12P
   Output short circuit protection
IPM12C0A0R DELTA-IPM12C0A0R Datasheet
769Kb / 15P
   Output short circuit protection
IPM DELTA-IPM Datasheet
746Kb / 15P
   Output short circuit protection
logo
STMicroelectronics
STEVAL-ISA013V1 STMICROELECTRONICS-STEVAL-ISA013V1 Datasheet
105Kb / 5P
   Output short circuit protection
July 2007 Rev 1
logo
SynQor Worldwide Headqu...
PQ60150SMX03 SYNQOR-PQ60150SMX03 Datasheet
904Kb / 15P
   Output current limit and short circuit protection
PQ60033SMX15 SYNQOR-PQ60033SMX15 Datasheet
909Kb / 15P
   Output current limit and short circuit protection
SQ60120EPB25 SYNQOR-SQ60120EPB25 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
SQ60120ETA17 SYNQOR-SQ60120ETA17 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
logo
MMD Components
HC-49U MMD-HC-49U Datasheet
74Kb / 3P
   RoHS Compliant Available
HC-49-US MMD-HC-49-US Datasheet
142Kb / 3P
   RoHS Compliant Available
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com