Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCA2616 Datasheet(PDF) 6 Page - Texas Instruments

Part # VCA2616
Description  High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VCA2616 Datasheet(HTML) 6 Page - Texas Instruments

Back Button VCA2616 Datasheet HTML 2Page - Texas Instruments VCA2616 Datasheet HTML 3Page - Texas Instruments VCA2616 Datasheet HTML 4Page - Texas Instruments VCA2616 Datasheet HTML 5Page - Texas Instruments VCA2616 Datasheet HTML 6Page - Texas Instruments VCA2616 Datasheet HTML 7Page - Texas Instruments VCA2616 Datasheet HTML 8Page - Texas Instruments VCA2616 Datasheet HTML 9Page - Texas Instruments VCA2616 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
60
40
20
0
20
40
60
-
-
-
Frequency (MHz)
1
10
100
1000
V
= 10mV , V
= 1V
IN
PP
OUT
PP
V
= 100m
,
V
V
V
= 1
IN
PP
OUT
PP
V
= 1
,
V
V
V
= 1
IN
PP
OUT
PP
V
= 2
, V
V
V
= 200m
OUT
PP
IN
PP
V
= 2
, V
V
V
= 20m
OUT
PP
IN
PP
Frequency (MHz)
1
10
100
R = 500W
L
V = 1V
-
+ 10mV
C
DC
PP
3
0
3
6
9
12
15
18
-
-
-
-
-
-
Time (20ns/div)
V
= 2V
IN
PP
G = 20dB
-
G = 40dB
-
150
100
50
0
50
100
150
-
-
-
Time (20ns/div)
V
= 10mV
IN
PP
G = +40dB
G = +20dB
0.6
0.4
0.2
0
0.2
0.4
0.6
-
-
-
1.2
1.0
0.8
0.6
0.4
0.2
0
0.2
-
Time (20ns/div)
G = 0dB to 40dB, V
= 1V
-
IN
DC
G = 0dB to +40dB, V
= 10mV
IN
DC
60
40
20
0
20
40
60
80
100
-
-
-
-
-
Control Voltage, V (V)
C
0.5
0
-0.5
-1.0
-2.0
-1.5
-2.5
Specified Operating Range
Output Disabled for
+0.15V
V
£
£ +2V
C
VCA810
SBOS275F – JUNE 2003 – REVISED DECEMBER 2010
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V
At RL = 500Ω and VIN = single-ended input on V+ with V− at ground, unless otherwise noted.
SMALL
−SIGNAL FREQUENCY RESPONSE
GAIN CONTROL FREQUENCY RESPONSE
Figure 1.
Figure 2.
ATTENUATED PULSE RESPONSE
HIGH GAIN PULSE RESPONSE
Figure 3.
Figure 4.
GAIN CONTROL PULSE RESPONSE
GAIN vs CONTROL VOLTAGE
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright © 2003–2010, Texas Instruments Incorporated
Product Folder Link(s): VCA810


Similar Part No. - VCA2616

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VCA2616 BURR-BROWN-VCA2616 Datasheet
389Kb / 19P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
TEXAS ADVANCED OPTOELEC...
VCA2616 TAOS-VCA2616 Datasheet
1Mb / 23P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
Texas Instruments
VCA2616EVM TI1-VCA2616EVM Datasheet
405Kb / 10P
[Old version datasheet]   SINGLE-ENDED TO DIFFERENTIAL INPUT VIA TRANSFORMERS FOR VCA
logo
TEXAS ADVANCED OPTOELEC...
VCA2616YR TAOS-VCA2616YR Datasheet
1Mb / 23P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
VCA2616YT TAOS-VCA2616YT Datasheet
1Mb / 23P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
More results

Similar Description - VCA2616

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA810 TI1-VCA810_16 Datasheet
1Mb / 40P
[Old version datasheet]   VCA810 High Gain Adjust Range, Wideband and Variable Gain Amplifier
VCA821 TI1-VCA821_12 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821IDGSRG4 TI1-VCA821IDGSRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA822 TI-VCA822 Datasheet
899Kb / 35P
[Old version datasheet]   Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
VCA820IDGSRG4 TI-VCA820IDGSRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, > 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSR TI-VCA820IDGSR Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA824 TI-VCA824_08 Datasheet
1Mb / 36P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
logo
Burr-Brown (TI)
VCA810 BURR-BROWN-VCA810 Datasheet
417Kb / 25P
   High Gain Adjust Range, Wideband, Voltage-Controlled Amplifier
logo
Texas Instruments
VCA824 TI1-VCA824_17 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA824 TI1-VCA824_16 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com