Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VEMD2000X01 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VEMD2000X01
Description  Silicon PIN Photodiode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VEMD2000X01 Datasheet(HTML) 7 Page - Vishay Siliconix

  VEMD2000X01 Datasheet HTML 1Page - Vishay Siliconix VEMD2000X01 Datasheet HTML 2Page - Vishay Siliconix VEMD2000X01 Datasheet HTML 3Page - Vishay Siliconix VEMD2000X01 Datasheet HTML 4Page - Vishay Siliconix VEMD2000X01 Datasheet HTML 5Page - Vishay Siliconix VEMD2000X01 Datasheet HTML 6Page - Vishay Siliconix VEMD2000X01 Datasheet HTML 7Page - Vishay Siliconix VEMD2000X01 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Document Number: 81962
For technical questions, contact: detectortechsupport@vishay.com
www.vishay.com
Rev. 1.1, 23-Jul-09
7
VEMD2000X01, VEMD2020X01
Silicon PIN Photodiode
Vishay Semiconductors
TAPING AND REEL DIMENSIONS in millimeters: VEMD2020
Drawing-No.:
9.800-5091.01-4
Leader and trailer tape:
Parts mounted
Empty (400 mm min.)
Empty (160 mm min.)
Direction of pulling out
Unreel direction
Reel
Label posted here
coming out from reel
Tape position
X
12.4 ± 1.5
X 2:1
I
II
6000 pcs/reel
2 ± 0.05
4 ± 0.1
4± 0.1
Ø 1.55 ± 0.05
3.05 ± 0.1
Terminal position in tape
21571
technical drawings
according to DIN
specifications
Issue: X; 29.04.09
Device
Lead I
Lead II
VSMB2020
VEMD2020
Cathode
Anode
VEMT2020
VEMT2520
Collector
Emitter


Similar Part No. - VEMD2000X01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VEMD2000X01 VISHAY-VEMD2000X01 Datasheet
146Kb / 8P
   Silicon PIN Photodiode
Rev. 1.3, 23-Aug-11
VEMD2000X01 VISHAY-VEMD2000X01 Datasheet
143Kb / 8P
   Silicon PIN Photodiode
01-Jan-2022
VEMD2000X01 VISHAY-VEMD2000X01 Datasheet
143Kb / 8P
   Silicon PIN Photodiode
01-Jan-2022
VEMD2000X01 VISHAY-VEMD2000X01 Datasheet
143Kb / 8P
   Silicon PIN Photodiode
01-Jan-2023
VEMD2000X01 VISHAY-VEMD2000X01_11 Datasheet
146Kb / 8P
   Silicon PIN Photodiode
Rev. 1.3, 23-Aug-11
More results

Similar Description - VEMD2000X01

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
   Silicon PIN Photodiode
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
   PIN SILICON PHOTODIODE
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
   Silicon PIN Photodiode
Rev. 3, 16-Nov-99
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
   Silicon PIN Photodiode
Rev. 1.0, 09-Jan-14
VBPW34FAS VISHAY-VBPW34FAS_11 Datasheet
164Kb / 8P
   Silicon PIN Photodiode
Rev. 1.2, 24-Aug-11
TEFD4300 VISHAY-TEFD4300_14 Datasheet
93Kb / 5P
   Silicon PIN Photodiode
Rev. 1.2, 04-Aug-14
BPV23NF VISHAY-BPV23NF_11 Datasheet
126Kb / 5P
   Silicon PIN Photodiode
Rev. 1.8, 24-Aug-11
T1110P6 VISHAY-T1110P6_14 Datasheet
79Kb / 4P
   Silicon PIN Photodiode
Rev. 1.5, 21-May-14
T1180P6 VISHAY-T1180P6 Datasheet
87Kb / 5P
   Silicon PIN Photodiode
Rev. 1.2, 07-Dec-15
T1187P6 VISHAY-T1187P6 Datasheet
101Kb / 5P
   Silicon PIN Photodiode
Rev. 1.1, 14-Apr-15
VEMD6060X01 VISHAY-VEMD6060X01 Datasheet
168Kb / 8P
   Silicon PIN Photodiode
Rev. 1.0, 14-Jan-16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com