Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VER2923-472KL Datasheet(PDF) 1 Page - Cirrus Logic

Part # VER2923-472KL
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

VER2923-472KL Datasheet(HTML) 1 Page - Cirrus Logic

  VER2923-472KL Datasheet HTML 1Page - Cirrus Logic VER2923-472KL Datasheet HTML 2Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical of high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
Shielded Power Inductors–VER2923
Document 834-1
Document 834-1 Revised 02/15/12
Core material Ferrite
Terminations RoHS compliant tin-silver over copper. Other termina-
tions available at additional cost.
Weight 37 g
Ambient temperature –40°C to +85°C with Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +85°C.
Packaging: –40°C to +80°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 25 parts per tray
PCB washing Only pure water or alcohol recommended
Part
Inductance1
DCR (mOhms)2
SRF typ3
Isat (A)4
Irms (A)5
number
±10% (µH)
nom
max
(MHz)
10% drop
20% drop
30% drop
20°C rise 40°C rise
VER2923-332KL
3.3
2.3
2.6
40
95.0
104
108
19
26
VER2923-472KL
4.7
2.3
2.6
30
63.0
69.0
72.0
19
26
VER2923-682KL
6.8
2.3
2.6
25
48.0
53.0
56.0
19
26
VER2923-103KL
10
2.3
2.6
20
30.0
34.0
37.0
19
26
VER2923-153KL
15
2.3
2.6
16
20.5
23.0
24.5
19
26
VER2923-223KL
22
2.3
2.6
13
12.2
14.7
16.4
19
26
VER2923-333KL
33
2.3
2.6
10
7.5
9.2
10.3
19
26
1. Inductance tested at 300 kHz, 0.1 Vrms on Agilent/HP 4192A.
2. DCR measured on a Keithley 580 micro-ohmmeter or equivalent.
3. SRF measured on an Agilent/HP 8753ES network analyzer.
4. DC current at which the inductance drops the specified amount from its value without cur-
rent.
5. Current that causes the specified temperature rise of the winding from 25°C ambient.
Temperature rise of the core is usually less than that of the winding.
When Irms is greater than Isat, Isat is the more critical specification and Irms is shown in
gray type.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
• Designed for high current power supply applications with
saturation current ratings to over 100 Amps
• IdealforuseinClass-Dapplications
• FlatwirewindingsprovideextremelylowDCandACresistance
• Verticalmountingprovidesasmallfootprint
Caution:
This series is not intended for use
in high vibration environments. We
advise using additional means of
securing the part to the circuit board
to ensure its adhesion.


Similar Part No. - VER2923-472KL

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
VER24 XPPOWER-VER24 Datasheet
675Kb / 4P
   VER24 Series AC-DC Power Supplies
VER24US120-JA XPPOWER-VER24US120-JA Datasheet
675Kb / 4P
   VER24 Series AC-DC Power Supplies
VER24US150-JA XPPOWER-VER24US150-JA Datasheet
675Kb / 4P
   VER24 Series AC-DC Power Supplies
VER24US180-JA XPPOWER-VER24US180-JA Datasheet
675Kb / 4P
   VER24 Series AC-DC Power Supplies
VER24US240-JA XPPOWER-VER24US240-JA Datasheet
675Kb / 4P
   VER24 Series AC-DC Power Supplies
More results

Similar Description - VER2923-472KL

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com