Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VER2923-472KL Datasheet(PDF) 2 Page - Cirrus Logic

Part # VER2923-472KL
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

VER2923-472KL Datasheet(HTML) 2 Page - Cirrus Logic

  VER2923-472KL Datasheet HTML 1Page - Cirrus Logic VER2923-472KL Datasheet HTML 2Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical of high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
Shielded Power Inductors – VER2923 Series
Document 834-2
Document 834-2 Revised 02/15/12
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Irms Derating
L vs Current
L vs Frequency
Dimensions are in
inches
mm
1
10
100
0.1
1
100
10
Current (A)
33 µH
22 µH
15 µH
10 µH
6.8 µH
4.7 µH
3.3 µH
1
10
100
0.1
1
100
10
Frequency (MHz)
33 µH
22 µH
15 µH
10 µH
6.8 µH
4.7 µH
3.3 µH


Similar Part No. - VER2923-472KL

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
VER24 XPPOWER-VER24 Datasheet
675Kb / 4P
   VER24 Series AC-DC Power Supplies
VER24US120-JA XPPOWER-VER24US120-JA Datasheet
675Kb / 4P
   VER24 Series AC-DC Power Supplies
VER24US150-JA XPPOWER-VER24US150-JA Datasheet
675Kb / 4P
   VER24 Series AC-DC Power Supplies
VER24US180-JA XPPOWER-VER24US180-JA Datasheet
675Kb / 4P
   VER24 Series AC-DC Power Supplies
VER24US240-JA XPPOWER-VER24US240-JA Datasheet
675Kb / 4P
   VER24 Series AC-DC Power Supplies
More results

Similar Description - VER2923-472KL

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com